Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7124-4BCPZ-RL7 Datasheet(PDF) 8 Page - Analog Devices

Part # AD7124-4BCPZ-RL7
Description  4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7124-4BCPZ-RL7 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD7124-4BCPZ-RL7 Datasheet HTML 4Page - Analog Devices AD7124-4BCPZ-RL7 Datasheet HTML 5Page - Analog Devices AD7124-4BCPZ-RL7 Datasheet HTML 6Page - Analog Devices AD7124-4BCPZ-RL7 Datasheet HTML 7Page - Analog Devices AD7124-4BCPZ-RL7 Datasheet HTML 8Page - Analog Devices AD7124-4BCPZ-RL7 Datasheet HTML 9Page - Analog Devices AD7124-4BCPZ-RL7 Datasheet HTML 10Page - Analog Devices AD7124-4BCPZ-RL7 Datasheet HTML 11Page - Analog Devices AD7124-4BCPZ-RL7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 90 page
background image
AD7124-4
Data Sheet
Rev. A | Page 8 of 90
Parameter1
Min
Typ
Max
Unit
Test Conditions/Comments
EXCITATION CURRENT SOURCES (IOUT0/IOUT1)
Available on any analog input pin
Output Current
50/100/250/
500/750/1000
µA
Initial Tolerance
±4
%
TA = 25°C
Drift
50
ppm/°C
Current Matching
±0.5
%
Matching between IOUT0 and
IOUT1, VOUT = 0 V
Drift Matching
5
30
ppm/°C
Line Regulation (AVDD)
2
%/V
AVDD = 3 V ± 5%
Load Regulation
0.2
%/V
Output Compliance2
AVSS − 0.05
AVDD − 0.37
V
50 µA/100 µA/250 µA/500 µA
current sources, 2% accuracy
AVSS − 0.05
AVDD − 0.48
V
750 µA and 1000 µA current
sources, 2% accuracy
BIAS VOLTAGE (VBIAS) GENERATOR
Available on any analog input pin
VBIAS
AVSS + (AVDD
AVSS)/2
V
VBIAS Generator Start-Up Time
6.7
µs/nF
Dependent on the capacitance
connected to AIN
TEMPERATURE SENSOR
Accuracy
±0.5
°C
Sensitivity
13,584
Codes/°C
LOW-SIDE POWER SWITCH
On Resistance (RON)
7
10
Allowable Current2
30
mA
Continuous current
BURNOUT CURRENTS
AIN Current
0.5/2/4
µA
Analog inputs must be buffered
DIGITAL OUTPUTS (P1 to P4)
Output Voltage
High, VOH
AVDD − 0.6
V
ISOURCE = 100 µA
Low, VOL
0.4
V
ISINK = 100 µA
DIAGNOSTICS
Power Supply Monitor Detect Level
Analog Low Dropout Regulator (ALDO)
1.6
V
AVDD − AVSS ≥ 2.7 V
Digital LDO (DLDO)
1.55
V
IOVDD ≥ 1.75 V
Reference Detect Level
0.7
1
V
REF_DET_ERR bit active if VREF < 0.7 V
AINM/AINP Overvoltage Detect Level
AVDD + 0.04
V
AINM/AINP Undervoltage Detect Level
AVSS − 0.04
V
INTERNAL/EXTERNAL CLOCK
Internal Clock
Frequency
614.4 − 5%
614.4
614.4 + 5%
kHz
Duty Cycle
50:50
%
External Clock
Frequency
2.4576
MHz
Internal divide by 4
Duty Cycle Range
45:55 to 55:45
%
LOGIC INPUTS2
Input Voltage
Low, VINL
0.3 × IOVDD
V
1.65 V ≤ IOVDD < 1.9 V
0.35 × IOVDD
V
1.9 V ≤ IOVDD < 2.3 V
0.7
V
2.3 V ≤ IOVDD ≤ 3.6 V
High, VINH
0.7 × IOVDD
V
1.65 V ≤ IOVDD < 1.9 V
0.65 × IOVDD
V
1.9 V ≤ IOVDD < 2.3 V
1.7
V
2.3 V ≤ IOVDD < 2.7 V
2
V
2.7 V ≤ IOVDD ≤ 3.6 V
Hysteresis
0.2
0.6
V
1.65 V ≤ IOVDD ≤ 3.6 V
Input Currents
−1
+1
µA
VIN = IOVDD or GND
Input Capacitance
10
pF
All digital inputs


Similar Part No. - AD7124-4BCPZ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7124-4-EP AD-AD7124-4-EP Datasheet
272Kb / 17P
   4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
Rev. 0
AD7124-4TRUZ-EP AD-AD7124-4TRUZ-EP Datasheet
272Kb / 17P
   4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
Rev. 0
AD7124-4TRUZ-EP-R7 AD-AD7124-4TRUZ-EP-R7 Datasheet
272Kb / 17P
   4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
Rev. 0
More results

Similar Description - AD7124-4BCPZ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7124-4-EP AD-AD7124-4-EP Datasheet
272Kb / 17P
   4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
Rev. 0
ADFS7124-4 AD-ADFS7124-4 Datasheet
3Mb / 93P
   4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
Rev. 0
AD7124-8 AD-AD7124-8 Datasheet
1Mb / 91P
   8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
AD7124-8 AD-AD7124-8_17 Datasheet
1Mb / 93P
   8-Channel, Low Noise, Low Power, 24-Bit Sigma-Delta ADC with PGA and Reference
ADFS7124-8 AD-ADFS7124-8 Datasheet
2Mb / 93P
   8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
Rev. 0
AD7193 AD-AD7193_17 Datasheet
1Mb / 57P
   24-Bit Sigma-Delta ADC with PGA
AD7190 AD-AD7190 Datasheet
178Kb / 21P
   4.8 kHz Ultra-Low Noise 24-Bit Sigma-Delta ADC with PGA
Rev.PrD 7/08
AD7194 AD-AD7194_17 Datasheet
1Mb / 55P
   24-Bit Sigma-Delta ADC with PGA
logo
Maxim Integrated Produc...
MAX11410A MAXIM-MAX11410A Datasheet
1Mb / 95P
   24-Bit, Multichannel, Low-Power 1.9ksps Delta-Sigma ADC with PGA
Rev 0; 10/20
logo
Intersil Corporation
ISL26102AVZ INTERSIL-ISL26102AVZ Datasheet
909Kb / 21P
   Low-Noise 24-bit Delta Sigma ADC
October 12, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com