Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7915BRMZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD7915BRMZ
Description  16-Bit, 1 MSPS/500 kSPS Differential PulSAR ADCs
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7915BRMZ Datasheet(HTML) 5 Page - Analog Devices

  AD7915BRMZ Datasheet HTML 1Page - Analog Devices AD7915BRMZ Datasheet HTML 2Page - Analog Devices AD7915BRMZ Datasheet HTML 3Page - Analog Devices AD7915BRMZ Datasheet HTML 4Page - Analog Devices AD7915BRMZ Datasheet HTML 5Page - Analog Devices AD7915BRMZ Datasheet HTML 6Page - Analog Devices AD7915BRMZ Datasheet HTML 7Page - Analog Devices AD7915BRMZ Datasheet HTML 8Page - Analog Devices AD7915BRMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
Data Sheet
AD7915/AD7916
Rev. 0 | Page 5 of 26
TIMING SPECIFICATIONS
TA = −40°C to +125°C, VDD = 2.37 V to 2.63 V, VIO = 2.3 V to 5.5 V, CLOAD_SDO = 20 pF, unless otherwise noted. See Figure 2 for voltage levels.
Table 3.
Parameter
Symbol
Min
Typ
Max
Unit
AD7915
Throughput Rate
1
MSPS
Conversion Time: CNV Rising Edge to Data Available
tCONV
500
710
ns
Acquisition Time
tACQ
290
ns
Time Between Conversions
tCYC
1
μs
AD7916
Throughput Rate
500
kSPS
Conversion Time: CNV Rising Edge to Data Available
tCONV
0.5
1.6
μs
Acquisition Time
tACQ
400
ns
Time Between Conversions
tCYC
2
μs
CNV Pulse Width (CS Mode)
tCNVH
10
ns
SCK Period (CS Mode)
tSCK
VIO Above 4.5 V
10.5
ns
VIO Above 3 V
12
ns
VIO Above 2.7 V
13
ns
VIO Above 2.3 V
15
ns
SCK Period (Chain Mode)
tSCK
VIO Above 4.5 V
11.5
ns
VIO Above 3 V
13
ns
VIO Above 2.7 V
14
ns
VIO Above 2.3 V
16
ns
SCK Low Time
tSCKL
4.5
ns
SCK High Time
tSCKH
4.5
ns
SCK Falling Edge to Data Remains Valid
tHSDO
3
ns
SCK Falling Edge to Data Valid Delay
tDSDO
VIO Above 4.5 V
9.5
ns
VIO Above 3 V
11
ns
VIO Above 2.7 V
12
ns
VIO Above 2.3 V
14
ns
CNV or SDI Low to SDO D15 MSB Valid (CS Mode)
tEN
VIO Above 3 V
10
ns
VIO Above 2.3 V
15
ns
CNV or SDI High or Last SCK Falling Edge to SDO High Impedance (CS Mode)
tDIS
20
ns
SDI Valid Setup Time from CNV Rising Edge (CS Mode)
tSSDICNV
5
ns
SDI Valid Hold Time from CNV Rising Edge (CS Mode)
tHSDICNV
2
ns
SCK Valid Setup Time from CNV Rising Edge (Chain Mode)
tSSCKCNV
5
ns
SCK Valid Hold Time from CNV Rising Edge (Chain Mode)
tHSCKCNV
5
ns
SDI Valid Setup Time from SCK Falling Edge (Chain Mode)
tSSDISCK
2
ns
SDI Valid Hold Time from SCK Falling Edge (Chain Mode)
tHSDISCK
3
ns
SDI High to SDO High (Chain Mode with Busy Indicator)
tDSDOSDI
15
ns
X% VIO1
Y% VIO1
VIH2
VIL2
VIL2
VIH2
tDELAY
tDELAY
1FOR VIO ≤ 3.0V, X = 90 AND Y = 10; FOR VIO > 3.0V, X = 70 AND Y = 30.
2MINIMUM VIH AND MAXIMUM VIL USED. SEE THE DIGITAL INPUTS
SPECIFICATIONS IN TABLE 3.
Figure 2. Voltage Levels for Timing


Similar Part No. - AD7915BRMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7910 AD-AD7910 Datasheet
1Mb / 20P
   250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
REV. B
AD7910AKS-500RL7 AD-AD7910AKS-500RL7 Datasheet
1Mb / 20P
   250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
REV. B
AD7910AKS-REEL AD-AD7910AKS-REEL Datasheet
1Mb / 20P
   250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
REV. B
AD7910AKS-REEL AD-AD7910AKS-REEL Datasheet
493Kb / 24P
   250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
REV. C
AD7910AKS-REEL7 AD-AD7910AKS-REEL7 Datasheet
1Mb / 20P
   250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
REV. B
More results

Similar Description - AD7915BRMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7686 AD-AD7686_15 Datasheet
507Kb / 28P
   16-Bit, 500 kSPS PulSAR
REV. C
AD4022 AD-AD4022 Datasheet
1Mb / 39P
   20-Bit, 1.8 MSPS/1 MSPS/500 kSPS, Easy Drive, Differential SAR ADCs
AD4682 AD-AD4682 Datasheet
656Kb / 30P
   Pseudo Differential Input, 1 MSPS/500 kSPS, Dual, Simultaneous Sampling, 16-Bit, SAR ADCs
AD4695 AD-AD4695 Datasheet
1Mb / 96P
   16-Bit, 16-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADCs
logo
List of Unclassifed Man...
AD7989-1BRMZ ETC2-AD7989-1BRMZ Datasheet
521Kb / 24P
   18-Bit, 100 kSPS/500 kSPS PulSAR ADCs in MSOP/LFCSP
logo
Analog Devices
AD7989-1 AD-AD7989-1 Datasheet
566Kb / 24P
   18-Bit, 100 kSPS/500 kSPS PulSAR ADCs in MSOP/LFCSP
AD4630-16 AD-AD4630-16_V01 Datasheet
1Mb / 51P
   16-Bit, 2 MSPS/500 kSPS, Dual Channel SAR ADCs
Rev. A
AD4680 AD-AD4680 Datasheet
427Kb / 29P
   Differential Inputs, 1 MSPS/500 kSPS, Dual Simultaneous Sampling SAR ADCs
AD4684 AD-AD4684 Datasheet
1Mb / 32P
   1 MSPS/500 kSPS, 4-Channel, 16-Bit Dual, Simultaneous Sampling SAR ADCs
Rev. 0
logo
Microchip Technology
MCP33131D MICROCHIP-MCP33131D Datasheet
3Mb / 59P
   1 Msps/500 kSPS 16/14/12-Bit Differential Input SAR ADC
08/15/18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com