Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7915BRMZ Datasheet(PDF) 3 Page - Analog Devices

Part # AD7915BRMZ
Description  16-Bit, 1 MSPS/500 kSPS Differential PulSAR ADCs
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7915BRMZ Datasheet(HTML) 3 Page - Analog Devices

  AD7915BRMZ Datasheet HTML 1Page - Analog Devices AD7915BRMZ Datasheet HTML 2Page - Analog Devices AD7915BRMZ Datasheet HTML 3Page - Analog Devices AD7915BRMZ Datasheet HTML 4Page - Analog Devices AD7915BRMZ Datasheet HTML 5Page - Analog Devices AD7915BRMZ Datasheet HTML 6Page - Analog Devices AD7915BRMZ Datasheet HTML 7Page - Analog Devices AD7915BRMZ Datasheet HTML 8Page - Analog Devices AD7915BRMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
Data Sheet
AD7915/AD7916
Rev. 0 | Page 3 of 26
SPECIFICATIONS
VDD = 2.5 V, VIO = 2.3 V to 5.5 V, VREF = 5 V, TA = −40°C to +125°C, unless otherwise noted.
Table 2.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
RESOLUTION
16
Bits
ANALOG INPUT
Voltage Range
IN+ − IN−
−VREF
+VREF
V
Absolute Input Voltage
IN+, IN−
−0.1
VREF + 0.1
V
Common-Mode Input Range
IN+, IN−
VREF × 0.475
VREF × 0.5
VREF × 0.525
V
Analog Input Common-Mode
Rejection Ratio (CMRR)
fIN = 450 kHz
60
dB
Leakage Current at 25°C
Acquisition phase
1
nA
Input Impedance
See the Analog Inputs section
ACCURACY
No Missing Codes
16
Bits
Differential Nonlinearity (DNL) Error
VREF = 5 V
−0.9
±0.4
+0.9
LSB1
VREF = 2.5 V
±0.5
LSB1
Integral Nonlinearity (INL) Error
VREF = 5 V
−1
±0.4
+1
LSB1
VREF = 2.5 V
±0.5
LSB1
Transition Noise
VREF = 5 V
0.75
LSB1
VREF = 2.5 V
1.2
LSB1
Gain Error2
TMIN to TMAX
−10
0
+10
LSB1
Gain Error Temperature Drift
±0.23
ppm/°C
Zero Error2
TMIN to TMAX
−0.5
±0.08
+0.5
mV
Zero Temperature Drift
0.28
ppm/°C
Power Supply Sensitivity
VDD = 2.5 V ± 5%
±0.1
dB
THROUGHPUT
AD7915 Conversion Rate
0
1000
kSPS
AD7916 Conversion Rate
0
500
kSPS
Transient Response
Full-scale step
290
ns
AC ACCURACY
Dynamic Range
VREF = 5 V
95.5
dB3
VREF = 2.5 V
92
dB3
Oversampled Dynamic Range4
fO = 10 kSPS
113.5
dB3
Signal-to-Noise Ratio (SNR)
fIN = 1 kHz, VREF = 5 V
93
94
dB3
fIN = 1 kHz, VREF = 2.5 V
89
91
dB3
Spurious-Free Dynamic Range (SFDR)
fIN = 1 kHz
−118
dB3
Total Harmonic Distortion (THD)
fIN = 1 kHz
−118.5
dB3
Signal-to-Noise-and-Distortion Ratio
(SINAD)
fIN = 1 kHz, VREF = 5 V
93.5
dB3
fIN = 1 kHz, VREF = 2.5 V
90.5
dB3
REFERENCE
Voltage Range
2.4
5.1
V
Load Current
VREF = 5 V
330
μA
SAMPLING DYNAMICS
−3 dB Input Bandwidth
10
MHz
Aperture Delay
VDD = 2.5 V
2
ns


Similar Part No. - AD7915BRMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7910 AD-AD7910 Datasheet
1Mb / 20P
   250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
REV. B
AD7910AKS-500RL7 AD-AD7910AKS-500RL7 Datasheet
1Mb / 20P
   250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
REV. B
AD7910AKS-REEL AD-AD7910AKS-REEL Datasheet
1Mb / 20P
   250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
REV. B
AD7910AKS-REEL AD-AD7910AKS-REEL Datasheet
493Kb / 24P
   250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
REV. C
AD7910AKS-REEL7 AD-AD7910AKS-REEL7 Datasheet
1Mb / 20P
   250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
REV. B
More results

Similar Description - AD7915BRMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7686 AD-AD7686_15 Datasheet
507Kb / 28P
   16-Bit, 500 kSPS PulSAR
REV. C
AD4022 AD-AD4022 Datasheet
1Mb / 39P
   20-Bit, 1.8 MSPS/1 MSPS/500 kSPS, Easy Drive, Differential SAR ADCs
AD4682 AD-AD4682 Datasheet
656Kb / 30P
   Pseudo Differential Input, 1 MSPS/500 kSPS, Dual, Simultaneous Sampling, 16-Bit, SAR ADCs
AD4695 AD-AD4695 Datasheet
1Mb / 96P
   16-Bit, 16-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADCs
logo
List of Unclassifed Man...
AD7989-1BRMZ ETC2-AD7989-1BRMZ Datasheet
521Kb / 24P
   18-Bit, 100 kSPS/500 kSPS PulSAR ADCs in MSOP/LFCSP
logo
Analog Devices
AD7989-1 AD-AD7989-1 Datasheet
566Kb / 24P
   18-Bit, 100 kSPS/500 kSPS PulSAR ADCs in MSOP/LFCSP
AD4630-16 AD-AD4630-16_V01 Datasheet
1Mb / 51P
   16-Bit, 2 MSPS/500 kSPS, Dual Channel SAR ADCs
Rev. A
AD4680 AD-AD4680 Datasheet
427Kb / 29P
   Differential Inputs, 1 MSPS/500 kSPS, Dual Simultaneous Sampling SAR ADCs
AD4684 AD-AD4684 Datasheet
1Mb / 32P
   1 MSPS/500 kSPS, 4-Channel, 16-Bit Dual, Simultaneous Sampling SAR ADCs
Rev. 0
logo
Microchip Technology
MCP33131D MICROCHIP-MCP33131D Datasheet
3Mb / 59P
   1 Msps/500 kSPS 16/14/12-Bit Differential Input SAR ADC
08/15/18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com