Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9655BCPZ-125 Datasheet(PDF) 8 Page - Analog Devices

Part # AD9655BCPZ-125
Description  Dual, 16-Bit, 125 MSPS Serial LVDS,1.8 V Analog-to-Digital Converter
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9655BCPZ-125 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9655BCPZ-125 Datasheet HTML 4Page - Analog Devices AD9655BCPZ-125 Datasheet HTML 5Page - Analog Devices AD9655BCPZ-125 Datasheet HTML 6Page - Analog Devices AD9655BCPZ-125 Datasheet HTML 7Page - Analog Devices AD9655BCPZ-125 Datasheet HTML 8Page - Analog Devices AD9655BCPZ-125 Datasheet HTML 9Page - Analog Devices AD9655BCPZ-125 Datasheet HTML 10Page - Analog Devices AD9655BCPZ-125 Datasheet HTML 11Page - Analog Devices AD9655BCPZ-125 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
AD9655
Data Sheet
SWITCHING SPECIFICATIONS
AVDD = 1.8 V and DRVDD = 1.8 V, unless otherwise noted.
Table 6.
Parameter1, 2
Temperature
Min
Typ
Max
Unit
CLOCK3
Input Clock Rate
Full
20
1000
MHz
Conversion Rate
Full
20
125
MSPS
Clock Pulse Width High (tEH)
Full
4.00
ns
Clock Pulse Width Low (tEL)
Full
4.00
ns
OUTPUT PARAMETERS3
Propagation Delay (tPD)4
Full
(tSAMPLE/4) + 5
(tSAMPLE/4) + 6.1
(tSAMPLE/4) + 7
ns
Rise Time (tR)5 (20% to 80%)
Full
170
ps
Fall Time (tF)5 (20% to 80%)
Full
160
ps
FCO Propagation Delay (tFCO)4
Full
(tSAMPLE/4) + 5
(tSAMPLE/4) + 6.1
(tSAMPLE/4) + 7
ns
DCO Propagation Delay (tCPD)4
Full
tFCO + (tSAMPLE/16) + 0.2
ns
DCO to Data Delay (tDATA)4, 6
Full
(tSAMPLE/16) − 500
(tSAMPLE/16) + 100
ps
FCO to DCO Delay (tFRAME)4, 7
Full
(tSAMPLE/16) + 10
(tSAMPLE/16) + 330
ps
Data to Data Skew
Full
±37
±80
ps
Wake-Up Time (Standby)
25°C
250
ns
Wake-Up Time (Power-Down)8
25°C
250
ms
Pipeline Latency
Full
16
Clock cycles
APERTURE
Aperture Delay (tA)9
25°C
1
ns
Aperture Uncertainty (Jitter, tJ5,9)
25°C
80
fs rms
Out-of-Range Recovery Time
25°C
1
Clock cycles
1
See the AN-835 Application Note, Understanding High Speed ADC Testing and Evaluation, for definitions and for details on how these tests were completed.
2
Measured on standard FR-4 material.
3
The Output parameters can be adjusted via the SPI. The conversion rate is the clock rate after the divider. Valid for 2-lane operation.
4
tSAMPLE = tEH + tEL = 1/fS. tCPD, tDATA and tFRAME are adjustable with SPI Register 0x16.
5
This term does not appear in the Timing Diagrams section, which includes Figure 2 and Figure 3.
6
tDATA is the time from DCO rise or fall to output data rise or fall.
7
tFRAME is the time from FCO rise to DCO rise.
8
Wake-up time from power-down is defined as the time required to return to normal operation from SPI power-down mode. The value of 250 ms assumes a sample
rate of 125 MSPS. About 31 × 106 sample clock cycles are required.
9
tA and tJ are with Register 0x09 = 0x04 (default, duty cycle stabilizer and clock divider are bypassed).
TIMING SPECIFICATIONS
Table 7.
Parameter
Description
Limit
Unit
SPI TIMING REQUIREMENTS
See Figure 68, unless otherwise noted
tDS
Setup time between the data and the rising edge of SCLK
4
ns min
tDH
Hold time between the data and the rising edge of SCLK
2
ns min
tCLK
Period of the SCLK
40
ns min
tS
Setup time between CSB and SCLK
2
ns min
tH
Hold time between CSB and SCLK
2
ns min
tHIGH
SCLK pulse width high
10
ns min
tLOW
SCLK pulse width low
10
ns min
tEN_SDIO1
Time required for the SDIO pin to switch from an input to an output relative to the
SCLK falling edge
10
ns min
tDIS_SDIO1
Time required for the SDIO pin to switch from an output to an input relative to the
SCLK rising edge
10
ns min
1
This parameter is not shown in Figure 68.
Rev. 0 | Page 8 of 37


Similar Part No. - AD9655BCPZ-125

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9655BCPZ-125 AD-AD9655BCPZ-125 Datasheet
1Mb / 38P
   Dual, 16-Bit, 125 MSPS Serial LVDS, 1.8 V Analog-to-Digital Converter
More results

Similar Description - AD9655BCPZ-125

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9655 AD-AD9655_17 Datasheet
1Mb / 38P
   Dual, 16-Bit, 125 MSPS Serial LVDS, 1.8 V Analog-to-Digital Converter
AD9635 AD-AD9635 Datasheet
950Kb / 36P
   Dual, 12-Bit, 80 MSPS/125 MSPS, Serial LVDS 1.8 V Analog-to-Digital Converter
AD9681 AD-AD9681 Datasheet
1Mb / 40P
   Octal, 14-Bit, 125 MSPS, Serial LVDS, 1.8 V Analog-to-Digital Converter
REV. A
AD9656 AD-AD9656 Datasheet
1Mb / 47P
   Quad, 16-Bit, 125 MSPS 1.8 V Analog-to-Digital Converter
AD9265 AD-AD9265 Datasheet
2Mb / 44P
   16-Bit, 125 MSPS/105 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
REV. A
AD9265 AD-AD9265_13 Datasheet
1Mb / 45P
   16-Bit, 125 MSPS/105 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
AD9653 AD-AD9653 Datasheet
1Mb / 40P
   Quad, 16-Bit, 125 MSPS, Serial LVDS 1.8 V
REV. 0
AD9268 AD-AD9268 Datasheet
2Mb / 44P
   16-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9648 AD-AD9648 Datasheet
1Mb / 44P
   14-Bit, 125 MSPS/105 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9656BCPZ-125 AD-AD9656BCPZ-125 Datasheet
1,007Kb / 44P
   Quad, 16-Bit, 125 MSPS, JESD204B 1.8 V Analog-to-Digital Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com