Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCX70 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # BCX70
Description  NPN Silicon AF Transistors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCX70 Datasheet(HTML) 5 Page - Infineon Technologies AG

  BCX70 Datasheet HTML 1Page - Infineon Technologies AG BCX70 Datasheet HTML 2Page - Infineon Technologies AG BCX70 Datasheet HTML 3Page - Infineon Technologies AG BCX70 Datasheet HTML 4Page - Infineon Technologies AG BCX70 Datasheet HTML 5Page - Infineon Technologies AG BCX70 Datasheet HTML 6Page - Infineon Technologies AG BCX70 Datasheet HTML 7Page - Infineon Technologies AG BCX70 Datasheet HTML 8Page - Infineon Technologies AG BCX70 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
BCW60, BCX70
5
Jan-29-2002
Electrical Characteristics
at TA = 25°C, unless otherwise specified.
Parameter
Symbol
Values
Unit
min.
typ.
max.
AC Characteristics
Short-circuit forward current transf.ratio
IC = 2 mA, VCE = 5 V, f = 1 kHz
| hFE-grp.
A / G
B / H
C / J/ FF
D / K / FN
h21e
-
-
-
-
200
260
330
520
-
-
-
-
-
Open-circuit output admittance
IC = 2 mA, VCE = 5 V, f = 1 kHz
hFE-grp.
A / G
B / H
C / J / FF
D / K / FN
h22e
-
-
-
-
18
24
30
50
-
-
-
-
S
Noise figure
IC = 100 µA, VCE = 5 V, RS = 1 k,
f
= 1 kHz,
 f = 200 Hz
hFE-grp.
A - K
FF - FN
F
-
-
2
1
-
2
dB
Equivalent noise voltage
IC = 200 µA, VCE = 5 V, RS = 2 k,
f
= 10 ... 50 Hz
hFE-grp.
FF / FN
Vn
-
-
0.135 µV


Similar Part No. - BCX70

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCX70 PHILIPS-BCX70 Datasheet
42Kb / 8P
   NPN general purpose transistors
1999 Apr 15
BCX70 PHILIPS-BCX70 Datasheet
132Kb / 7P
   NPN general purpose transistors
2004 Jan 16
logo
General Semiconductor
BCX70 GE-BCX70 Datasheet
55Kb / 3P
   Small Signal Transistor (NPN)
logo
Nexperia B.V. All right...
BCX70 NEXPERIA-BCX70 Datasheet
347Kb / 8P
   NPN general purpose transistors
2004 Jan 16
logo
Diotec Semiconductor
BCX70 DIOTEC-BCX70 Datasheet
184Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
More results

Similar Description - BCX70

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BC817 SIEMENS-BC817 Datasheet
130Kb / 5P
   NPN Silicon AF Transistors
logo
Infineon Technologies A...
BC817W INFINEON-BC817W Datasheet
47Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
logo
Tiger Electronic Co.,Lt...
BC817 TGS-BC817 Datasheet
461Kb / 1P
   NPN Silicon AF Transistors
logo
Guangdong Kexin Industr...
KC817 KEXIN-KC817 Datasheet
40Kb / 1P
   NPN Silicon AF Transistors
KC818W KEXIN-KC818W Datasheet
67Kb / 1P
   NPN Silicon AF Transistors
logo
Infineon Technologies A...
BC846AE6327 INFINEON-BC846AE6327 Datasheet
881Kb / 13P
   NPN Silicon AF Transistors
2011-09-09
BCP54E-6327 INFINEON-BCP54E-6327 Datasheet
827Kb / 7P
   NPN Silicon AF Transistors
2011-10-13
BCP54 INFINEON-BCP54_08 Datasheet
530Kb / 7P
   NPN Silicon AF Transistors
2008-10-10
BC817 INFINEON-BC817 Datasheet
47Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
BC846 INFINEON-BC846 Datasheet
216Kb / 8P
   NPN Silicon AF Transistors
Nov-20-2002
BCP54 INFINEON-BCP54 Datasheet
48Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com