Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCW61B Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # BCW61B
Description  PNP Silicon AF Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCW61B Datasheet(HTML) 8 Page - Infineon Technologies AG

  BCW61B Datasheet HTML 1Page - Infineon Technologies AG BCW61B Datasheet HTML 2Page - Infineon Technologies AG BCW61B Datasheet HTML 3Page - Infineon Technologies AG BCW61B Datasheet HTML 4Page - Infineon Technologies AG BCW61B Datasheet HTML 5Page - Infineon Technologies AG BCW61B Datasheet HTML 6Page - Infineon Technologies AG BCW61B Datasheet HTML 7Page - Infineon Technologies AG BCW61B Datasheet HTML 8Page - Infineon Technologies AG BCW61B Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
BCW61, BCX71
8
Jul-10-2001
h parameter
he = f (IC) normalized
VCE = 5V
10
EHP00353
BCW 61/BCX 71
-1
1
10
mA
-1
10
2
10
5
5
10
0
10
0
C
e
h
Ι
1
10
5
11e
h
12e
h
21e
h
22e
h
V
CE = 5 V
Collector cutoff current
ICBO = f (TA)
VCB = VCEmax
0
10
EHP00352
BCW 61/BCX 71
A
T
150
-1
4
10
Ι
CBO
nA
50
100
0
10
1
10
3
10
C
typ
max
102
Noise figure
F = f (VCE)
IC = 0.2mA, RS = 2k, f = 1kHz
10
EHP00355
BCW 61/BCX 71
-1
2
10
V
5
10
0
10
1
F
10
15
20
dB
0
CE
V
h parameter
he = f (VCE) normalized
IC = 2mA
0
0
EHP00354
BCW 61/BCX 71
CE
V
30
10
20
0.5
1.0
1.5
2.0
h
e
V
Ι
C = 2 mA
11
h
h
12
22
h


Similar Part No. - BCW61B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCW61B PHILIPS-BCW61B Datasheet
42Kb / 8P
   PNP general purpose transistors
1999 Apr 12
logo
Infineon Technologies A...
BCW61B INFINEON-BCW61B Datasheet
169Kb / 11P
   PNP Silicon AF Transistors
2007-10-18
logo
Samsung semiconductor
BCW61B SAMSUNG-BCW61B Datasheet
31Kb / 1P
   PNP EPITAXIAL SILICON TRANSISTOR
logo
SeCoS Halbleitertechnol...
BCW61B SECOS-BCW61B Datasheet
1Mb / 2P
   -0.1A , -32V PNP Plastic Encapsulated Transistor
logo
Siemens Semiconductor G...
BCW61B SIEMENS-BCW61B Datasheet
271Kb / 9P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain)
More results

Similar Description - BCW61B

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BC857BE6327 INFINEON-BC857BE6327 Datasheet
866Kb / 11P
   PNP Silicon AF Transistor
2011-09-19
BCP69 INFINEON-BCP69_08 Datasheet
517Kb / 6P
   PNP Silicon AF Transistor
2008-10-10
BC856T INFINEON-BC856T Datasheet
145Kb / 6P
   PNP Silicon AF Transistor
Jan-08-2002
BC807 INFINEON-BC807_07 Datasheet
111Kb / 11P
   PNP Silicon AF Transistor
2007-06-08
BCP69 INFINEON-BCP69 Datasheet
43Kb / 4P
   PNP Silicon AF Transistor
Nov-29-2001
logo
Siemens Semiconductor G...
SMBTA56M SIEMENS-SMBTA56M Datasheet
31Kb / 4P
   PNP Silicon AF Transistor
logo
Infineon Technologies A...
BC857T INFINEON-BC857T Datasheet
55Kb / 6P
   PNP Silicon AF Transistor
Nov-29-2001
SMBTA56M INFINEON-SMBTA56M Datasheet
45Kb / 4P
   PNP Silicon AF Transistor
Nov-30-2001
BC856 INFINEON-BC856_08 Datasheet
887Kb / 14P
   PNP Silicon AF Transistor
2008-04-29
BC857BF INFINEON-BC857BF Datasheet
165Kb / 8P
   PNP Silicon AF Transistor
Jun-16-2004
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com