Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCW60FN Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # BCW60FN
Description  NPN Silicon AF Transistors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCW60FN Datasheet(HTML) 9 Page - Infineon Technologies AG

  BCW60FN Datasheet HTML 1Page - Infineon Technologies AG BCW60FN Datasheet HTML 2Page - Infineon Technologies AG BCW60FN Datasheet HTML 3Page - Infineon Technologies AG BCW60FN Datasheet HTML 4Page - Infineon Technologies AG BCW60FN Datasheet HTML 5Page - Infineon Technologies AG BCW60FN Datasheet HTML 6Page - Infineon Technologies AG BCW60FN Datasheet HTML 7Page - Infineon Technologies AG BCW60FN Datasheet HTML 8Page - Infineon Technologies AG BCW60FN Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
BCW60, BCX70
9
Jan-29-2002
Noise figure F
= f (IC)
VCE = 5V, f = 120Hz
10
EHP00340
BCW 60/BCX 70
-3
1
10
mA
5
10
-2
10
-1
F
0
10
10
15
20
dB
0
Ι
C
S
R = 1 M
ΩΩ
100 k
10 k
1 k
500
Noise figure F
= f (f)
IC = 0.2mA, VCE = 5V, RS = 2k
10
EHP00339
BCW 60/BCX 70
-2
2
10
kHz
5
10
-1
10
0
F
1
10
10
15
20
dB
f
0
Noise figure F
= f (IC)
VCE = 5V, f = 1kHz
10
EHP00341
BCW 60/BCX 70
-3
1
10
mA
5
10
-2
10
-1
F
0
10
10
15
20
dB
0
Ι
C
= 1 M
S
R
100 k
Ω 10 kΩ
1 k
500
Noise figure F
= f (IC)
VCE = 5V, f = 10kHz
10
EHP00342
BCW 60/BCX 70
-3
1
10
mA
5
10
-2
10
-1
F
0
10
10
15
20
dB
0
Ι
C
= 1 M
R
S
100 k
10 k
500
1 k


Similar Part No. - BCW60FN

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BCW60FN SIEMENS-BCW60FN Datasheet
282Kb / 9P
   NPN Silicon AF Transistors (For AF input stages and driver applications High current gain)
More results

Similar Description - BCW60FN

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BC817 SIEMENS-BC817 Datasheet
130Kb / 5P
   NPN Silicon AF Transistors
logo
Infineon Technologies A...
BC817W INFINEON-BC817W Datasheet
47Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
logo
Tiger Electronic Co.,Lt...
BC817 TGS-BC817 Datasheet
461Kb / 1P
   NPN Silicon AF Transistors
logo
Guangdong Kexin Industr...
KC817 KEXIN-KC817 Datasheet
40Kb / 1P
   NPN Silicon AF Transistors
KC818W KEXIN-KC818W Datasheet
67Kb / 1P
   NPN Silicon AF Transistors
logo
Infineon Technologies A...
BC846AE6327 INFINEON-BC846AE6327 Datasheet
881Kb / 13P
   NPN Silicon AF Transistors
2011-09-09
BCP54E-6327 INFINEON-BCP54E-6327 Datasheet
827Kb / 7P
   NPN Silicon AF Transistors
2011-10-13
BCP54 INFINEON-BCP54_08 Datasheet
530Kb / 7P
   NPN Silicon AF Transistors
2008-10-10
BC817 INFINEON-BC817 Datasheet
47Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
BC846 INFINEON-BC846 Datasheet
216Kb / 8P
   NPN Silicon AF Transistors
Nov-20-2002
BCP54 INFINEON-BCP54 Datasheet
48Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com