Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPLSU60 Datasheet(PDF) 2 Page - Total Power International

Part # TPLSU60
Description  60W LED Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPLSU60 Datasheet(HTML) 2 Page - Total Power International

  TPLSU60 Datasheet HTML 1Page - Total Power International TPLSU60 Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
OutputVoltageAndCurrentRatingChart(SingleOutput):
MechanicalSpecifications:
Note:
1.Dimensionsareshownininchesormm.
2.Weight:530~600gsapprox.
ModelNumber
Output
Voltage
Output
Current
Total
Regulation
(C.V.)
.
Max
Output
Power
Pno
(max.)
ModelNumber
Output
Voltage
Output
Current
Total
Regulation
(C.V.)
.
Max
Output
Power
Pno
(max.)
12VDC
13VDC
0~5.00 A
0~4.61 A
11VDC
0~5.45 A
60W
TPLSU60-105-11V
60W
TPLSU60-105-12V
60W
TPLSU60-105-13V
3%
3%
3%
1W
1W
1W
13VDC
14VDC
15VDC
16VDC
0~4.61 A
0~4.28 A
0~4.00 A
0~3.75 A
60W
TPLSU60-106-13V
60W
TPLSU60-106-14V
60W
TPLSU60-106-15V
60W
TPLSU60-106-16V
3%
3%
3%
3%
1W
1W
1W
1W
17VDC
18VDC
19VDC
20VDC
21VDC
0~ 3.52 A
0~ 3.33 A
0~ 3.15 A
0~ 3.00 A
0~2.85 A
16VDC
0~3.75 A
60W
TPLSU60-107-16V
60W
TPLSU60-107-17V
60W
TPLSU60-107-18V
60W
TPLSU60-107-19V
60W
TPLSU60-107-20V
60W
TPLSU60-107-21V
3%
3%
3%
3%
3%
3%
1W
1W
1W
1W
1W
1W
22VDC
23VDC
24VDC
25VDC
27VDC
26VDC
0~2.72 A
0~2.60 A
0~2.50 A
0~ 3.40 A
0~2.30 A
0~2.22 A
21VDC
0~2.85 A
60W
TPLSU60-108-21V
60W
TPLSU60-108-22V
60W
TPLSU60-108-23V
60W
TPLSU60-108-24V
60W
TPLSU60-108-25V
60W
TPLSU60-108-26V
60W
TPLSU60-108-27V
3%
3%
3%
3%
3%
3%
3%
1W
1W
1W
1W
1W
1W
1W
0~2.22 A
0~2.14 A
0~ 2.06 A
0~ 2.00 A
0~1.93 A
0~1.87 A
0~1.81 A
60W
TPLSU60-109-27V
60W
TPLSU60-109-28V
60W
TPLSU60-109-29V
60W
TPLSU60-109-30V
60W
TPLSU60-109-31V
60W
TPLSU60-109-32V
60W
TPLSU60-109-33V
27VDC
28VDC
29VDC
30VDC
31VDC
32VDC
33VDC
3%
3%
3%
3%
3%
3%
3%
1W
1W
1W
1W
1W
1W
1W
0~1.81 A
0~1.76 A
0~1.71 A
0~1.66 A
0~1.62 A
0~1.57 A
0~1.53 A
0~1.50 A
60W
TPLSU60-110-33V
60W
TPLSU60-110-34V
60W
TPLSU60-110-35V
60W
TPLSU60-110-36V
60W
TPLSU60-110-37V
60W
TPLSU60-110-38V
60W
TPLSU60-110-39V
60W
TPLSU60-110-40V
33VDC
34VDC
35VDC
36VDC
37VDC
38VDC
39VDC
40VDC
3%
3%
3%
3%
3%
3%
3%
3%
1W
1W
1W
1W
1W
1W
1W
1W
3%
3%
3%
3%
3%
3%
3%
3%
3%
3%
3%
1W
1W
1W
1W
1W
1W
1W
1W
1W
1W
1W
0~1.50 A
0~1.46 A
0~1.42 A
0~ 1.39 A
0~ 1.36 A
0~ 1.33 A
0~ 1.30 A
0~ 1.27 A
0~ 1.20 A
0~ 1.22 A
0~ 1.25 A
60W
TPLSU60-111-40V
60W
TPLSU60-111-41V
60W
TPLSU60-111-42V
60W
TPLSU60-111-43V
60W
TPLSU60-111-44V
60W
TPLSU60-111-45V
60W
TPLSU60-111-46V
60W
TPLSU60-111-47V
60W
TPLSU60-111-48V
60W
TPLSU60-111-49V
60W
TPLSU60-111-50V
40VDC
41VDC
42VDC
43VDC
44VDC
45VDC
46VDC
47VDC
48VDC
49VDC
50VDC
3%
3%
3%
3%
3%
3%
3%
3%
3%
1W
1W
1W
1W
1W
1W
1W
1W
1W
0~1.20 A
0~1.17 A
0~1.15 A
0~ 1.13 A
0~ 1.11 A
0~ 1.09 A
0~ 1.07 A
0~ 1.05 A
0~ 1.03 A
60W
TPLSU60-112-50V
60W
TPLSU60-112-51V
60W
TPLSU60-112-52V
60W
TPLSU60-112-53V
60W
TPLSU60-112-54V
60W
TPLSU60-112-55V
60W
TPLSU60-112-56V
60W
TPLSU60-112-57V
60W
TPLSU60-112-58V
50VDC
51VDC
52VDC
53VDC
54VDC
55VDC
56VDC
57VDC
58VDC
DeratingC rve:
u
1.Operating Temperature:-20to70°C
2.Deratelinearlyfrom100%loadat50°Cto50%
loadat70°C
0%
-20
0
20
30
40
50
60
70
80
20%
40%
60%
80%
100%
120%
Temperature(degc)
TheoutputvoltagerangewillfromVoto0.6*VoofeachmodelonC.C.Mode.
InputConnector:SJTW,18AWGx3C(1Ft)
OutputConnector:SJTW,18AWGx2C(1Ft)
TPLSU60 SERIES
60WLEDPowerSupply
Tota
Total Power International, Inc.
Total Power In
Total Power International, Inc
Toll Free: 877-646-0900
www.total-power.com


Similar Part No. - TPLSU60

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPLSU85 TOTAL-POWER-TPLSU85 Datasheet
160Kb / 2P
   85W LED Power Supply
TPLSU85-108-21V TOTAL-POWER-TPLSU85-108-21V Datasheet
160Kb / 2P
   85W LED Power Supply
TPLSU85-108-22V TOTAL-POWER-TPLSU85-108-22V Datasheet
160Kb / 2P
   85W LED Power Supply
TPLSU85-108-23V TOTAL-POWER-TPLSU85-108-23V Datasheet
160Kb / 2P
   85W LED Power Supply
TPLSU85-108-24V TOTAL-POWER-TPLSU85-108-24V Datasheet
160Kb / 2P
   85W LED Power Supply
More results

Similar Description - TPLSU60

ManufacturerPart #DatasheetDescription
logo
LinkCom Manufacturing C...
60W-LCCEA LINKCOM-60W-LCCEA Datasheet
498Kb / 4P
   60W LED Power Supply
60W-LCVE LINKCOM-60W-LCVE Datasheet
484Kb / 3P
   60W LED Power Supply
logo
Mean Well Enterprises C...
PWM-60 MEANWELL-PWM-60 Datasheet
155Kb / 6P
   60W PWM output LED power supply
CLG-60 MEANWELL-CLG-60_12 Datasheet
245Kb / 3P
   60W Single Output LED Power Supply
PLP-60 MEANWELL-PLP-60 Datasheet
288Kb / 3P
   60W Single Output LED Power Supply
PLN-60 MEANWELL-PLN-60 Datasheet
189Kb / 2P
   60W Single Output LED Power Supply
PLC-60 MEANWELL-PLC-60_12 Datasheet
263Kb / 3P
   60W Single Output LED Power Supply
CLG-60 MEANWELL-CLG-60_11 Datasheet
238Kb / 3P
   60W Single Output LED Power Supply
PLC-60 MEANWELL-PLC-60 Datasheet
259Kb / 3P
   60W Single Output LED Power Supply
PLP-60 MEANWELL-PLP-60_12 Datasheet
288Kb / 3P
   60W Single Output LED Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com