Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCX52-10 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # BCX52-10
Description  PNP Silicon AF Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCX52-10 Datasheet(HTML) 5 Page - Infineon Technologies AG

  BCX52-10 Datasheet HTML 1Page - Infineon Technologies AG BCX52-10 Datasheet HTML 2Page - Infineon Technologies AG BCX52-10 Datasheet HTML 3Page - Infineon Technologies AG BCX52-10 Datasheet HTML 4Page - Infineon Technologies AG BCX52-10 Datasheet HTML 5Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
BCX51...BCX53
Feb-10-2004
5
Collector-emitter saturation voltage
IC = f (VCEsat), hFE = 10
0
0.4
0.8
BCX 51...53
EHP00441
V
CE sat
V
mA
10
4
1
10
10
10
2
10
10
3
10
Ι
C
5
5
5
10
0
0.2
0.6
100
25
-50
˚C
˚C
˚C
DC current gain hFE = f (IC)
VCE = 2V
10
10
10
10
BCX 51...53
EHP00440
h
mA
0
1
34
FE
3
10
10 2
0
10
5
5
10 1
2
10
5
100
25
-50
55
5
C
Ι
˚C
˚C
˚C
Collector cutoff current ICBO = f (TA)
VCB = 30V
10
0
50
100
150
BCX 51...53
EHP00442
T
A
5
10
10
nA
10
Ι
CB0
5
5
5
10
10
4
3
2
1
0
-1
max
typ
˚C
Base-emitter saturation voltage
IC = f (VBEsat), hFE = 10
10
0
0.6
BCX 51...53
EHP00443
V
BE sat
10
mA
10
10
10
4
3
2
1
0
5
5
5
V
0.2
0.4
0.8
1.0
1.2
100
25
-50
C
Ι
˚C
˚C
˚C


Similar Part No. - BCX52-10

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCX52-10 PHILIPS-BCX52-10 Datasheet
42Kb / 8P
   PNP medium power transistors
1999 Apr 19
logo
Shanghai Leiditech Elec...
BCX52-10 LEIDITECH-BCX52-10 Datasheet
414Kb / 5P
   Plastic-Encapsulate Transistors
logo
Siemens Semiconductor G...
BCX52-10 SIEMENS-BCX52-10 Datasheet
146Kb / 5P
   PNP Silicon AF Transistors
logo
Rectron Semiconductor
BCX52-10 RECTRON-BCX52-10 Datasheet
265Kb / 6P
   TRANSISTOR (PNP)
logo
Guangdong Kexin Industr...
BCX52-10 KEXIN-BCX52-10 Datasheet
53Kb / 2P
   PNP Medium Power Transistors
More results

Similar Description - BCX52-10

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BCX69 INFINEON-BCX69 Datasheet
45Kb / 4P
   PNP Silicon AF Transistors
Jul-23-2001
logo
Siemens Semiconductor G...
BCX51BCX53 SIEMENS-BCX51BCX53 Datasheet
146Kb / 5P
   PNP Silicon AF Transistors
logo
Infineon Technologies A...
BC856 INFINEON-BC856 Datasheet
218Kb / 8P
   PNP Silicon AF Transistors
Dec-11-2001
BCW67 INFINEON-BCW67_07 Datasheet
79Kb / 8P
   PNP Silicon AF Transistors
2007-04-20
BCX69E6327 INFINEON-BCX69E6327 Datasheet
533Kb / 7P
   PNP Silicon AF Transistors
2011-10-05
BCX52-16-E6327 INFINEON-BCX52-16-E6327 Datasheet
526Kb / 8P
   PNP Silicon AF Transistors
2011-07-29
BCW67 INFINEON-BCW67 Datasheet
50Kb / 5P
   PNP Silicon AF Transistors
Jul-10-2001
logo
Bruckewell Technology L...
BCX51-BCX53 BWTECH-BCX51-BCX53 Datasheet
587Kb / 6P
   PNP Silicon AF Transistors
logo
Infineon Technologies A...
BCX53-16E6327 INFINEON-BCX53-16E6327 Datasheet
526Kb / 8P
   PNP Silicon AF Transistors
2011-07-29
BCW68GE6327 INFINEON-BCW68GE6327 Datasheet
533Kb / 8P
   PNP Silicon AF Transistors
2011-09-15
logo
Guangdong Kexin Industr...
KC807A KEXIN-KC807A Datasheet
39Kb / 1P
   PNP Silicon AF Transistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com