Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCX68-25 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # BCX68-25
Description  NPN Silicon AF Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCX68-25 Datasheet(HTML) 4 Page - Infineon Technologies AG

  BCX68-25 Datasheet HTML 1Page - Infineon Technologies AG BCX68-25 Datasheet HTML 2Page - Infineon Technologies AG BCX68-25 Datasheet HTML 3Page - Infineon Technologies AG BCX68-25 Datasheet HTML 4Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
BCX68
Jun-29-2001
4
DC current gain hFE = f (IC)
VCE = 1V
10
10
10
10
BCX 68
EHP00464
h
mA
0
1
34
FE
3
10
102
0
10
5
5
101
2
10
5
100
25
-50
55
5
C
Ι
˚C
˚C
˚C
Collector-emitter saturation voltage
IC = f (VCEsat), hFE = 10
0
0.4
0.8
BCX 68
EHP00465
V
CE sat
V
mA
10
4
1
10
10
10
2
10
10
3
10
5
5
5
10
0
0.2
0.6
100
25
-50
C
Ι
˚C
˚C
˚C
Base-emitter saturation voltage
IC = f (VBEsat), hFE = 10
10
0
0.6
BCX 68
EHP00467
V
BE sat
10
mA
10
10
10
4
3
2
1
0
5
5
5
V
0.2
0.4
0.8
1.0
1.2
100
25
-50
C
Ι
˚C
˚C
˚C
Collector cutoff current ICBO = f (TA)
VCB = 25V
10
0
50
100
150
BCX 68
EHP00466
T
A
5
10
10
nA
10
Ι
CB0
5
5
5
10
10
5
4
3
2
1
0
max
typ
˚C


Similar Part No. - BCX68-25

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BCX68-25 ZETEX-BCX68-25 Datasheet
16Kb / 1P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Siemens Semiconductor G...
BCX68-25 SIEMENS-BCX68-25 Datasheet
144Kb / 4P
   NPN Silicon AF Transistors (For general AF applications High collector current)
logo
Infineon Technologies A...
BCX68-25 INFINEON-BCX68-25 Datasheet
523Kb / 7P
   For general AF applications
2011-10-06
More results

Similar Description - BCX68-25

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BC817 SIEMENS-BC817 Datasheet
130Kb / 5P
   NPN Silicon AF Transistors
logo
Infineon Technologies A...
BC817W INFINEON-BC817W Datasheet
47Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
logo
Tiger Electronic Co.,Lt...
BC817 TGS-BC817 Datasheet
461Kb / 1P
   NPN Silicon AF Transistors
logo
Guangdong Kexin Industr...
KC817 KEXIN-KC817 Datasheet
40Kb / 1P
   NPN Silicon AF Transistors
KC818W KEXIN-KC818W Datasheet
67Kb / 1P
   NPN Silicon AF Transistors
logo
Infineon Technologies A...
BC846AE6327 INFINEON-BC846AE6327 Datasheet
881Kb / 13P
   NPN Silicon AF Transistors
2011-09-09
BCP54E-6327 INFINEON-BCP54E-6327 Datasheet
827Kb / 7P
   NPN Silicon AF Transistors
2011-10-13
BCP54 INFINEON-BCP54_08 Datasheet
530Kb / 7P
   NPN Silicon AF Transistors
2008-10-10
BC817 INFINEON-BC817 Datasheet
47Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
BC846 INFINEON-BC846 Datasheet
216Kb / 8P
   NPN Silicon AF Transistors
Nov-20-2002
BCP54 INFINEON-BCP54 Datasheet
48Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com