Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI53102-A1 Datasheet(PDF) 6 Page - Silicon Laboratories

Part # SI53102-A1
Description  PCI-EXPRESS GEN 1, GEN 2, GEN 3, AND GEN 4 1:2 FAN-OUT CLOCK BUFFER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI53102-A1 Datasheet(HTML) 6 Page - Silicon Laboratories

Back Button SI53102-A1 Datasheet HTML 2Page - Silicon Laboratories SI53102-A1 Datasheet HTML 3Page - Silicon Laboratories SI53102-A1 Datasheet HTML 4Page - Silicon Laboratories SI53102-A1 Datasheet HTML 5Page - Silicon Laboratories SI53102-A1 Datasheet HTML 6Page - Silicon Laboratories SI53102-A1 Datasheet HTML 7Page - Silicon Laboratories SI53102-A1 Datasheet HTML 8Page - Silicon Laboratories SI53102-A1 Datasheet HTML 9Page - Silicon Laboratories SI53102-A1 Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Si53102-A1/A2/A3
6
Rev 1.2
Table 4. Thermal Conditions
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Temperature, Storage
TS
Non-functional
–65
150
°C
Temperature, Operating Ambient
TA
Functional
–40
85
°C
Temperature, Junction
TJ
Functional
150
°C
Dissipation, Junction to Case
JC
JEDEC (JESD 51)
38.3
°C/W
Dissipation, Junction to Ambient
JA
JEDEC (JESD 51)
90.4
°C/W
Table 5. Absolute Maximum Conditions
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Main Supply Voltage
VDD_3.3V
—4.6
V
Input Voltage
VIN
Relative to VSS
–0.5
4.6
VDC
ESD Protection (Human Body Model)
ESDHBM
JEDEC (JESD 22-A114)
2000
V
Flammability Rating
UL-94
UL (Class)
V–0
Note: While using multiple power supplies, the voltage on any input or I/O pin cannot exceed the power pin during powerup.
Power supply sequencing is NOT required.


Similar Part No. - SI53102-A1

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI53102-A1 SKYWORKS-SI53102-A1 Datasheet
756Kb / 15P
   PCI-Express Gen 1, Gen 2, Gen 3, and Gen 4 1:2 Fan-out Clock Buffer
Rev. 1.4
SI53102-A1-GM SKYWORKS-SI53102-A1-GM Datasheet
756Kb / 15P
   PCI-Express Gen 1, Gen 2, Gen 3, and Gen 4 1:2 Fan-out Clock Buffer
Rev. 1.4
SI53102-A1-GMR SKYWORKS-SI53102-A1-GMR Datasheet
756Kb / 15P
   PCI-Express Gen 1, Gen 2, Gen 3, and Gen 4 1:2 Fan-out Clock Buffer
Rev. 1.4
More results

Similar Description - SI53102-A1

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI53102-A1 SKYWORKS-SI53102-A1 Datasheet
756Kb / 15P
   PCI-Express Gen 1, Gen 2, Gen 3, and Gen 4 1:2 Fan-out Clock Buffer
Rev. 1.4
logo
Silicon Laboratories
SI53152 SILABS-SI53152 Datasheet
1Mb / 22P
   PCI-EXPRESS GEN 1, GEN 2, GEN 3, AND GEN 4 FANOUT BUFFER
SI53156 SILABS-SI53156 Datasheet
1Mb / 22P
   PCI-EXPRESS GEN 1, GEN 2, GEN 3, AND GEN 4 FANOUT BUFFER
logo
Skyworks Solutions Inc.
SI53152 SKYWORKS-SI53152 Datasheet
1,007Kb / 22P
   PCI-EXPRESS GEN 1, GEN 2, GEN 3, AND GEN 4 FANOUT BUFFER
Rev. 1.2
SI53156 SKYWORKS-SI53156 Datasheet
1,014Kb / 22P
   PCI-EXPRESS GEN 1, GEN 2, GEN 3, AND GEN 4 FANOUT BUFFER
Rev. 1.3
SI53156-A13A SKYWORKS-SI53156-A13A Datasheet
988Kb / 22P
   PCI-EXPRESS GEN 1, GEN 2, GEN 3, AND GEN 4 FANOUT BUFFER
Rev. 1.0
logo
Silicon Laboratories
SI53154 SILABS-SI53154 Datasheet
1Mb / 22P
   PCI-EXPRESS GEN 1, GEN 2, GEN 3, AND GEN 4 QUAD FANOUT BUFFER
logo
Skyworks Solutions Inc.
SI53154 SKYWORKS-SI53154 Datasheet
992Kb / 22P
   PCI-EXPRESS GEN 1, GEN 2, GEN 3, AND GEN 4 QUAD FANOUT BUFFER
Rev. 1.3
SI52146 SKYWORKS-SI52146 Datasheet
1Mb / 23P
   PCI-EXPRESS GEN 1, GEN 2, GEN 3, & GEN 4 SIX OUTPUT CLOCK GENERATOR
Rev. 1.4
logo
Silicon Laboratories
SI53159 SILABS-SI53159 Datasheet
1Mb / 23P
   PCI-EXPRESS GEN 1, GEN 2, GEN 3, AND GEN 4 NINE OUTPUT FANOUT BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com