Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI53152 Datasheet(PDF) 4 Page - Silicon Laboratories

Part # SI53152
Description  PCI-EXPRESS GEN 1, GEN 2, GEN 3, AND GEN 4 FANOUT BUFFER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI53152 Datasheet(HTML) 4 Page - Silicon Laboratories

  SI53152 Datasheet HTML 1Page - Silicon Laboratories SI53152 Datasheet HTML 2Page - Silicon Laboratories SI53152 Datasheet HTML 3Page - Silicon Laboratories SI53152 Datasheet HTML 4Page - Silicon Laboratories SI53152 Datasheet HTML 5Page - Silicon Laboratories SI53152 Datasheet HTML 6Page - Silicon Laboratories SI53152 Datasheet HTML 7Page - Silicon Laboratories SI53152 Datasheet HTML 8Page - Silicon Laboratories SI53152 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Si53152
4
Rev. 1.1
1. Electrical Specifications
Table 1. DC Electrical Specifications
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
3.3 V Operating Voltage
VDD core
3.3 ± 5%
3.135
3.3
3.465
V
3.3 V Input High Voltage
VIH
Control input pins
2.0
VDD + 0.3
V
3.3 V Input Low Voltage
VIL
Control input pins
VSS – 0.3
0.8
V
Input High Voltage
VIHI2C
SDATA, SCLK
2.2
V
Input Low Voltage
VILI2C
SDATA, SCLK
1.0
V
Input High Leakage Current
IIH
Except internal pull-down
resistors, 0 < VIN < VDD
——
5
A
Input Low Leakage Current
IIL
Except internal pull-up resis-
tors, 0 < VIN < VDD
–5
A
3.3 V Output High Voltage
(Single-Ended Outputs)
VOH
IOH = –1 mA
2.4
V
3.3 V Output Low Voltage
(Single-Ended Outputs)
VOL
IOL = 1 mA
0.4
V
High-impedance Output
Current
IOZ
–10
10
µA
Input Pin Capacitance
CIN
1.5
5
pF
Output Pin Capacitance
COUT
——
6
pF
Pin Inductance
LIN
——
7
nH
Dynamic Supply Current
IDD_3.3V
All outputs enabled. Differ-
ential clock with 5” traces
and 2 pF load at 100 MHz.
——
20
mA


Similar Part No. - SI53152

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI53152 SKYWORKS-SI53152 Datasheet
1,007Kb / 22P
   PCI-EXPRESS GEN 1, GEN 2, GEN 3, AND GEN 4 FANOUT BUFFER
Rev. 1.2
logo
Silicon Laboratories
Si53152-A01AGM SILABS-Si53152-A01AGM Datasheet
93Kb / 2P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
logo
Skyworks Solutions Inc.
SI53152-A01AGM SKYWORKS-SI53152-A01AGM Datasheet
1,007Kb / 22P
   PCI-EXPRESS GEN 1, GEN 2, GEN 3, AND GEN 4 FANOUT BUFFER
Rev. 1.2
logo
Silicon Laboratories
Si53152-A01AGMR SILABS-Si53152-A01AGMR Datasheet
93Kb / 2P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
logo
Skyworks Solutions Inc.
SI53152-A01AGMR SKYWORKS-SI53152-A01AGMR Datasheet
1,007Kb / 22P
   PCI-EXPRESS GEN 1, GEN 2, GEN 3, AND GEN 4 FANOUT BUFFER
Rev. 1.2
More results

Similar Description - SI53152

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI53156 SILABS-SI53156 Datasheet
1Mb / 22P
   PCI-EXPRESS GEN 1, GEN 2, GEN 3, AND GEN 4 FANOUT BUFFER
logo
Skyworks Solutions Inc.
SI53152 SKYWORKS-SI53152 Datasheet
1,007Kb / 22P
   PCI-EXPRESS GEN 1, GEN 2, GEN 3, AND GEN 4 FANOUT BUFFER
Rev. 1.2
SI53156 SKYWORKS-SI53156 Datasheet
1,014Kb / 22P
   PCI-EXPRESS GEN 1, GEN 2, GEN 3, AND GEN 4 FANOUT BUFFER
Rev. 1.3
SI53156-A13A SKYWORKS-SI53156-A13A Datasheet
988Kb / 22P
   PCI-EXPRESS GEN 1, GEN 2, GEN 3, AND GEN 4 FANOUT BUFFER
Rev. 1.0
logo
Silicon Laboratories
SI53154 SILABS-SI53154 Datasheet
1Mb / 22P
   PCI-EXPRESS GEN 1, GEN 2, GEN 3, AND GEN 4 QUAD FANOUT BUFFER
logo
Skyworks Solutions Inc.
SI53154 SKYWORKS-SI53154 Datasheet
992Kb / 22P
   PCI-EXPRESS GEN 1, GEN 2, GEN 3, AND GEN 4 QUAD FANOUT BUFFER
Rev. 1.3
logo
Silicon Laboratories
SI53159 SILABS-SI53159 Datasheet
1Mb / 23P
   PCI-EXPRESS GEN 1, GEN 2, GEN 3, AND GEN 4 NINE OUTPUT FANOUT BUFFER
logo
Skyworks Solutions Inc.
SI53159 SKYWORKS-SI53159 Datasheet
1,008Kb / 23P
   PCI-EXPRESS GEN 1, GEN 2, GEN 3, AND GEN 4 NINE-OUTPUT FANOUT BUFFER
Rev. 1.3
logo
Silicon Laboratories
SI53159-A01AGM SILABS-SI53159-A01AGM Datasheet
147Kb / 22P
   PCI-EXPRESS GEN 1, GEN 2, & GEN 3 NINE OUTPUT FANOUT BUFFER
logo
Skyworks Solutions Inc.
SI53102-A1 SKYWORKS-SI53102-A1 Datasheet
756Kb / 15P
   PCI-Express Gen 1, Gen 2, Gen 3, and Gen 4 1:2 Fan-out Clock Buffer
Rev. 1.4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com