Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI53159 Datasheet(PDF) 10 Page - Silicon Laboratories

Part # SI53159
Description  PCI-EXPRESS GEN 1, GEN 2, GEN 3, AND GEN 4 NINE OUTPUT FANOUT BUFFER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI53159 Datasheet(HTML) 10 Page - Silicon Laboratories

Back Button SI53159 Datasheet HTML 6Page - Silicon Laboratories SI53159 Datasheet HTML 7Page - Silicon Laboratories SI53159 Datasheet HTML 8Page - Silicon Laboratories SI53159 Datasheet HTML 9Page - Silicon Laboratories SI53159 Datasheet HTML 10Page - Silicon Laboratories SI53159 Datasheet HTML 11Page - Silicon Laboratories SI53159 Datasheet HTML 12Page - Silicon Laboratories SI53159 Datasheet HTML 13Page - Silicon Laboratories SI53159 Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Si53159
10
Rev. 1.1
4. Control Registers
4.1. I2C Interface
To enhance the flexibility and function of the clock synthesizer, an I2C interface is provided. Through the I2C
interface, various device functions, such as individual clock output buffers are individually enabled or disabled. The
registers associated with the I2C interface initialize to their default setting at power-up. The use of this interface is
optional. Clock device register changes are normally made at system initialization, if any are required.
4.2. Data Protocol
The clock driver I2C protocol accepts byte write, byte read, block write, and block read operations from the
controller. For block write/read operation, access the bytes in sequential order from lowest to highest (most
significant bit first) with the ability to stop after any complete byte is transferred. For byte write and byte read
operations, the system controller can access individually indexed bytes.
The block write and block read protocol is outlined in Table 4 on page 10 while Table 5 on page 11 outlines byte
write and byte read protocol. The slave receiver address is 11010110 (D6h).
Table 4. Block Read and Block Write Protocol
Block Write Protocol
Block Read Protocol
Bit
Description
Bit
Description
1
Start
1
Start
8:2
Slave address—7 bits
8:2
Slave address—7 bits
9Write
9
Write
10
Acknowledge from slave
10
Acknowledge from slave
18:11
Command Code—8 bits
18:11
Command Code–8 bits
19
Acknowledge from slave
19
Acknowledge from slave
27:20
Byte Count—8 bits
20
Repeat start
28
Acknowledge from slave
27:21
Slave address—7 bits
36:29
Data byte 1–8 bits
28
Read = 1
37
Acknowledge from slave
29
Acknowledge from slave
45:38
Data byte 2–8 bits
37:30
Byte Count from slave—8 bits
46
Acknowledge from slave
38
Acknowledge
....
Data Byte/Slave Acknowledges
46:39
Data byte 1 from slave—8 bits
....
Data Byte N–8 bits
47
Acknowledge
....
Acknowledge from slave
55:48
Data byte 2 from slave—8 bits
....
Stop
56
Acknowledge
....
Data bytes from slave/Acknowledge
....
Data Byte N from slave—8 bits
....
NOT Acknowledge
....
Stop


Similar Part No. - SI53159

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI53159 SKYWORKS-SI53159 Datasheet
1,008Kb / 23P
   PCI-EXPRESS GEN 1, GEN 2, GEN 3, AND GEN 4 NINE-OUTPUT FANOUT BUFFER
Rev. 1.3
logo
Silicon Laboratories
SI53159-A01AGM SILABS-SI53159-A01AGM Datasheet
147Kb / 22P
   PCI-EXPRESS GEN 1, GEN 2, & GEN 3 NINE OUTPUT FANOUT BUFFER
Si53159-A01AGM SILABS-Si53159-A01AGM Datasheet
93Kb / 2P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
logo
Skyworks Solutions Inc.
SI53159-A01AGM SKYWORKS-SI53159-A01AGM Datasheet
1,008Kb / 23P
   PCI-EXPRESS GEN 1, GEN 2, GEN 3, AND GEN 4 NINE-OUTPUT FANOUT BUFFER
Rev. 1.3
logo
Silicon Laboratories
Si53159-A01AGMR SILABS-Si53159-A01AGMR Datasheet
93Kb / 2P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
More results

Similar Description - SI53159

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI53159 SKYWORKS-SI53159 Datasheet
1,008Kb / 23P
   PCI-EXPRESS GEN 1, GEN 2, GEN 3, AND GEN 4 NINE-OUTPUT FANOUT BUFFER
Rev. 1.3
logo
Silicon Laboratories
SI53159-A01AGM SILABS-SI53159-A01AGM Datasheet
147Kb / 22P
   PCI-EXPRESS GEN 1, GEN 2, & GEN 3 NINE OUTPUT FANOUT BUFFER
SI53152 SILABS-SI53152 Datasheet
1Mb / 22P
   PCI-EXPRESS GEN 1, GEN 2, GEN 3, AND GEN 4 FANOUT BUFFER
SI53156 SILABS-SI53156 Datasheet
1Mb / 22P
   PCI-EXPRESS GEN 1, GEN 2, GEN 3, AND GEN 4 FANOUT BUFFER
logo
Skyworks Solutions Inc.
SI53152 SKYWORKS-SI53152 Datasheet
1,007Kb / 22P
   PCI-EXPRESS GEN 1, GEN 2, GEN 3, AND GEN 4 FANOUT BUFFER
Rev. 1.2
SI53156 SKYWORKS-SI53156 Datasheet
1,014Kb / 22P
   PCI-EXPRESS GEN 1, GEN 2, GEN 3, AND GEN 4 FANOUT BUFFER
Rev. 1.3
SI53156-A13A SKYWORKS-SI53156-A13A Datasheet
988Kb / 22P
   PCI-EXPRESS GEN 1, GEN 2, GEN 3, AND GEN 4 FANOUT BUFFER
Rev. 1.0
logo
Silicon Laboratories
SI53154 SILABS-SI53154 Datasheet
1Mb / 22P
   PCI-EXPRESS GEN 1, GEN 2, GEN 3, AND GEN 4 QUAD FANOUT BUFFER
logo
Skyworks Solutions Inc.
SI53154 SKYWORKS-SI53154 Datasheet
992Kb / 22P
   PCI-EXPRESS GEN 1, GEN 2, GEN 3, AND GEN 4 QUAD FANOUT BUFFER
Rev. 1.3
SI52147 SKYWORKS-SI52147 Datasheet
1Mb / 25P
   PCI-EXPRESS GEN 1, GEN 2, & GEN 3 NINE-OUTPUT CLOCK GENERATOR
Rev. 1.4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com