Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI53302 Datasheet(PDF) 9 Page - Silicon Laboratories

Part # SI53302
Description  1:10 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI53302 Datasheet(HTML) 9 Page - Silicon Laboratories

Back Button SI53302 Datasheet HTML 5Page - Silicon Laboratories SI53302 Datasheet HTML 6Page - Silicon Laboratories SI53302 Datasheet HTML 7Page - Silicon Laboratories SI53302 Datasheet HTML 8Page - Silicon Laboratories SI53302 Datasheet HTML 9Page - Silicon Laboratories SI53302 Datasheet HTML 10Page - Silicon Laboratories SI53302 Datasheet HTML 11Page - Silicon Laboratories SI53302 Datasheet HTML 12Page - Silicon Laboratories SI53302 Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
Si53302
Rev. 1.1
9
Table 11. Additive Jitter, Differential Clock Input
VDD
Input1,2
Output
Additive Jitter
(fs rms, 12 kHz to
20 MHz)3
Freq
(MHz)
Clock Format
Amplitude
VIN
(Single-Ended,
Peak-to-Peak)
Differential
20%-80% Slew
Rate (V/ns)
Clock Format
Typ
Max
3.3
725
Differential
0.15
0.637
LVPECL
45
65
3.3
725
Differential
0.15
0.637
LVDS
50
65
3.3
156.25
Differential
0.5
0.458
LVPECL
160
185
3.3
156.25
Differential
0.5
0.458
LVDS
150
200
2.5
725
Differential
0.15
0.637
LVPECL
45
65
2.5
725
Differential
0.15
0.637
LVDS
50
65
2.5
156.25
Differential
0.5
0.458
LVPECL
145
185
2.5
156.25
Differential
0.5
0.458
LVDS
145
195
Notes:
1.
For best additive jitter results, use the fastest slew rate possible. See “AN766: Understanding and Optimizing Clock
Buffer’s Additive Jitter Performance” for more information.
2.
AC-coupled differential inputs.
3.
Measured differentially using a balun at the phase noise analyzer input. See Figure 1.


Similar Part No. - SI53302

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI53302-B-GM SKYWORKS-SI53302-B-GM Datasheet
1Mb / 69P
   Ultra-Low Additive Jitter Fanout Clock Buffers with up to 10 Universal Outputs from Any-Format Input and Wide Frequency Range from 1 MHz to 725 MHz
Rev. 1.0
More results

Similar Description - SI53302

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI53312 SILABS-SI53312 Datasheet
1Mb / 33P
   1:10 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX
SI53311 SILABS-SI53311 Datasheet
1Mb / 30P
   1:6 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX
SI53301 SILABS-SI53301 Datasheet
1Mb / 34P
   1:6 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX
logo
Skyworks Solutions Inc.
SI53312 SKYWORKS-SI53312 Datasheet
2Mb / 33P
   1:10 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX (<1.25 GHZ)
Rev. 1.0
logo
Silicon Laboratories
SI53305 SILABS-SI53305 Datasheet
1Mb / 36P
   1:10 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX AND INDIVIDUAL OE
logo
Skyworks Solutions Inc.
SI53311 SKYWORKS-SI53311 Datasheet
1Mb / 30P
   1:6 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX (<1.25 GHZ)
Rev. 0.4
logo
Silicon Laboratories
SI53304 SILABS-SI53304 Datasheet
1Mb / 33P
   1:6 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX AND INDIVIDUAL OE
logo
Skyworks Solutions Inc.
SI53315 SKYWORKS-SI53315 Datasheet
1Mb / 30P
   1:10 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX AND INDIVIDUAL OE (<1.25 GHZ)
Rev. 0.4
SI53314 SKYWORKS-SI53314 Datasheet
2Mb / 32P
   1:6 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX AND INDIVIDUAL OE (<1.25 GHZ)
Rev. 1.0
logo
Silicon Laboratories
SI53306 SILABS-SI53306 Datasheet
1Mb / 29P
   1:4 LOW-JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com