Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI53305 Datasheet(PDF) 8 Page - Silicon Laboratories

Part # SI53305
Description  1:10 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX AND INDIVIDUAL OE
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI53305 Datasheet(HTML) 8 Page - Silicon Laboratories

Back Button SI53305 Datasheet HTML 4Page - Silicon Laboratories SI53305 Datasheet HTML 5Page - Silicon Laboratories SI53305 Datasheet HTML 6Page - Silicon Laboratories SI53305 Datasheet HTML 7Page - Silicon Laboratories SI53305 Datasheet HTML 8Page - Silicon Laboratories SI53305 Datasheet HTML 9Page - Silicon Laboratories SI53305 Datasheet HTML 10Page - Silicon Laboratories SI53305 Datasheet HTML 11Page - Silicon Laboratories SI53305 Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
Si53305
8
Rev. 1.0
Output Disable Time
TDIS
F=1MHz
2000
ns
F = 100 MHz
30
ns
F = 725 MHz
5
ns
Output to Output Skew2
TSK
LVCMOS (12 mA drive to no load)
50
120
ps
LVPECL
35
70
ps
LVDS
35
70
ps
Part to Part Skew3
TPS
Differential
150
ps
Power Supply Noise
Rejection4
PSRR
10 kHz sinusoidal noise
–63
dBc
100 kHz sinusoidal noise
–62
dBc
500 kHz sinusoidal noise
–58
dBc
1 MHz sinusoidal noise
–55
dBc
Table 10. AC Characteristics (Continued)
(VDD = VDDOX =1.8 V 5%, 2.5 V  5%, or 3.3 V 10%,TA = –40 to 85 °C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Notes:
1.
HCSL measurements were made with receiver termination. See Figure 9 on page 19.
2.
Output to Output skew specified for outputs with an identical configuration.
3.
Defined as skew between any output on different devices operating at the same supply voltage, temperature, and
equal load condition. Using the same type of inputs on each device, the outputs are measured at the differential cross
points.
4.
Measured for 156.25 MHz carrier frequency. Sine-wave noise added to VDDOX (3.3 V = 100 mVPP) and noise spur
amplitude measured. See “AN491: Power Supply Rejection for Low-Jitter Clocks” for further details.


Similar Part No. - SI53305

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI53305-B-GM SKYWORKS-SI53305-B-GM Datasheet
1Mb / 69P
   Ultra-Low Additive Jitter Fanout Clock Buffers with up to 10 Universal Outputs from Any-Format Input and Wide Frequency Range from 1 MHz to 725 MHz
Rev. 1.0
More results

Similar Description - SI53305

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI53304 SILABS-SI53304 Datasheet
1Mb / 33P
   1:6 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX AND INDIVIDUAL OE
logo
Skyworks Solutions Inc.
SI53315 SKYWORKS-SI53315 Datasheet
1Mb / 30P
   1:10 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX AND INDIVIDUAL OE (<1.25 GHZ)
Rev. 0.4
SI53314 SKYWORKS-SI53314 Datasheet
2Mb / 32P
   1:6 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX AND INDIVIDUAL OE (<1.25 GHZ)
Rev. 1.0
logo
Silicon Laboratories
SI53312 SILABS-SI53312 Datasheet
1Mb / 33P
   1:10 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX
SI53302 SILABS-SI53302 Datasheet
1Mb / 34P
   1:10 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX
SI53311 SILABS-SI53311 Datasheet
1Mb / 30P
   1:6 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX
SI53301 SILABS-SI53301 Datasheet
1Mb / 34P
   1:6 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX
logo
Skyworks Solutions Inc.
SI53312 SKYWORKS-SI53312 Datasheet
2Mb / 33P
   1:10 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX (<1.25 GHZ)
Rev. 1.0
SI53311 SKYWORKS-SI53311 Datasheet
1Mb / 30P
   1:6 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX (<1.25 GHZ)
Rev. 0.4
logo
Silicon Laboratories
SI53306 SILABS-SI53306 Datasheet
1Mb / 29P
   1:4 LOW-JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com