Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI53320 Datasheet(PDF) 7 Page - Silicon Laboratories

Part # SI53320
Description  1:5 LOW JITTER LVPECL CLOCK BUFFER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI53320 Datasheet(HTML) 7 Page - Silicon Laboratories

Back Button SI53320 Datasheet HTML 3Page - Silicon Laboratories SI53320 Datasheet HTML 4Page - Silicon Laboratories SI53320 Datasheet HTML 5Page - Silicon Laboratories SI53320 Datasheet HTML 6Page - Silicon Laboratories SI53320 Datasheet HTML 7Page - Silicon Laboratories SI53320 Datasheet HTML 8Page - Silicon Laboratories SI53320 Datasheet HTML 9Page - Silicon Laboratories SI53320 Datasheet HTML 10Page - Silicon Laboratories SI53320 Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
Si53320
Rev. 1.0
7
Table 9. Absolute Maximum Ratings
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Storage Temperature
TS
–55
150
C
Supply Voltage
VDD
–0.5
3.8
V
Input Voltage
VIN
–0.5
VDD + 0.3
V
Output Voltage
VOUT
——
VDD + 0.3
V
ESD Sensitivity
HBM
HBM, 100 pF, 1.5 kΩ
2000
V
ESD Sensitivity
CDM
500
V
Peak Soldering Reflow
Temperature
TPEAK
Pb-Free; Solder reflow
profile per JEDEC J-
STD-020
——
260
C
Maximum Junction Tem-
perature
TJ
——
125
C
Note:
Stresses beyond those listed in this table may cause permanent damage to the device. Functional operation
specification compliance is not implied at these conditions. Exposure to maximum rating conditions for extended
periods may affect device reliability.


Similar Part No. - SI53320

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI53320-28 SILABS-SI53320-28 Datasheet
1Mb / 51P
   Output Enable option
Si53320-B-GT SILABS-Si53320-B-GT Datasheet
1Mb / 51P
   Output Enable option
logo
Skyworks Solutions Inc.
SI53320-B-GT SKYWORKS-SI53320-B-GT Datasheet
2Mb / 50P
   Low-Jitter LVPECL Fanout Clock Buffers with up to 10 LVPECL Outputs from Any-Format Input and Wide Frequency Range from DC up to 1250 MHz
Rev. 1.2
More results

Similar Description - SI53320

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI53325 SILABS-SI53325 Datasheet
1Mb / 27P
   DUAL 1:5 LOW JITTER LVPECL CLOCK BUFFER
SI53321 SILABS-SI53321 Datasheet
1Mb / 28P
   1:10 LOW JITTER LVPECL CLOCK BUFFER
SI53322 SILABS-SI53322 Datasheet
1Mb / 22P
   1:2 LOW JITTER LVPECL CLOCK BUFFER
SI53323 SILABS-SI53323 Datasheet
1Mb / 23P
   1:4 LOW-JITTER LVPECL CLOCK BUFFER WITH 2:1 INPUT MUX
logo
Connor-Winfield Corpora...
PB223-156M CONNOR-WINFIELD-PB223-156M Datasheet
376Kb / 2P
   Low Jitter LVPECL Clock Oscillator
logo
Silicon Laboratories
SI53365 SILABS-SI53365 Datasheet
1Mb / 14P
   1:8 LOW JITTER CMOS CLOCK BUFFER
logo
Texas Instruments
CDCP1803 TI1-CDCP1803_13 Datasheet
932Kb / 25P
[Old version datasheet]   1:3 LVPECL CLOCK BUFFER
logo
Renesas Technology Corp
8SLVS1118 RENESAS-8SLVS1118 Datasheet
774Kb / 21P
   1:18, Low Skew, Low Additive Jitter LVDS/ LVPECL Fanout Buffer
January 15, 2019
logo
Integrated Device Techn...
85352 IDT-85352 Datasheet
358Kb / 20P
   LVPECL Clock Buffer
logo
Silicon Laboratories
SI53303 SILABS-SI53303 Datasheet
1Mb / 30P
   DUAL 1:5 LOW JITTER BUFFER/LEVEL TRANSLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com