Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCE913PWG4 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE913PWG4
Description  Programmable 1-PLL VCXO Clock Synthesizer
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCE913PWG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button CDCE913PWG4 Datasheet HTML 7Page - Texas Instruments CDCE913PWG4 Datasheet HTML 8Page - Texas Instruments CDCE913PWG4 Datasheet HTML 9Page - Texas Instruments CDCE913PWG4 Datasheet HTML 10Page - Texas Instruments CDCE913PWG4 Datasheet HTML 11Page - Texas Instruments CDCE913PWG4 Datasheet HTML 12Page - Texas Instruments CDCE913PWG4 Datasheet HTML 13Page - Texas Instruments CDCE913PWG4 Datasheet HTML 14Page - Texas Instruments CDCE913PWG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
CDCE913, CDCEL913
www.ti.com
SCAS849F – JUNE 2007 – REVISED APRIL 2015
8.3 Feature Description
8.3.1 Control Terminal Configuration
The CDCE913/CDCEL913 has three user-definable control terminals (S0, S1, and S2), which allow external
control of device settings. They can be programmed to any of the following functions:
Spread-spectrum clocking selection
→ spread type and spread amount selection
Frequency selection
→ switching between any of two user-defined frequencies
Output state selection
→ output configuration and power-down control
The user can predefine up to eight different control settings. Table 1 and Table 2 explain these settings.
Table 1. Control Terminal Definition
EXTERNAL CONTROL
PLL1 SETTING
Y1 SETTING
BITS
PLL frequency
Control function
SSC selection
Output Y2/Y3 selection
Output Y1 and power-down selection
selection
Table 2. PLLx Setting (Can Be Selected for Each PLL Individually)(1)
SSCx [3 Bits]
CENTER
DOWN
SSC SELECTION (CENTER/DOWN)
0
0
0
0% (off)
0% (off)
0
0
1
±0.25%
–0.25%
0
1
0
±0.5%
–0.5%
0
1
1
±0.75%
–0.75%
1
0
0
±1.0%
–1.0%
1
0
1
±1.25%
–1.25%
1
1
0
±1.5%
–1.5%
1
1
1
±2.0%
–2.0%
(1)
Center/down-spread, Frequency0/1 and State0/1 are user-definable in PLLx configuration register.
Table 3. PLLx Setting, Frequency Selection (Can Be Selected for Each PLL
Individually)(1)
FSx
FUNCTION
0
Frequency0
1
Frequency1
(1)
Frequency0 and Frequency1 can be any frequency within the specified fVCO range.
Table 4. PLLx Setting, Output Selection(1) (Y2 ... Y3)
YxYx
FUNCTION
0
State0
1
State1
(1)
State0/1 selection is valid for both outputs of the corresponding PLL module and can be power down,
3-state, low ,or active.
Table 5. Y1 Setting(1)
Y1 SELECTION
Y1
FUNCTION
0
State 0
1
State 1
(1)
State0 and State1 are user definable in the generic configuration
register and can be power down, 3-state, low, or active.
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: CDCE913 CDCEL913


Similar Part No. - CDCE913PWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCE913PWG4 TI-CDCE913PWG4 Datasheet
515Kb / 23P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCE913PWG4 TI-CDCE913PWG4 Datasheet
460Kb / 25P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCE913PWG4 TI1-CDCE913PWG4 Datasheet
681Kb / 26P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
More results

Similar Description - CDCE913PWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCE913-Q1 TI1-CDCE913-Q1 Datasheet
897Kb / 27P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer
CDCE937-Q1 TI1-CDCE937-Q1_15 Datasheet
902Kb / 30P
[Old version datasheet]   PROGRAMMABLE 3-PLL VCXO CLOCK SYNTHESIZER
logo
Integrated Circuit Syst...
ICS271 ICST-ICS271 Datasheet
170Kb / 8P
   Triple PLL Field Programmable VCXO Clock Synthesizer
ICS275 ICST-ICS275 Datasheet
164Kb / 8P
   Triple PLL Field Programmable VCXO Clock Synthesizer
ICS276 ICST-ICS276 Datasheet
166Kb / 8P
   Triple PLL Field Programmable VCXO Clock Synthesizer
ICS270 ICST-ICS270 Datasheet
162Kb / 8P
   Triple PLL Field Programmable VCXO Clock Synthesizer
logo
Texas Instruments
CDCEL824 TI1-CDCEL824 Datasheet
1Mb / 33P
[Old version datasheet]   Programmable 2-PLL Clock Synthesizer
logo
ON Semiconductor
NB3N65027 ONSEMI-NB3N65027 Datasheet
176Kb / 7P
   3.3V Programmable 3-PLL Clock Synthesizer
June, 2011 ??Rev. 2
logo
Texas Instruments
CDCE913 TI-CDCE913_1 Datasheet
515Kb / 23P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCE913 TI-CDCE913 Datasheet
376Kb / 21P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com