Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCLVP2106 Datasheet(PDF) 3 Page - Texas Instruments

Part # CDCLVP2106
Description  12-LVPECL Output, High-Performance Clock Buffer
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCLVP2106 Datasheet(HTML) 3 Page - Texas Instruments

  CDCLVP2106_16 Datasheet HTML 1Page - Texas Instruments CDCLVP2106_16 Datasheet HTML 2Page - Texas Instruments CDCLVP2106_16 Datasheet HTML 3Page - Texas Instruments CDCLVP2106_16 Datasheet HTML 4Page - Texas Instruments CDCLVP2106_16 Datasheet HTML 5Page - Texas Instruments CDCLVP2106_16 Datasheet HTML 6Page - Texas Instruments CDCLVP2106_16 Datasheet HTML 7Page - Texas Instruments CDCLVP2106_16 Datasheet HTML 8Page - Texas Instruments CDCLVP2106_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
CDCLVP2106
www.ti.com
SCAS887B – SEPTEMBER 2009 – REVISED JANUARY 2016
Changes from Original (September 2009) to Revision A
Page
Revised descriptions of pins 7 and 4...................................................................................................................................... 5
Corrected VIL parameter description in Electrical Characteristics table for LVCMOS input ................................................... 7
Added footnote (2) to Electrical Characteristics table for LVPECL Output, VCC = 2.375 V to 2.625 V .................................. 7
Changed recommended resistor values in Figure 12(a) ...................................................................................................... 17
Changed recommended resistor values in Figure 16........................................................................................................... 19
Copyright © 2009–2016, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: CDCLVP2106


Similar Part No. - CDCLVP2106_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVP2106RHAR TI1-CDCLVP2106RHAR Datasheet
724Kb / 23P
[Old version datasheet]   12 LVPECL Output, High-Performance Clock Buffer
CDCLVP2106RHAT TI1-CDCLVP2106RHAT Datasheet
724Kb / 23P
[Old version datasheet]   12 LVPECL Output, High-Performance Clock Buffer
More results

Similar Description - CDCLVP2106_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVP2106 TI1-CDCLVP2106 Datasheet
724Kb / 23P
[Old version datasheet]   12 LVPECL Output, High-Performance Clock Buffer
CDCLVP1212 TI-CDCLVP1212 Datasheet
710Kb / 23P
[Old version datasheet]   12 LVPECL Output, High-Performance Clock Buffer
CDCLVP1204 TI1-CDCLVP1204_15 Datasheet
1Mb / 32P
[Old version datasheet]   Four LVPECL Output, High-Performance Clock Buffer
CDCLVP1102 TI1-CDCLVP1102 Datasheet
753Kb / 22P
[Old version datasheet]   Two LVPECL Output, High-Performance Clock Buffer
CDCLVP2104 TI1-CDCLVP2104 Datasheet
763Kb / 22P
[Old version datasheet]   Eight LVPECL Output, High-Performance Clock Buffer
CDCLVP2104 TI1-CDCLVP2104_16 Datasheet
1Mb / 31P
[Old version datasheet]   Eight-LVPECL Output, High-Performance Clock Buffer
CDCLVP2108 TI1-CDCLVP2108_16 Datasheet
1Mb / 31P
[Old version datasheet]   16-LVPECL Output, High-Performance Clock Buffer
CDCLVP2102 TI1-CDCLVP2102_16 Datasheet
1Mb / 30P
[Old version datasheet]   Four-LVPECL Output, High-Performance Clock Buffer
CDCLVP1204 TI1-CDCLVP1204 Datasheet
753Kb / 22P
[Old version datasheet]   Two LVPECL Output, High-Performance Clock Buffer
CDCLVP2108 TI1-CDCLVP2108 Datasheet
778Kb / 24P
[Old version datasheet]   16 LVPECL Output, High-Performance Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com