Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI53365 Datasheet(PDF) 11 Page - Silicon Laboratories

Part # SI53365
Description  1:8 LOW JITTER CMOS CLOCK BUFFER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI53365 Datasheet(HTML) 11 Page - Silicon Laboratories

Back Button SI53365 Datasheet HTML 6Page - Silicon Laboratories SI53365 Datasheet HTML 7Page - Silicon Laboratories SI53365 Datasheet HTML 8Page - Silicon Laboratories SI53365 Datasheet HTML 9Page - Silicon Laboratories SI53365 Datasheet HTML 10Page - Silicon Laboratories SI53365 Datasheet HTML 11Page - Silicon Laboratories SI53365 Datasheet HTML 12Page - Silicon Laboratories SI53365 Datasheet HTML 13Page - Silicon Laboratories SI53365 Datasheet HTML 14Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Si53365
Rev. 1.0
11
6. PCB Land Pattern
6.1. 16-TSSOP Package Land Pattern
Figure 5. Si53365 16-TSSOP Package Land Pattern
Table 11. PCB Land Pattern
Dimension
Feature
(mm)
C1
Pad Column Spacing
5.80
E
Pad Row Pitch
0.65
X1
Pad Width
0.45
Y1
Pad Length
1.40
Notes:
1. This Land Pattern Design is based on the IPC-7351
guidelines.
2. All feature sizes shown are at Maximum Material
Condition (MMC) and a card fabrication tolerance of
0.05 mm is assumed.


Similar Part No. - SI53365

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI53365 SKYWORKS-SI53365 Datasheet
1Mb / 35P
   Low-Jitter, LVCMOS Fanout Clock Buffers with up to 12 outputs and Frequency Range from dc to 200 MHz
Rev. 1.3
SI53365-B-GT SKYWORKS-SI53365-B-GT Datasheet
1Mb / 35P
   Low-Jitter, LVCMOS Fanout Clock Buffers with up to 12 outputs and Frequency Range from dc to 200 MHz
Rev. 1.3
More results

Similar Description - SI53365

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI53360 SILABS-SI53360 Datasheet
1Mb / 15P
   1:8 LOW JITTER CMOS CLOCK BUFFER WITH 2:1 INPUT MUX
SI53321 SILABS-SI53321 Datasheet
1Mb / 28P
   1:10 LOW JITTER LVPECL CLOCK BUFFER
SI53322 SILABS-SI53322 Datasheet
1Mb / 22P
   1:2 LOW JITTER LVPECL CLOCK BUFFER
SI53320 SILABS-SI53320 Datasheet
1Mb / 25P
   1:5 LOW JITTER LVPECL CLOCK BUFFER
SI53325 SILABS-SI53325 Datasheet
1Mb / 27P
   DUAL 1:5 LOW JITTER LVPECL CLOCK BUFFER
logo
Texas Instruments
CDCLVD2108 TI1-CDCLVD2108 Datasheet
778Kb / 20P
[Old version datasheet]   Dual 1:8 Low Additive Jitter LVDS Buffer
logo
Freescale Semiconductor...
MPC94551 FREESCALE-MPC94551 Datasheet
69Kb / 4P
   Low Voltage 1:4 CMOS Clock Buffer
logo
Renesas Technology Corp
MPC94551 RENESAS-MPC94551 Datasheet
331Kb / 7P
   Low Voltage 1:4 CMOS Clock Buffer
2019
logo
Pericom Semiconductor C...
PI6C490098 PERICOM-PI6C490098 Datasheet
989Kb / 5P
   1:3 CMOS Clock Buffer
logo
Renesas Technology Corp
8P791208 RENESAS-8P791208 Datasheet
931Kb / 32P
   Low Additive Jitter 2:8 Buffer with CMOS / Differential Outputs
January 31, 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com