Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCP1803 Datasheet(PDF) 5 Page - Texas Instruments

Part # CDCP1803
Description  1:3 LVPECL CLOCK BUFFER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCP1803 Datasheet(HTML) 5 Page - Texas Instruments

  CDCP1803_13 Datasheet HTML 1Page - Texas Instruments CDCP1803_13 Datasheet HTML 2Page - Texas Instruments CDCP1803_13 Datasheet HTML 3Page - Texas Instruments CDCP1803_13 Datasheet HTML 4Page - Texas Instruments CDCP1803_13 Datasheet HTML 5Page - Texas Instruments CDCP1803_13 Datasheet HTML 6Page - Texas Instruments CDCP1803_13 Datasheet HTML 7Page - Texas Instruments CDCP1803_13 Datasheet HTML 8Page - Texas Instruments CDCP1803_13 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
CDCP1803
www.ti.com
SCAS727F – NOVEMBER 2003 – REVISED DECEMBER 2013
Table 1. Selection Mode Table
LVPECL(1)
MODE
EN
S2
S1
S0
Y0
Y1
Y2
0
0
x
x
x
Off (high-z)
1
1
0
0
0
÷ 1
÷ 1
÷ 1
2
1
0
0
VDD/2
÷ 1
Off (high-z)
Off (high-z)
3
1
0
0
1
÷ 1
÷ 1
Off (high-z)
4
1
0
VDD/2
0
÷ 1
÷ 2
Off (high-z)
5
1
0
VDD/2
VDD/2
÷ 1
÷ 4
Off (high-z)
6
1
0
VDD/2
1
÷ 1
÷ 8
Off (high-z)
7
1
0
1
0
÷ 1
Off (high-z)
÷ 1
8
1
0
1
1
÷ 1
÷ 2
÷ 1
9
1
VDD/2
0
0
÷ 1
÷ 4
÷ 1
10
1
VDD/2
0
VDD/2
÷ 1
÷ 8
÷ 1
11
1
VDD/2
0
1
÷ 1
Off (high-z)
÷ 2
12
1
VDD/2
VDD/2
0
÷ 1
÷ 1
÷ 2
13
1
VDD/2
VDD/2
VDD/2
÷ 1
÷ 2
÷ 2
14
1
VDD/2
VDD/2
1
÷ 1
÷ 4
÷ 2
15
1
VDD/2
1
0
÷ 1
÷ 8
÷ 2
16
1
VDD/2
1
VDD/2
÷ 1
Off (high-z)
÷ 4
17
1
VDD/2
1
1
÷ 1
÷ 1
÷ 4
18
1
1
0
0
÷ 1
÷ 2
÷ 4
19
1
1
0
VDD/2
÷ 1
÷ 4
÷ 4
20
1
1
0
1
÷ 1
÷ 8
÷ 4
21
1
1
VDD/2
0
÷ 1
Off (high-z)
÷ 8
22
1
1
VDD/2
VDD/2
÷ 1
÷ 1
÷ 8
23
1
1
VDD/2
1
÷ 1
÷ 2
÷ 8
24
1
1
1
0
÷ 1
÷ 4
÷ 8
25
1
1
1
VDD/2
÷ 1
÷ 8
÷ 8
26
1
1
1
1
÷ 1
Off (high-z)
÷ 16
27
VDD/2
0
0
0
÷ 1
÷ 1
÷ 16
28
VDD/2
0
0
VDD/2
÷ 1
÷ 2
÷ 16
29
VDD/2
0
0
1
÷ 1
÷ 4
÷ 16
30
VDD/2
0
VDD/2
0
÷ 1
÷ 8
÷ 16
Rsv
VDD/2
1
VDD/2
1
Reserved
Reserved
Reserved
Rsv
VDD/2
1
1
0
N/A
Low
Low
(1)
The LVPECL outputs are open-emitter stages. Thus, if the unused LVPECL outputs Y0, Y1, or Y2 are left unconnected, then the current
consumption is minimized and noise impact to remaining outputs is neglectable. Also, each output can be individually disabled by
connecting the corresponding VDD input to GND.
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links :CDCP1803


Similar Part No. - CDCP1803_13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCP1803-EP TI1-CDCP1803-EP Datasheet
595Kb / 24P
[Old version datasheet]   1:3 LVPECL CLOCK BUFFER WITH PROGRAMMABLE DIVIDER
CDCP1803MRGETEP TI1-CDCP1803MRGETEP Datasheet
595Kb / 24P
[Old version datasheet]   1:3 LVPECL CLOCK BUFFER WITH PROGRAMMABLE DIVIDER
More results

Similar Description - CDCP1803_13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCP1803 TI-CDCP1803 Datasheet
308Kb / 19P
[Old version datasheet]   1:3 LVPECL CLOCK BUFFER WITH PROGRAMMABLE DIVIDER
CDCP1803-EP TI1-CDCP1803-EP Datasheet
595Kb / 24P
[Old version datasheet]   1:3 LVPECL CLOCK BUFFER WITH PROGRAMMABLE DIVIDER
logo
Integrated Device Techn...
85352 IDT-85352 Datasheet
358Kb / 20P
   LVPECL Clock Buffer
logo
Pericom Semiconductor C...
PI6C4911504D2 PERICOM-PI6C4911504D2 Datasheet
1Mb / 14P
   LVPECL Clock Buffer
logo
Asahi Kasei Microsystem...
AK8181A AKM-AK8181A Datasheet
253Kb / 8P
   3.3V LVPECL 1:4 Clock Fanout Buffer
logo
Dialog Semiconductor
SLG3SY3952 DIALOG-SLG3SY3952 Datasheet
117Kb / 10P
   1:3 Clock Buffer
logo
Silicon Laboratories
SI53321 SILABS-SI53321 Datasheet
1Mb / 28P
   1:10 LOW JITTER LVPECL CLOCK BUFFER
SI53322 SILABS-SI53322 Datasheet
1Mb / 22P
   1:2 LOW JITTER LVPECL CLOCK BUFFER
SI53320 SILABS-SI53320 Datasheet
1Mb / 25P
   1:5 LOW JITTER LVPECL CLOCK BUFFER
logo
Asahi Kasei Microsystem...
AK8181C AKM-AK8181C Datasheet
446Kb / 8P
   3.3V LVPECL 1:2 Clock Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com