Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL23EP04NZZC-1Z Datasheet(PDF) 6 Page - Silicon Laboratories

Part # SL23EP04NZZC-1Z
Description  Low Jitter and Skew DC to 220 MHz Clock Buffer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL23EP04NZZC-1Z Datasheet(HTML) 6 Page - Silicon Laboratories

Back Button SL23EP04NZZC-1Z Datasheet HTML 2Page - Silicon Laboratories SL23EP04NZZC-1Z Datasheet HTML 3Page - Silicon Laboratories SL23EP04NZZC-1Z Datasheet HTML 4Page - Silicon Laboratories SL23EP04NZZC-1Z Datasheet HTML 5Page - Silicon Laboratories SL23EP04NZZC-1Z Datasheet HTML 6Page - Silicon Laboratories SL23EP04NZZC-1Z Datasheet HTML 7Page - Silicon Laboratories SL23EP04NZZC-1Z Datasheet HTML 8Page - Silicon Laboratories SL23EP04NZZC-1Z Datasheet HTML 9Page - Silicon Laboratories SL23EP04NZZC-1Z Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Rev 2.1, May 2, 2008
Page 6 of 11
SL23EP04NZ
DC Electrical Characteristics (I-Grade and VDD=3.3V)
Unless otherwise stated VDD= 3.3V+/- 10%, CL=15pF and Ambient Temperature range -40 to +85°C
Description
Symbol
Condition
Min
Typ
Max
Unit
Input Low Voltage
VINL
CLKIN and OE
0.8
V
Input High Voltage
VINH
CLKIN and OE
2.0
VDD+0.3
V
Input Low Current
IINL
0 < VIN < 0.8V
10
µA
Input High Current
IINH
2.4V < VIN < VDD
15
µA
Output Low Voltage
VOL
IOL=12mA
0.4
V
Output High Voltage
VOH
IOH=-12mA
2.4
V
Power Supply Current
IDD1
CLKIN=33MHz
CL=0 (No load at outputs)
9
13
mA
Power Supply Current
IDD2
CLKIN=66MHz
CL=0 (No load at outputs)
11
16
mA
Power Supply Current
IDD3
CLKIN=166MHz
CL=0 (No load at outputs)
15
21
mA
Switching Electrical Characteristics (I-Grade and VDD=3.3V)
Unless otherwise stated VDD= 3.3V+/- 10%, CL=15pF and Ambient Temperature range -40 to +85°C
Description
Symbol
Condition
Min
Typ
Max
Unit
Output Frequency Range
FOUT1
CL=15pF
0
-
200
MHz
FOUT2
CL=30pF
0
-
134
MHz
Input Duty Cycle
DC1
Measured at VDD/2
20
50
80
%
Output Duty Cycle
DC2
CL=15pF, Fout=166MHz
Measured at VDD/2
45
50
55
%
Output Duty Cycle
DC3
CL=30pF, Fout=134MHz
Measured at VDD/2
40
50
60
%
Output Rise/Fall Time
tr/f-1
CL=15pF, measured at 0.6V to 1.8V
1.4
ns
Output Rise/Fall Time
tr/f-2
CL=30pF, measured at 0.6V to 1.8V
1.8
ns
Output to Output Skew
SKW1
Measured at VDD/2 and
Outputs are equally loaded
70
140
ps
Part to Part Skew
SKW2
Measured at VDD/2 and
Outputs are equally loaded
90
180
ps
Propagation Delay Time
PDT
Measured at VDD/2 from CLKIN to
Output Clock rising edge and Outputs
are equally loaded
1.2
2.5
3.8
ns
Cycle-to-Cycle Jitter
CCJ1
CLKIN=66MHz and CL=0 (No Load)
40
80
ps
Cycle-to-Cycle Jitter
CCJ2
CLKIN=166MHz and CL=0 (No Load)
30
60
ps
Power-up Time
tpu
Power-up time for VDD to reach
minimum specified time
0.05
100
ms


Similar Part No. - SL23EP04NZZC-1Z

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
SL23EP04NZZC-1Z SPECTRALINEAR-SL23EP04NZZC-1Z Datasheet
149Kb / 12P
   Low Jitter and Skew DC to 220 MHz Clock Buffer
SL23EP04NZZC-1ZT SPECTRALINEAR-SL23EP04NZZC-1ZT Datasheet
149Kb / 12P
   Low Jitter and Skew DC to 220 MHz Clock Buffer
More results

Similar Description - SL23EP04NZZC-1Z

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SL23EP09NZ SILABS-SL23EP09NZ Datasheet
174Kb / 11P
   Low Jitter and Skew DC to 220 MHz Clock Buffer
logo
SpectraLinear Inc
SL23EP04NZ SPECTRALINEAR-SL23EP04NZ Datasheet
149Kb / 12P
   Low Jitter and Skew DC to 220 MHz Clock Buffer
SL2309NZ SPECTRALINEAR-SL2309NZ Datasheet
118Kb / 8P
   Low Jitter and Skew DC to 140 MHz Clock Buffer
SL23EP09NZ SPECTRALINEAR-SL23EP09NZ Datasheet
132Kb / 11P
   Low Jitter and Skew DC to 220MHz Clock Buffer
SL2304NZ SPECTRALINEAR-SL2304NZ Datasheet
136Kb / 9P
   Low Jitter and Skew DC to 160MHz Clock Buffer
logo
Silicon Laboratories
SL2304NZ SILABS-SL2304NZ Datasheet
151Kb / 9P
   Low Jitter and Skew DC to 140MHz Clock Buffer
SL23EP09 SILABS-SL23EP09 Datasheet
201Kb / 14P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
SL23EP05 SILABS-SL23EP05 Datasheet
284Kb / 15P
   LOW JITTER AND SKEW 10 TO 220 MHZ ZERO DELAY BUFFER
SL23EP08 SILABS-SL23EP08 Datasheet
227Kb / 15P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
logo
SpectraLinear Inc
SL23EP04 SPECTRALINEAR-SL23EP04 Datasheet
163Kb / 14P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer(ZDB)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com