Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMK00334RTVR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LMK00334RTVR
Description  Four-Output PCIe/Gen1/Gen2/Gen3 Clock Buffer/Level Translator
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMK00334RTVR Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMK00334RTVR Datasheet HTML 2Page - Texas Instruments LMK00334RTVR Datasheet HTML 3Page - Texas Instruments LMK00334RTVR Datasheet HTML 4Page - Texas Instruments LMK00334RTVR Datasheet HTML 5Page - Texas Instruments LMK00334RTVR Datasheet HTML 6Page - Texas Instruments LMK00334RTVR Datasheet HTML 7Page - Texas Instruments LMK00334RTVR Datasheet HTML 8Page - Texas Instruments LMK00334RTVR Datasheet HTML 9Page - Texas Instruments LMK00334RTVR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
LMK00334
SNAS635A – DECEMBER 2013 – REVISED OCTOBER 2014
www.ti.com
6.5 Electrical Characteristics
Unless otherwise specified: Vcc = 3.3 V ± 5%, Vcco = 3.3 V ± 5%, 2.5 V ± 5%, -40 °C
≤ TA ≤ 85 °C, CLKin driven
differentially, input slew rate
≥ 3 V/ns. Typical values represent most likely parametric norms at Vcc = 3.3 V, Vcco = 3.3 V, TA
= 25 °C, and at the Recommended Operation Conditions at the time of product characterization and are not ensured.
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CURRENT CONSUMPTION (2)
CLKinX selected
8.5
10.5
mA
Core Supply Current, All Outputs
ICC_CORE
Disabled
OSCin selected
10
13.5
mA
ICC_HCSL
50
58.5
mA
ICC_CMOS
3.5
5.5
mA
Includes Output Bank Bias and Load
Additive Output Supply Current,
ICCO_HCSL
Currents for both banks, RT = 50
Ω on all
65
81.5
mA
HCSL Banks Enabled
outputs
Vcco = 3.3 V ±5%
9
10
mA
Additive Output Supply Current,
ICCO_CMOS
200 MHz, CL = 5 pF
LVCMOS Output Enabled
Vcco = 2.5V ± 5%
7
8
mA
POWER SUPPLY RIPPLE REJECTION (PSRR)
156.25 MHz
-72
Ripple-Induced Phase Spur Level(3)
PSRRHCSL
dBc
Differential HCSL Output
312.5 MHz
-63
CMOS CONTROL INPUTS (CLKin_SELn, CLKout_TYPEn, REFout_EN)
VIH
High-Level Input Voltage
1.6
Vcc
V
VIL
Low-Level Input Voltage
GND
0.4
V
IIH
High-Level Input Current
VIH = Vcc, Internal pull-down resistor
50
μA
IIL
Low-Level Input Current
VIL = 0 V, Internal pull-down resistor
-5
0.1
μA
CLOCK INPUTS (CLKin0/CLKin0*, CLKin1/CLKin1*)
Functional up to 400 MHz
Output frequency range and timing specified
fCLKin
Input Frequency Range(4)
DC
400
MHz
per output type (refer to LVCMOS output
specifications)
VIHD
Differential Input High Voltage
Vcc
V
VILD
Differential Input Low Voltage
CLKin driven differentially
GND
V
VID
Differential Input Voltage Swing(5)
0.15
1.3
V
VID = 150 mV
0.25
Vcc - 1.2
Differential Input CMD Common
VCMD
VID = 350 mV
0.25
Vcc - 1.1
V
Mode Voltage
VID = 800 mV
0.25
Vcc - 0.9
VIH
Single-Ended Input IH High Voltage
VCC
V
VIL
Single-Ended Input IL Low Voltage
GND
V
CLKinX driven single-ended (AC or DC
coupled), CLKinX* AC coupled to GND or
VI_SE
Single-Ended Input Voltage Swing(4)
0.3
2
Vpp
externally biased within VCM range
Single-Ended Input CM Common
VCM
0.25
VCC - 1.2
V
Mode Voltage
fCLKin0 = 100 MHz
-84
fCLKin0 = 200 MHz
-82
fOFFSET > 50 kHz,
ISOMUX
Mux Isolation, CLKin0 to CLKin1
dBc
PCLKinX = 0 dBm
fCLKin0 = 500 MHz
-71
fCLKin0 = 1000 MHz
-65
(1)
The output supply voltages or pins (VCCOA, VCCOB, and VCCOC) will be called VCCO in general when no distinction is needed, or when the
output supply can be inferred from the output bank/type.
(2)
See Power Supply and Thermal Considerations for more information on current consumption and power dissipation calculations.
(3)
Power supply ripple rejection, or PSRR, is defined as the single-sideband phase spur level (in dBc) modulated onto the clock output
when a single-tone sinusoidal signal (ripple) is injected onto the Vcco supply. Assuming no amplitude modulation effects and small index
modulation, the peak-to-peak deterministic jitter (DJ) can be calculated using the measured single-sideband phase spur level (PSRR) as
follows: DJ (ps pk-pk) = [ (2 * 10(PSRR / 20)) / (
π * fCLK) ] * 1E12
(4)
Specification is ensured by characterization and is not tested in production.
(5)
See Differential Voltage Measurement Terminology for definition of VID and VOD voltages.
6
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: LMK00334


Similar Part No. - LMK00334RTVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK00334RTVR TI1-LMK00334RTVR Datasheet
1Mb / 25P
[Old version datasheet]   LMK00334 4-Output PCIe/Gen1/Gen2/Gen3 Clock Buffer/Level Translator
LMK00334RTVRQ1 TI1-LMK00334RTVRQ1 Datasheet
2Mb / 29P
[Old version datasheet]   Four-Output PCIe/Gen1/Gen2/Gen3/Gen4 Clock Buffer and Level Translator
More results

Similar Description - LMK00334RTVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK00334-Q1 TI1-LMK00334-Q1 Datasheet
2Mb / 29P
[Old version datasheet]   Four-Output PCIe/Gen1/Gen2/Gen3/Gen4 Clock Buffer and Level Translator
LMK00334 TI1-LMK00334 Datasheet
1Mb / 25P
[Old version datasheet]   LMK00334 4-Output PCIe/Gen1/Gen2/Gen3 Clock Buffer/Level Translator
logo
Pericom Semiconductor C...
PI6CEQ20200 PERICOM-PI6CEQ20200 Datasheet
875Kb / 9P
   PCIe Gen2 / Gen3 Buffer
logo
Integrated Device Techn...
ICS9DB102 IDT-ICS9DB102_10 Datasheet
187Kb / 13P
   Two Output Differential Buffer for PCIe Gen1 & Gen2
logo
Renesas Technology Corp
ICS9DB102 RENESAS-ICS9DB102 Datasheet
301Kb / 14P
   Two Output Differential Buffer for PCIe Gen1 & Gen2
2019
ICS9DB803D RENESAS-ICS9DB803D Datasheet
458Kb / 23P
   EIGHT OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1 AND GEN2
2019
9DB433 RENESAS-9DB433 Datasheet
431Kb / 18P
   FOUR OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1–3
MAY 25, 2018
ICS9DB823B RENESAS-ICS9DB823B Datasheet
482Kb / 23P
   EIGHT OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1, GEN2 AND QPI
2019
9DBL411B RENESAS-9DBL411B Datasheet
737Kb / 14P
   Four Output Low Power Differential Fanout Buffer for PCI Express Gen1, Gen2, Gen3, and QPI
Feb 6, 2023
ICS9DB423 RENESAS-ICS9DB423 Datasheet
512Kb / 21P
   4-OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1, GEN2, AND QPI
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com