Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMK00334RTVT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LMK00334RTVT
Description  Four-Output PCIe/Gen1/Gen2/Gen3 Clock Buffer/Level Translator
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMK00334RTVT Datasheet(HTML) 4 Page - Texas Instruments

  LMK00334RTVT Datasheet HTML 1Page - Texas Instruments LMK00334RTVT Datasheet HTML 2Page - Texas Instruments LMK00334RTVT Datasheet HTML 3Page - Texas Instruments LMK00334RTVT Datasheet HTML 4Page - Texas Instruments LMK00334RTVT Datasheet HTML 5Page - Texas Instruments LMK00334RTVT Datasheet HTML 6Page - Texas Instruments LMK00334RTVT Datasheet HTML 7Page - Texas Instruments LMK00334RTVT Datasheet HTML 8Page - Texas Instruments LMK00334RTVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
LMK00334
SNAS635A – DECEMBER 2013 – REVISED OCTOBER 2014
www.ti.com
Pin Functions(1) (continued)
PIN
I/O
DESCRIPTION
NUMBER
NAME
Power supply for Bank B Output buffers. VCCOB operates from 3.3 V or 2.5 V. The VCCOB
20, 23
VCCOB
PWR
pins are internally tied together. Bypass with a 0.1 uF low-ESR capacitor placed very close
to each Vcco pin. (2)
CLKoutB0*,
21, 22
O
Differential clock output B0.
CLKoutB0
Not connected internally. Pin may be floated, grounded, or otherwise tied to any potential
25
NC
within the Supply Voltage range stated in the Absolute Maximum Ratings.
CLKin1*,
26, 27
I
Universal clock input 1 (differential/single-ended)
CLKin1
29
REFout
O
LVCMOS reference output. Enable output by pulling REFout_EN pin high.
Power supply for REFout buffer. VCCOC operates from 3.3 V or 2.5 V. Bypass with a 0.1 uF
30
VCCOC
PWR
low-ESR capacitor placed very close to each Vcco pin. (2)
31
REFout_EN
I
REFout enable input. Enable signal is internally synchronized to selected clock input. (3)
4
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: LMK00334


Similar Part No. - LMK00334RTVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK00334RTVT TI1-LMK00334RTVT Datasheet
1Mb / 25P
[Old version datasheet]   LMK00334 4-Output PCIe/Gen1/Gen2/Gen3 Clock Buffer/Level Translator
LMK00334RTVTQ1 TI1-LMK00334RTVTQ1 Datasheet
2Mb / 29P
[Old version datasheet]   Four-Output PCIe/Gen1/Gen2/Gen3/Gen4 Clock Buffer and Level Translator
More results

Similar Description - LMK00334RTVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK00334-Q1 TI1-LMK00334-Q1 Datasheet
2Mb / 29P
[Old version datasheet]   Four-Output PCIe/Gen1/Gen2/Gen3/Gen4 Clock Buffer and Level Translator
LMK00334 TI1-LMK00334 Datasheet
1Mb / 25P
[Old version datasheet]   LMK00334 4-Output PCIe/Gen1/Gen2/Gen3 Clock Buffer/Level Translator
logo
Pericom Semiconductor C...
PI6CEQ20200 PERICOM-PI6CEQ20200 Datasheet
875Kb / 9P
   PCIe Gen2 / Gen3 Buffer
logo
Integrated Device Techn...
ICS9DB102 IDT-ICS9DB102_10 Datasheet
187Kb / 13P
   Two Output Differential Buffer for PCIe Gen1 & Gen2
logo
Renesas Technology Corp
ICS9DB102 RENESAS-ICS9DB102 Datasheet
301Kb / 14P
   Two Output Differential Buffer for PCIe Gen1 & Gen2
2019
ICS9DB803D RENESAS-ICS9DB803D Datasheet
458Kb / 23P
   EIGHT OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1 AND GEN2
2019
9DB433 RENESAS-9DB433 Datasheet
431Kb / 18P
   FOUR OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1–3
MAY 25, 2018
ICS9DB823B RENESAS-ICS9DB823B Datasheet
482Kb / 23P
   EIGHT OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1, GEN2 AND QPI
2019
9DBL411B RENESAS-9DBL411B Datasheet
737Kb / 14P
   Four Output Low Power Differential Fanout Buffer for PCI Express Gen1, Gen2, Gen3, and QPI
Feb 6, 2023
ICS9DB423 RENESAS-ICS9DB423 Datasheet
512Kb / 21P
   4-OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1, GEN2, AND QPI
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com