Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMX2581 Datasheet(PDF) 23 Page - Texas Instruments

Part # LMX2581
Description  Wideband Frequency Synthesizer
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMX2581 Datasheet(HTML) 23 Page - Texas Instruments

Back Button LMX2581_14 Datasheet HTML 19Page - Texas Instruments LMX2581_14 Datasheet HTML 20Page - Texas Instruments LMX2581_14 Datasheet HTML 21Page - Texas Instruments LMX2581_14 Datasheet HTML 22Page - Texas Instruments LMX2581_14 Datasheet HTML 23Page - Texas Instruments LMX2581_14 Datasheet HTML 24Page - Texas Instruments LMX2581_14 Datasheet HTML 25Page - Texas Instruments LMX2581_14 Datasheet HTML 26Page - Texas Instruments LMX2581_14 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 56 page
background image
tCES
tCWH
tCWL
LSB
CLK
LE
D27
D26
D25
D24
D23
D0
1
1
1
1
MSB
LSB
MUXout
tCES
tCS
D27
D26
D25
D24
tCH
tCWH
tCWL
D23
D0
A3
A2
A1
A0
LSB
DATA
CLK
LE
tES
tEWH
D27
D26
D25
D24
D23
D0
1
1
1
1
MSB
LSB
MUXout
D27
LMX2581
www.ti.com
SNAS601G – AUGUST 2012 – REVISED SEPTEMBER 2014
The procedure for doing this Readback is in the Serial Data Readback Timing section. Depending on the settings
for the ID(R0[31]) and RDADDR (R6[8:5]), information a different bit stream will be returned as shown in
Table 10.
Table 10. Uses of Readback
ID
BUFEN PIN
CE PIN
READBACK CODE
Readback register defined by
0
X
X
RDADDR.
0
0
0x 00000500
0
1
0x 00000510
1
1
0
0x 00000520
1
1
0x 00000530
8.3.14.2 Serial Timing for Readback
Readback is done through the the MUXout (or LD) pin with the same clock that is used to clock in the data.
Choose either the MUXout (or LD) pin for reading back data and program the MUXOUT_SELECT (or
LD_SELECT) to readback mode.
Bring the LE pin from low to high to start the readback at the MSB.
After the signal to the CLK pin goes high, the data will be ready at the readback pin 10 ns afterwards. It is
recommended to read back the data on the falling edge of the clock. Technically, the first bit actually
becomes ready after the rising edge of LE, but it still needs to be clocked out.
The address being clocked out will all be 1's.
Because the CLK pin is both used to clock in data and clock out data, special care needs to be taken to ensure
that erroneous data is not being clocked in during readback. There are two approaches to deal with this. The first
approach is to actually send valid data during readback. For this approach, R6 is a recommended register and
the approach is shown in Figure 18:
Figure 18. Timing for Readback
A second approach is to hold LE high during readback so that the clock pulses do not clock data into the part,
but still function for readback purposes. Figure 19 demonstrates this method:
Figure 19. Timing for Readback, Holding LE High
Copyright © 2012–2014, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: LMX2581


Similar Part No. - LMX2581_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMX2581 TI1-LMX2581_16 Datasheet
1Mb / 56P
[Old version datasheet]   LMX2581 Wideband Frequency Synthesizer with Integrated VCO
More results

Similar Description - LMX2581_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMX2581E TI1-LMX2581E Datasheet
1Mb / 55P
[Old version datasheet]   Wideband Frequency Synthesizer
logo
Skyworks Solutions Inc.
SKY73134 SKYWORKS-SKY73134 Datasheet
857Kb / 17P
   Wideband PLL Frequency Synthesizer
logo
Texas Instruments
LMX2581 TI-LMX2581 Datasheet
862Kb / 35P
[Old version datasheet]   LMX2581 Wideband Frequency Synthesizer with Integrated VCO
LMX2581 TI1-LMX2581_16 Datasheet
1Mb / 56P
[Old version datasheet]   LMX2581 Wideband Frequency Synthesizer with Integrated VCO
LMX2581 TI1-LMX2581 Datasheet
883Kb / 30P
[Old version datasheet]   LMX2581 Wideband Frequency Synthesizer with Integrated VCO
LMX2581E TI-LMX2581E_15 Datasheet
1Mb / 55P
[Old version datasheet]   LMX2581E Wideband Frequency Synthesizer with Integrated VCO
logo
Analog Devices
ADF4351 AD-ADF4351 Datasheet
592Kb / 28P
   Wideband Synthesizer
REV. 0
ADF5356 AD-ADF5356 Datasheet
726Kb / 38P
   Microwave Wideband Synthesizer
logo
NXP Semiconductors
HEF4750V PHILIPS-HEF4750V Datasheet
173Kb / 17P
   Frequency synthesizer
January 1995
logo
API Technologies Corp
455050 APITECH-455050 Datasheet
180Kb / 1P
   FREQUENCY SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com