Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMX2581 Datasheet(PDF) 9 Page - Texas Instruments

Part # LMX2581
Description  Wideband Frequency Synthesizer
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMX2581 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMX2581_14 Datasheet HTML 5Page - Texas Instruments LMX2581_14 Datasheet HTML 6Page - Texas Instruments LMX2581_14 Datasheet HTML 7Page - Texas Instruments LMX2581_14 Datasheet HTML 8Page - Texas Instruments LMX2581_14 Datasheet HTML 9Page - Texas Instruments LMX2581_14 Datasheet HTML 10Page - Texas Instruments LMX2581_14 Datasheet HTML 11Page - Texas Instruments LMX2581_14 Datasheet HTML 12Page - Texas Instruments LMX2581_14 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 56 page
background image
tCES
tCS
D27
D26
D25
D24
tCH
tCWH
tCWL
A3
A2
A1
A0
MSB
LSB
DATA
CLK
LE
tES
tEWH
D0
D23
LMX2581
www.ti.com
SNAS601G – AUGUST 2012 – REVISED SEPTEMBER 2014
Electrical Characteristics (continued)
(3.15 V
≤ Vcc ≤ 3.45 V, -40°C ≤ TA ≤ 85 °C; except as specified. Typical values are at Vcc = 3.3 V, 25 °C.)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DIGITAL INTERFACE (DATA, CLK, LE, CE, MUXout, BUFEN, LD)
High-Level Input
VIH
1.4
Vcc
V
Voltage
Low Level Input
VIL
0.4
V
Voltage
High-Level Input
IIH
VIH = 1.75 V
–5
5
µA
Current
Low-Level Input
IIL
VIL = 0 V
–5
5
µA
Current
High-Level Output
VOH
IOH = -500 µA
2
V
Voltage
Low-Level Output
VOL
IOL = -500 µA
0
0.4
V
Voltage
7.6 Timing Requirements, MICROWIRE Timing
MIN
TYP
MAX
UNIT
tES
Clock to Enable Low Time
See Figure 1
35
ns
tCS
Data to Clock Set Up Time
See Figure 1
10
ns
tCH
Data to Clock Hold Time
See Figure 1
10
ns
tCWH
Clock Pulse Width High
See Figure 1
25
ns
tCWL
Clock Pulse Width Low
See Figure 1
25
ns
tCES
Enable to Clock Set Up Time
See Figure 1
10
ns
tEWH
Enable Pulse Width High
See Figure 1
10
ns
Figure 1. Serial Data Input Timing
Copyright © 2012–2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LMX2581


Similar Part No. - LMX2581_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMX2581 TI1-LMX2581_16 Datasheet
1Mb / 56P
[Old version datasheet]   LMX2581 Wideband Frequency Synthesizer with Integrated VCO
More results

Similar Description - LMX2581_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMX2581E TI1-LMX2581E Datasheet
1Mb / 55P
[Old version datasheet]   Wideband Frequency Synthesizer
logo
Skyworks Solutions Inc.
SKY73134 SKYWORKS-SKY73134 Datasheet
857Kb / 17P
   Wideband PLL Frequency Synthesizer
logo
Texas Instruments
LMX2581 TI-LMX2581 Datasheet
862Kb / 35P
[Old version datasheet]   LMX2581 Wideband Frequency Synthesizer with Integrated VCO
LMX2581 TI1-LMX2581_16 Datasheet
1Mb / 56P
[Old version datasheet]   LMX2581 Wideband Frequency Synthesizer with Integrated VCO
LMX2581 TI1-LMX2581 Datasheet
883Kb / 30P
[Old version datasheet]   LMX2581 Wideband Frequency Synthesizer with Integrated VCO
LMX2581E TI-LMX2581E_15 Datasheet
1Mb / 55P
[Old version datasheet]   LMX2581E Wideband Frequency Synthesizer with Integrated VCO
logo
Analog Devices
ADF4351 AD-ADF4351 Datasheet
592Kb / 28P
   Wideband Synthesizer
REV. 0
ADF5356 AD-ADF5356 Datasheet
726Kb / 38P
   Microwave Wideband Synthesizer
logo
NXP Semiconductors
HEF4750V PHILIPS-HEF4750V Datasheet
173Kb / 17P
   Frequency synthesizer
January 1995
logo
API Technologies Corp
455050 APITECH-455050 Datasheet
180Kb / 1P
   FREQUENCY SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com