Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL2305 Datasheet(PDF) 5 Page - Silicon Laboratories

Part # SL2305
Description  Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL2305 Datasheet(HTML) 5 Page - Silicon Laboratories

  SL2305 Datasheet HTML 1Page - Silicon Laboratories SL2305 Datasheet HTML 2Page - Silicon Laboratories SL2305 Datasheet HTML 3Page - Silicon Laboratories SL2305 Datasheet HTML 4Page - Silicon Laboratories SL2305 Datasheet HTML 5Page - Silicon Laboratories SL2305 Datasheet HTML 6Page - Silicon Laboratories SL2305 Datasheet HTML 7Page - Silicon Laboratories SL2305 Datasheet HTML 8Page - Silicon Laboratories SL2305 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Rev 2.1, October 22, 2007
Page 5 of 11
SL2305
DC Electrical Specifications: Unless otherwise stated VDD=3.3V+/-10% and both C and I Grades
Symbol
Description
Condition
Min
Max
Unit
VDD
Supply Voltage
3.0
3.6
V
VIL
Input LOW Voltage
CLKIN (Pin-1)
0.8
V
VIH
Input HIGH Voltage
CLKIN (Pin-1)
2.0
VDD+0.3
V
IIL
Input LOW Current
CLKIN, 0 < VIN < 0.8V
25
µA
IIH
Input HIGH Current
CLKIN, VIN = VDD
50
µA
VOL
Output LOW Voltage
(All outputs)
IOL = 8 mA (standard drive)
0.4
V
IOL = 12 mA (high drive)
0.4
V
VOH
Output HIGH Voltage
(All outputs)
IOH = –8 mA (standard drive)
2.4
V
IOH = –12 mA (high drive)
2.4
V
IDDPD
Power Down Supply Current
CLKIN=0 to VDD
C-Grade, Power-down if CLKIN=0 to
VDD or input is floating
12
µA
I-Grade, Power-down if CLKIN=0 to
VDD or input is floating
25
µA
IDD1
Power Supply Current
All Outputs CL=0, 33MHz CLKIN
8
mA
IDD2
Power Supply Current
All Outputs CL=0, 66MHz CLKIN
14
mA
IDD3
Power Supply Current
All Outputs CL=0, 100MHz CLKIN
20
mA
IDD4
Power Supply Current
All Outputs CL=0, 133MHz CLKIN
26
mA
RPD
Pull-down Resistors
Pins-
1/2/3/5/7/8, 250kΩ-typ
175
325


Similar Part No. - SL2305

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
SL2305 SPECTRALINEAR-SL2305 Datasheet
167Kb / 11P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
SL2305SC-1 SPECTRALINEAR-SL2305SC-1 Datasheet
167Kb / 11P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
SL2305SC-1H SPECTRALINEAR-SL2305SC-1H Datasheet
167Kb / 11P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
SL2305SC-1HT SPECTRALINEAR-SL2305SC-1HT Datasheet
167Kb / 11P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
SL2305SC-1T SPECTRALINEAR-SL2305SC-1T Datasheet
167Kb / 11P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
More results

Similar Description - SL2305

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SL2309 SILABS-SL2309 Datasheet
562Kb / 13P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer
logo
List of Unclassifed Man...
SL2309 ETC2-SL2309 Datasheet
248Kb / 12P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
logo
SpectraLinear Inc
SL2305 SPECTRALINEAR-SL2305 Datasheet
167Kb / 11P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
logo
Silicon Laboratories
SL23EP05 SILABS-SL23EP05 Datasheet
284Kb / 15P
   LOW JITTER AND SKEW 10 TO 220 MHZ ZERO DELAY BUFFER
SL23EP08 SILABS-SL23EP08 Datasheet
227Kb / 15P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
SL23EP09 SILABS-SL23EP09 Datasheet
201Kb / 14P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
logo
SpectraLinear Inc
SL23EP04 SPECTRALINEAR-SL23EP04 Datasheet
163Kb / 14P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer(ZDB)
SL2309 SPECTRALINEAR-SL2309 Datasheet
142Kb / 12P
   Low Jitter and Skew 10 to 140MHz Zero Delay Buffer (ZDB)
SL23EP05 SPECTRALINEAR-SL23EP05 Datasheet
150Kb / 11P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
SL23EP08 SPECTRALINEAR-SL23EP08 Datasheet
173Kb / 18P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com