Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL2305SI-1T Datasheet(PDF) 4 Page - Silicon Laboratories

Part # SL2305SI-1T
Description  Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL2305SI-1T Datasheet(HTML) 4 Page - Silicon Laboratories

  SL2305SI-1T Datasheet HTML 1Page - Silicon Laboratories SL2305SI-1T Datasheet HTML 2Page - Silicon Laboratories SL2305SI-1T Datasheet HTML 3Page - Silicon Laboratories SL2305SI-1T Datasheet HTML 4Page - Silicon Laboratories SL2305SI-1T Datasheet HTML 5Page - Silicon Laboratories SL2305SI-1T Datasheet HTML 6Page - Silicon Laboratories SL2305SI-1T Datasheet HTML 7Page - Silicon Laboratories SL2305SI-1T Datasheet HTML 8Page - Silicon Laboratories SL2305SI-1T Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Rev 2.1, October 22, 2007
Page 4 of 11
SL2305
Absolute Maximum Ratings
Operating Conditions: Unless otherwise stated VDD=3.3V+/-10% and both C and I Grades
Description
Condition
Min
Max
Unit
Supply voltage, VDD
– 0.5
4.6
V
All Inputs and Outputs
– 0.5
VDD+0.5
V
Ambient Operating Temperature
In operation, C-Grade
0
70
°C
Ambient Operating Temperature
In operation, I-Grade
– 40
85
°C
Storage Temperature
No power is applied
– 65
150
°C
Junction Temperature
In operation, power is applied
125
°C
Soldering Temperature
260
°C
ESD Rating (Human Body Model)
JEDEC22-A114D
-4,000
4,000
V
ESD Rating (Charge Device Model)
JEDEC22-C101C
-1,500
1,500
V
ESD Rating (Machine Model)
JEDEC22-A115D
-250
250
V
Latch-up
125°C
-200
200
mA
Symbol
Description
Condition
Min
Max
Unit
VDD
3.3V Supply Voltage
3.3V+/-10%
3.0
3.6
V
TA
Operating
Temperature(Ambient)
Commercial
0
70
°C
Industrial
–40
85
°C
CLOAD
Load Capacitance
10 to 140 MHz, -1H high drive
15
pF
10 to 100 MHz, -1H high drive
30
pF
10 to 100MHz, -1 standard drive
15
pF
10 to 66MHz, -1 standard drive
30
pF
CIN
Input Capacitance
CLKIN pin
7
pF
tpu
Power-up Time
Power-up time for all VDDs to reach
minimum VDD voltage (VDD=3.0V).
0.05
100
ms
CLBW
Closed-loop bandwidth
3.3V, (typical)
1.2
MHz
ZOUT
Output Impedance
3.3V (typical), -1H high drive
22
3.3V (typical), -1 standard drive
32


Similar Part No. - SL2305SI-1T

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
SL2305SI-1T SPECTRALINEAR-SL2305SI-1T Datasheet
167Kb / 11P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
More results

Similar Description - SL2305SI-1T

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SL2309 SILABS-SL2309 Datasheet
562Kb / 13P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer
logo
List of Unclassifed Man...
SL2309 ETC2-SL2309 Datasheet
248Kb / 12P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
logo
SpectraLinear Inc
SL2305 SPECTRALINEAR-SL2305 Datasheet
167Kb / 11P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
logo
Silicon Laboratories
SL23EP05 SILABS-SL23EP05 Datasheet
284Kb / 15P
   LOW JITTER AND SKEW 10 TO 220 MHZ ZERO DELAY BUFFER
SL23EP08 SILABS-SL23EP08 Datasheet
227Kb / 15P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
SL23EP09 SILABS-SL23EP09 Datasheet
201Kb / 14P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
logo
SpectraLinear Inc
SL23EP04 SPECTRALINEAR-SL23EP04 Datasheet
163Kb / 14P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer(ZDB)
SL2309 SPECTRALINEAR-SL2309 Datasheet
142Kb / 12P
   Low Jitter and Skew 10 to 140MHz Zero Delay Buffer (ZDB)
SL23EP05 SPECTRALINEAR-SL23EP05 Datasheet
150Kb / 11P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
SL23EP08 SPECTRALINEAR-SL23EP08 Datasheet
173Kb / 18P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com