Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS1004 Datasheet(PDF) 8 Page - Silicon Laboratories

Part # TS1004
Description  THE ONLY 0.8V/0.6A RAIL-TO-RAIL DUAL/QUAD OP AMPS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS1004 Datasheet(HTML) 8 Page - Silicon Laboratories

Back Button TS1004 Datasheet HTML 4Page - Silicon Laboratories TS1004 Datasheet HTML 5Page - Silicon Laboratories TS1004 Datasheet HTML 6Page - Silicon Laboratories TS1004 Datasheet HTML 7Page - Silicon Laboratories TS1004 Datasheet HTML 8Page - Silicon Laboratories TS1004 Datasheet HTML 9Page - Silicon Laboratories TS1004 Datasheet HTML 10Page - Silicon Laboratories TS1004 Datasheet HTML 11Page - Silicon Laboratories TS1004 Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
TS1002/TS1004
Page 8
TS1002/4 Rev. 1.0
is 20.9% and air samples containing less than 18%
oxygen are considered dangerous. In industrial
applications, oxygen sensors are used to detect the
absence of oxygen; for example, vacuum-packaging
of food products is one example.
The
circuit
in
Figure
1
illustrates
a
typical
implementation used to amplify the output of an
oxygen detector. Either amplifier makes an
excellent choice for this application as it only draws
0.6µA of supply current per amplifier and operates
on supply voltages down to 0.65V. With the
components
shown
in
the
figure,
the
circuit
consumes less than 0.7
μA of supply current
ensuring that small form-factor single- or button-cell
batteries (exhibiting low mAh charge ratings) could
last beyond the operating life of the oxygen sensor.
The precision specifications of these amplifiers, such
as their low offset voltage, low TCVOS, low input bias
current, high CMRR, and high PSRR are other
factors
which
make
these
amplifiers
excellent
choices for this application. Since oxygen sensors
typically exhibit an operating life of one to two years,
an oxygen sensor amplifier built around one of these
amplifiers
can
operate
from
a
conventionally-
available single 1.5-V alkaline AA battery for over
290 years! At such low power consumption from a
single cell, the oxygen sensor could be replaced
over 150 times before the battery requires replacing!
NanoWatt, Buffered Single-pole Low-Pass Filters
When
receiving
low-level
signals,
limiting
the
bandwidth of the incoming signals into the system is
often required. As shown in Figure 2, the simplest
way to achieve this objective is to use an RC filter at
the noninverting terminal of the amplifier.
If additional attenuation is needed, a two-pole
Sallen-Key filter can be used to provide the
additional attenuation as shown in Figure 3.
For best results, the filter’s cutoff frequency should
be 8 to 10 times lower than the amplfier’s crossover
frequency. Additional operational amplifier phase
margin
shift
can
be
avoided
if
the
amplifier
bandwidth-to-signal bandwidth ratio is greater than
8.
The design equations for the 2-pole Sallen-Key low-
pass filter are given below with component values
selected to set a 400Hz low-pass filter cutoff
frequency:
R1 = R2 = R = 1M
C1 = C2 = C = 400pF
Q = Filter Peaking Factor = 1
f–3dB = 1/(2 x
π x RC) = 400 Hz
R3 = R4/(2-1/Q); with Q = 1, R3 = R4.
A Single +1.5 V Supply, Two Op Amp
Instrumentation Amplifier
The amplifiers’ ultra-low supply current and ultra-low
voltage operation make them ideal for battery-
powered applications such as the instrumentation
amplifier shown in Figure 4 using a TS1002.
Figure 2: A Simple, Single-pole Active Low-Pass Filter.
Figure 3: A Nanopower 2-Pole Sallen-Key Low-Pass Filter.
Figure 1: A Nanopower, Precision Oxygen Gas Sensor
Amplifier.


Similar Part No. - TS1004

ManufacturerPart #DatasheetDescription
logo
Touchstone Semiconducto...
TS1004 TOUCHSTONE-TS1004 Datasheet
830Kb / 13P
   THE ONLY 0.8V/0.6uA RAIL-TO-RAIL DUAL/QUAD OP AMPS
TS1004IT14T TOUCHSTONE-TS1004IT14T Datasheet
830Kb / 13P
   THE ONLY 0.8V/0.6uA RAIL-TO-RAIL DUAL/QUAD OP AMPS
TS1004IT14TP TOUCHSTONE-TS1004IT14TP Datasheet
830Kb / 13P
   THE ONLY 0.8V/0.6uA RAIL-TO-RAIL DUAL/QUAD OP AMPS
More results

Similar Description - TS1004

ManufacturerPart #DatasheetDescription
logo
Touchstone Semiconducto...
TS1002 TOUCHSTONE-TS1002 Datasheet
830Kb / 13P
   THE ONLY 0.8V/0.6uA RAIL-TO-RAIL DUAL/QUAD OP AMPS
logo
Silicon Laboratories
TS1001 SILABS-TS1001 Datasheet
1Mb / 12P
   THE ONLY 0.8V/0.6A RAIL-TO-RAIL OP AMP
TS1003 SILABS-TS1003 Datasheet
1Mb / 13P
   THE ONLY 0.8V TO 5.5V, 0.6A RAIL-TO-RAIL SINGLE OP AMP
logo
Touchstone Semiconducto...
TS1001 TOUCHSTONE-TS1001 Datasheet
507Kb / 11P
   THE ONLY 0.8V/0.6 RAIL-TO-RAIL OP AMP
logo
List of Unclassifed Man...
TS1001 ETC-TS1001 Datasheet
518Kb / 11P
   THE ONLY 0.8V/0.6關A RAIL-TO-RAIL OP AMP
logo
Touchstone Semiconducto...
TS1003 TOUCHSTONE-TS1003 Datasheet
882Kb / 11P
   THE ONLY 0.8V TO 5.5V, 0.6uA RAIL-TO-RAIL SINGLE OP AMP
logo
Linear Technology
LT1679 LINER-LT1679_15 Datasheet
298Kb / 16P
   Dual/Quad Low Noise, Rail-to-Rail, Precision Op Amps
LT1678 LINER-LT1678_15 Datasheet
298Kb / 16P
   Dual/Quad Low Noise, Rail-to-Rail, Precision Op Amps
LT1678 LINER-LT1678 Datasheet
297Kb / 16P
   Dual/Quad Low Noise, Rail-to-Rail, Precision Op Amps
LT1490A LINER-LT1490A_15 Datasheet
234Kb / 18P
   Dual/Quad Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com