Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54ACTQ08L Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54ACTQ08L
Description  Quiet Series Quad 2-Input AND Gate
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54ACTQ08L Datasheet(HTML) 3 Page - National Semiconductor (TI)

  54ACTQ08L Datasheet HTML 1Page - National Semiconductor (TI) 54ACTQ08L Datasheet HTML 2Page - National Semiconductor (TI) 54ACTQ08L Datasheet HTML 3Page - National Semiconductor (TI) 54ACTQ08L Datasheet HTML 4Page - National Semiconductor (TI) 54ACTQ08L Datasheet HTML 5Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DC Characteristics for ’ACTQ Family Devices (Continued)
54ACTQ
Symbol
Parameter
V
CC
T
A =
Units
Conditions
(V)
−55˚C to +125˚C
Guaranteed Limits
V
OLP
Quiet Output Maximum
5.0
1.5
V
Dynamic V
OL
(Note 5)
V
OLV
Quiet Output Minimum
5.0
-1.2
V
Dynamic V
OL
(Note 5)
Note 3: All outputs loaded; thresholds on input associated with output under test.
Note 4: Maximum test duration 2.0 ms, one output loaded at a time.
Note 5: Max number of outputs defined as (n). Data inputs are 0V to 3V. One output @ GND.
AC Electrical Characteristics
54ACTQ
V
CC
(V)
(Note 6)
T
A = −55˚C
Symbol
Parameter
to +125˚C
Units
C
L = 50 pF
Min
Max
t
PLH
Propagation Delay
5.0
1.0
9.4
ns
Data to Output
t
PHL
Propagation Delay
5.0
1.0
8.6
ns
Data to Output
Note 6: Voltage Range 5.0 is 5.0V ±0.5V.
Capacitance
Symbol
Parameter
Typ
Units
Conditions
C
IN
Input Capacitance
4.5
pF
V
CC = OPEN
C
PD
Power Dissipation
70
pF
V
CC = 5.0V
Capacitance
www.national.com
3


Similar Part No. - 54ACTQ08L

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54ACTQ02 NSC-54ACTQ02 Datasheet
105Kb / 5P
   Quad 2-Input NOR Gate
54ACTQ02D NSC-54ACTQ02D Datasheet
105Kb / 5P
   Quad 2-Input NOR Gate
54ACTQ02F NSC-54ACTQ02F Datasheet
105Kb / 5P
   Quad 2-Input NOR Gate
54ACTQ02L NSC-54ACTQ02L Datasheet
105Kb / 5P
   Quad 2-Input NOR Gate
54ACTQ04 NSC-54ACTQ04 Datasheet
106Kb / 5P
   Quiet Series Hex Inverter
More results

Similar Description - 54ACTQ08L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACTQ08 FAIRCHILD-74ACTQ08_07 Datasheet
220Kb / 8P
   Quiet Series??Quad 2-Input AND Gate
74ACTQ08 FAIRCHILD-74ACTQ08 Datasheet
81Kb / 7P
   Quiet Series??Quad 2-Input AND Gate
74ACTQ00 FAIRCHILD-74ACTQ00 Datasheet
98Kb / 7P
   Quiet Series??Quad 2-Input NAND Gate
logo
National Semiconductor ...
54ACTQ32 NSC-54ACTQ32 Datasheet
111Kb / 6P
   Quiet Series Quad 2-Input OR Gate
logo
Fairchild Semiconductor
74ACTQ32 FAIRCHILD-74ACTQ32 Datasheet
156Kb / 7P
   Quiet Series Quad 2-Input OR Gate
logo
Texas Instruments
54ACTQ32QML TI1-54ACTQ32QML_13 Datasheet
74Kb / 6P
[Old version datasheet]   Quiet Series Quad 2-Input OR Gate
54ACTQ32QML TI1-54ACTQ32QML Datasheet
542Kb / 11P
[Old version datasheet]   54ACTQ32QML Quiet Series Quad 2-Input OR Gate
logo
Motorola, Inc
MC74VQ02 MOTOROLA-MC74VQ02 Datasheet
103Kb / 7P
   LOW-VOLTAGE QUIET CMOS QUAD 2-INPUT NOR GATE
logo
Fairchild Semiconductor
74ACTQ00 FAIRCHILD-74ACTQ00_99 Datasheet
60Kb / 6P
   Quiet Series?줢uad 2-Input NAND Gate
logo
Toshiba Semiconductor
TC74VHC08F TOSHIBA-TC74VHC08F Datasheet
204Kb / 5P
   QUAD 2-INPUT AND GATE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com