Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFN25 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BFN25
Description  PNP Silicon High-Voltage Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFN25 Datasheet(HTML) 1 Page - Infineon Technologies AG

  BFN25 Datasheet HTML 1Page - Infineon Technologies AG BFN25 Datasheet HTML 2Page - Infineon Technologies AG BFN25 Datasheet HTML 3Page - Infineon Technologies AG BFN25 Datasheet HTML 4Page - Infineon Technologies AG BFN25 Datasheet HTML 5Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BFN25, BFN27
Nov-30-2001
1
PNP Silicon High-Voltage Transistors
 Suitable for video output stages in TV sets and
switching power supplies
 High breakdown voltage
 Low collector-emitter saturation voltage
 Complementary types: BFN24, BFN26 (NPN)
1
2
3
VPS05161
Type
Marking
Pin Configuration
Package
BFN25
BFN27
FKs
FLs
1 = B
1 = B
2 = E
2 = E
3 = C
3 = C
SOT23
SOT23
Maximum Ratings
Parameter
Symbol
BFN25
BFN27
Unit
Collector-emitter voltage
VCEO
250
300
V
Collector-base voltage
VCBO
250
300
Emitter-base voltage
VEBO
5
5
DC collector current
IC
200
mA
Peak collector current
ICM
500
Base current
IB
100
Peak base current
IBM
200
Total power dissipation, TS = 74 °C
Ptot
360
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-65 ... 150
Thermal Resistance
Junction - soldering point1)
RthJS
210
K/W
1For calculation of R
thJA please refer to Application Note Thermal Resistance


Similar Part No. - BFN25

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BFN25 SIEMENS-BFN25 Datasheet
140Kb / 4P
   PNP Silicon High-Voltage Transistors (Suitable for video output stages in TV sets and switching power supplies High breakdown voltage)
More results

Similar Description - BFN25

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBTA92LT1 ONSEMI-MMBTA92LT1 Datasheet
53Kb / 4P
   High Voltage Transistors(PNP Silicon)
November, 2003 ??Rev. 4
logo
Infineon Technologies A...
BFN19 INFINEON-BFN19 Datasheet
67Kb / 6P
   PNP Silicon High-Voltage Transistors
2007-03-29
BFN39 INFINEON-BFN39 Datasheet
67Kb / 6P
   PNP Silicon High-Voltage Transistors
2007-03-29
logo
Micro Electronics
BF491 MICRO-ELECTRONICS-BF491 Datasheet
159Kb / 2P
   PNP SILICON HIGH VOLTAGE TRANSISTORS
logo
ON Semiconductor
BF421 ONSEMI-BF421 Datasheet
82Kb / 4P
   High Voltage Transistors(PNP Silicon)
1998 REV 1
MMBTA92LT1G ONSEMI-MMBTA92LT1G_10 Datasheet
111Kb / 4P
   High Voltage Transistors PNP Silicon
July, 2010 ??Rev. 8
MPSA92 ONSEMI-MPSA92 Datasheet
86Kb / 4P
   High Voltage Transistors(PNP Silicon)
1998 REV 1
SMMBTA92LT1G ONSEMI-SMMBTA92LT1G Datasheet
108Kb / 4P
   High Voltage Transistors PNP Silicon
January, 2013 ??Rev. 10
BSP16T1 ONSEMI-BSP16T1 Datasheet
66Kb / 3P
   High Voltage Transistors PNP Silicon
June, 2007 - Rev. 6
logo
Central Semiconductor C...
MPSA92 CENTRAL-MPSA92_15 Datasheet
526Kb / 4P
   SILICON HIGH VOLTAGE PNP TRANSISTORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com