Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFP182 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # BFP182
Description  NPN Silicon RF Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFP182 Datasheet(HTML) 4 Page - Infineon Technologies AG

  BFP182 Datasheet HTML 1Page - Infineon Technologies AG BFP182 Datasheet HTML 2Page - Infineon Technologies AG BFP182 Datasheet HTML 3Page - Infineon Technologies AG BFP182 Datasheet HTML 4Page - Infineon Technologies AG BFP182 Datasheet HTML 5Page - Infineon Technologies AG BFP182 Datasheet HTML 6Page - Infineon Technologies AG BFP182 Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
BFP182
Aug-09-2001
4
SPICE Parameters (Gummel-Poon Model, Berkley-SPICE 2G.6 Syntax) :
Transistor Chip Data
BF =
84.113
-
IKF =
0.14414
A
BR =
10.004
-
IKR =
0.039478
A
RB =
3.4217

RE =
2.1858
VJE =
1.0378
V
XTF =
0.43147
-
PTF =
0
deg
MJC =
0.31068
-
CJS =
0fF
XTB =
0-
FC =
0.64175
-
IS =
4.8499
fA
VAF =
21.742
V
NE =
0.91624
-
VAR =
2.2595
V
NC =
0.5641
-
RBM =
2.8263

CJE =
8.8619
fF
TF =
22.72
ps
ITF =
6.5523
mA
VJC =
1.0132
V
TR =
1.7541
ns
MJS =
0-
XTI =
3
-
NF =
0.56639
-
ISE =
8.4254
fA
NR =
0.54818
-
ISC =
5.9438
fA
IRB =
0.071955
mA
RC =
1.8159

MJE =
0.40796
-
VTF =
0.34608
V
CJC =
490.25
fF
XCJC =
0.19281
-
VJS =
0.75
V
EG =
1.11
eV
TNOM
300
K
All parameters are ready to use, no scalling is necessary.
Extracted on behalf of Infineon Technologies AG by:
Institut für Mobil-und Satellitentechnik (IMST)
Package Equivalent Circuit:
LBI =
0.89
nH
LBO =
0.73
nH
LEI =
0.4
nH
LEO =
0.15
nH
LCI =
0nH
LCO =
0.42
nH
CBE =
189
fF
CCB =
15
fF
CCE =
187
fF
Valid up to 6GHz
For examples and ready to use parameters please contact your local Infineon Technologies distributor or sales
office to obtain a Infineon Technologies CD-ROM or see Internet: http://www.infineon.com/silicondiscretes


Similar Part No. - BFP182

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BFP182 SIEMENS-BFP182 Datasheet
60Kb / 7P
   NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 1mA to 20mA)
logo
Infineon Technologies A...
BFP182 INFINEON-BFP182 Datasheet
134Kb / 7P
   NPN Silicon RF Transistor
2007-04-20
logo
Siemens Semiconductor G...
BFP182R SIEMENS-BFP182R Datasheet
58Kb / 7P
   NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 1mA to 20mA)
logo
Infineon Technologies A...
BFP182R INFINEON-BFP182R Datasheet
87Kb / 7P
   NPN Silicon RF Transistor
Aug-09-2001
BFP182R INFINEON-BFP182R Datasheet
144Kb / 7P
   NPN Silicon RF Transistor
2007-04-20
More results

Similar Description - BFP182

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BF505 SIEMENS-BF505 Datasheet
36Kb / 2P
   NPN SILICON RF TRANSISTOR
logo
Tachyonics CO,. LTD
TBN6301 TACHYONICS-TBN6301 Datasheet
224Kb / 6P
   NPN SILICON RF TRANSISTOR
logo
Advanced Semiconductor
MRF901 ASI-MRF901 Datasheet
35Kb / 1P
   NPN SILICON RF TRANSISTOR
logo
Siemens Semiconductor G...
BF503 SIEMENS-BF503 Datasheet
35Kb / 2P
   NPN SILICON RF TRANSISTOR
logo
Infineon Technologies A...
BF771 INFINEON-BF771 Datasheet
27Kb / 3P
   NPN Silicon RF Transistor
Jun-27-2001
BF771W INFINEON-BF771W Datasheet
27Kb / 3P
   NPN Silicon RF Transistor
Jun-27-2001
BF772 INFINEON-BF772 Datasheet
27Kb / 3P
   NPN Silicon RF Transistor
Jun-27-2001
BF775 INFINEON-BF775 Datasheet
70Kb / 3P
   NPN Silicon RF Transistor
Nov-30-2000
BFG196 INFINEON-BFG196 Datasheet
60Kb / 6P
   NPN Silicon RF Transistor
Jun-27-2001
BFG235 INFINEON-BFG235 Datasheet
99Kb / 6P
   NPN Silicon RF Transistor
Oct-27-1999
BFP182W INFINEON-BFP182W Datasheet
77Kb / 7P
   NPN Silicon RF Transistor
Aug-09-2001
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com