Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI4713 Datasheet(PDF) 9 Page - Silicon Laboratories

Part # SI4713
Description  RECEIVE POWER SCAN PRIMER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4713 Datasheet(HTML) 9 Page - Silicon Laboratories

Back Button SI4713 Datasheet HTML 5Page - Silicon Laboratories SI4713 Datasheet HTML 6Page - Silicon Laboratories SI4713 Datasheet HTML 7Page - Silicon Laboratories SI4713 Datasheet HTML 8Page - Silicon Laboratories SI4713 Datasheet HTML 9Page - Silicon Laboratories SI4713 Datasheet HTML 10Page - Silicon Laboratories SI4713 Datasheet HTML 11Page - Silicon Laboratories SI4713 Datasheet HTML 12Page - Silicon Laboratories SI4713 Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
AN307
Rev. 0.2
9
APPENDIX A: TCL IMPLEMENTATION OF RPS
TCL code that demonstrates scanning the entire US FM band is show below. Refer to Section 3 of this document
for more information.
#This example will find the minimum power for a FM channel.
#it will calculate the average power based on a weighted average spanning +/-N channels.
#
# Variables used to configure the operation of the scan
#
# These variables define the FM band characteristics
#
# startFreq - The lower end of the FM band (in 10kHz steps)
# endFreq
- The upper end of the FM band (in 10kHz steps)
# spacing
- channel spacing: 50kHz, 100kHz, 200kHz (in 10kHz steps)
#
# numBands
- Breaks the FM band into a number of smaller bands. The min power is found
#
in each of these frequency bands.
#
# filterWidth - sets the width of the FIR filter in channels
# filter
- an array of filterWidth elements which is used to compute the average
# coeff
- an array of filter coefficients for weighing the value of each channel
#
in the average. The coefficients are listed in the following order
#
[N+max, N-max, N-max+1,.....]. For a 5-tap filter the ordering is
#
[N+2, N-2, N-1, N, N+1]
# filterWeight- The scaling factor used to normalize the summed coefficient terms
#
This term is optional and is only required to normalize results between a single
#
RNL measurement and the averaged RNL measurements.
#
# Calculating the filter in place with the proper weighting is done as follows:
#
# filterPtr is the location where the next sample is placed in the FIR array and is calculated by
# taking the current loop number modulo the filterWidth. The channel whose average power is
being
# calculated is located at a frequency filterMid steps lower than the current frequency. To
ensure
# that the measured RNL is averaged with the proper coefficients consider the following case:
#
# freq array
A
B
C
D
E
#
#
^
^
#
fltPtr
chan N
#
#
N+2
N-2
N-1
N
N+1
# coeff
1
1
2
6
2
#
# filterPtr always points to N+2 so when weighting the filter values with the coefficients, we
can
# pull the N+2 coefficient from the coefficient array location 0, and start pulling measurements
# from the filter at the filterPtr location. By incrementing filter pointer and taking the
modulo we
# ensure that we always pull the filter elements in the order that the coefficents are stored in
the
# coeff array.
#
set startFreq 8750
set endFreq 10790


Similar Part No. - SI4713

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4713 SILABS-SI4713 Datasheet
3Mb / 302P
   Si47XX PROGRAMMING GUIDE
SI4713 SILABS-SI4713 Datasheet
1Mb / 69P
   Si47XX ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
SI4713 SILABS-SI4713 Datasheet
2Mb / 68P
   Si470X/1X/2X/3X/4X EVALUATION BOARD TEST PROCEDURE
SI4713 SILABS-SI4713 Datasheet
1,004Kb / 3P
   FM Radio Transmitter with Receive Power Scan
Si4713 SILABS-Si4713 Datasheet
9Mb / 164P
   Thank you for purchasing the Silicon Laboratories
More results

Similar Description - SI4713

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4712 SILABS-SI4712 Datasheet
1,004Kb / 3P
   FM Radio Transmitter with Receive Power Scan
SI4712-B30 SILABS-SI4712-B30 Datasheet
1Mb / 42P
   FM RADIO TRANSMITTER WITH RECEIVE POWER SCAN
logo
List of Unclassifed Man...
AMWx06-A1U ETC2-AMWx06-A1U Datasheet
1Mb / 13P
   Serial Communications Primer
NE602 ETC-NE602 Datasheet
996Kb / 6P
   NE602 PRIMER
logo
3M Electronics
P592 3M-P592 Datasheet
387Kb / 6P
   Adhesion Promoter/Primer
AP596 3M-AP596 Datasheet
387Kb / 6P
   Adhesion Promoter/Primer
logo
List of Unclassifed Man...
PPC219 ETC2-PPC219 Datasheet
535Kb / 1P
   Construction Substrate material, primer, adhesive
logo
3M Electronics
EC-1593 3M-EC-1593 Datasheet
26Kb / 6P
   Scotch-WeldTM Structural Adhesive Primer
EC-1945 3M-EC-1945 Datasheet
18Kb / 4P
   Scotch-WeldTM Structural Adhesive Primer
logo
List of Unclassifed Man...
PPC221 ETC1-PPC221 Datasheet
533Kb / 1P
   Construction : Substrate material, primer, adhesive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com