Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI4700 Datasheet(PDF) 9 Page - Silicon Laboratories

Part # SI4700
Description  Si47XX PROGRAMMING GUIDE
Download  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4700 Datasheet(HTML) 9 Page - Silicon Laboratories

Back Button SI4700 Datasheet HTML 5Page - Silicon Laboratories SI4700 Datasheet HTML 6Page - Silicon Laboratories SI4700 Datasheet HTML 7Page - Silicon Laboratories SI4700 Datasheet HTML 8Page - Silicon Laboratories SI4700 Datasheet HTML 9Page - Silicon Laboratories SI4700 Datasheet HTML 10Page - Silicon Laboratories SI4700 Datasheet HTML 11Page - Silicon Laboratories SI4700 Datasheet HTML 12Page - Silicon Laboratories SI4700 Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 302 page
background image
AN332
Rev. 1.0
9
0x2200
TX_ACOMP_ENABLE3
Enables audio dynamic range control
and limiter.
Default is 2 (limiter is enabled, audio
dynamic range control is disabled).
0x0002
All
0x2201
TX_ACOMP_THRESHOLD
Sets the threshold level for audio
dynamic range control.
Default is –40 dB.
0xFFD8
All
0x2202
TX_ACOMP_ATTACK_TIME
Sets the attack time for audio
dynamic range control.
Default is 0 (0.5 ms).
0x0000
All
0x2203
TX_ACOMP_RELEASE_TIME
Sets the release time for audio
dynamic range control.
Default is 4 (1000 ms).
0x0004
All
0x2204
TX_ACOMP_GAIN
Sets the gain for audio dynamic
range control.
Default is 15 dB.
0x000F
All
0x2205
TX_LIMITER_RELEASE_TIME3
Sets the limiter release time. Default
is 102 (5.01 ms)
0x0066
All except
Si4710-A10
0x2300
TX_ASQ_INTERRUPT_SOURCE
Configures measurements related to
signal quality metrics. Default is none
selected.
0x0000
All
0x2301
TX_ASQ_LEVEL_LOW
Configures low audio input level
detection threshold. This threshold
can be used to detect silence on the
incoming audio.
0x0000
All
0x2302
TX_ASQ_DURATION_LOW
Configures the duration which the
input audio level must be below the
low threshold in order to detect a low
audio condition.
0x0000
All
0x2303
TX_ASQ_LEVEL_HIGH
Configures high audio input level
detection threshold. This threshold
can be used to detect activity on the
incoming audio.
0x0000
All
0x2304
TX_ASQ_DURATION_HIGH
Configures the duration which the
input audio level must be above the
high threshold in order to detect a
high audio condition.
0x0000
All
0x2C00
TX_RDS_INTERRUPT_SOURCE2
Configure RDS interrupt sources.
Default is none selected.
0x0000
Si4711/13/21
Table 5. FM Transmitter Property Summary (Continued)
Prop
Name
Description
Default
Available In
Notes:
1.
Digital Audio Input feature (property DIGITAL_INPUT_FORMAT and DIGITAL_INPUT_SAMPLE_RATE) is supported
in FMTX component 2.0 or later.
2.
RDS feature (command TX_RDS_BUFF, TX_RDS_PS and RDS properties 0x2103, 0x2C00 through 2C07) is
supported in FMTX component 2.0 or later.
3.
Limiter feature (LIMITEN bit in TX_ACOMP_ENABLE and property TX_LIMITER_RELEASE_TIME) is supported in
FMTX component 2.0 or later.


Similar Part No. - SI4700

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4700 SILABS-SI4700 Datasheet
154Kb / 2P
   Broadcast FM Radio Tuner for Portable Applications
SI4700 SILABS-SI4700 Datasheet
1Mb / 42P
   Device initialization sequence and busmode selection
SI4700 SILABS-SI4700 Datasheet
999Kb / 2P
   EVALUATION BOARD QUICK-START GUIDE
SI4700 SILABS-SI4700 Datasheet
1Mb / 69P
   Si47XX ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
SI4700 SILABS-SI4700 Datasheet
2Mb / 68P
   Si470X/1X/2X/3X/4X EVALUATION BOARD TEST PROCEDURE
More results

Similar Description - SI4700

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN346 SILABS-AN346 Datasheet
964Kb / 2P
   Si47XX EVALUATION BOARD QUICK-START GUIDE
logo
Motorola, Inc
MC68HC05C4 MOTOROLA-MC68HC05C4 Datasheet
3Mb / 64P
   PROGRAMMING REFRERENCE GUIDE
logo
Silicon Laboratories
AN645 SILABS-AN645 Datasheet
2Mb / 202P
   Si477X PROGRAMMING GUIDE
logo
List of Unclassifed Man...
SPL11A ETC-SPL11A Datasheet
1Mb / 42P
   SPL11A PROGRAMMING GUIDE
logo
ATMEL Corporation
ATWILC1000 ATMEL-ATWILC1000 Datasheet
2Mb / 45P
   ATWILC1000 Programming Guide
logo
Silicon Laboratories
AN610 SILABS-AN610 Datasheet
1Mb / 71P
   Si48XX ATDD PROGRAMMING GUIDE
AN349 SILABS-AN349 Datasheet
1Mb / 14P
   Si4708/09 PROGRAMMING GUIDE
logo
Motorola, Inc
M68HC11ERG MOTOROLA-M68HC11ERG Datasheet
1Mb / 60P
   M68HC11E Series Programming Reference Guide
logo
Cypress Semiconductor
CY3207ISSP CYPRESS-CY3207ISSP Datasheet
435Kb / 18P
   In-System Serial Programming (ISSP) Guide
logo
rfsolutions.ltd
BRM01 RFSOLUTIONS-BRM01_03 Datasheet
114Kb / 10P
   2.4GHZ BLUETOOTH TRANSCEIVER MODULE PROGRAMMING GUIDE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com