Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI4700 Datasheet(PDF) 1 Page - Silicon Laboratories

Part # SI4700
Description  Si47XX PROGRAMMING GUIDE
Download  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4700 Datasheet(HTML) 1 Page - Silicon Laboratories

  SI4700 Datasheet HTML 1Page - Silicon Laboratories SI4700 Datasheet HTML 2Page - Silicon Laboratories SI4700 Datasheet HTML 3Page - Silicon Laboratories SI4700 Datasheet HTML 4Page - Silicon Laboratories SI4700 Datasheet HTML 5Page - Silicon Laboratories SI4700 Datasheet HTML 6Page - Silicon Laboratories SI4700 Datasheet HTML 7Page - Silicon Laboratories SI4700 Datasheet HTML 8Page - Silicon Laboratories SI4700 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 302 page
background image
Rev. 1.0 9/14
Copyright © 2014 by Silicon Laboratories
AN332
AN332
Si47 XX P ROGRAMMING G UIDE
1. Introduction
This document provides an overview of the programming requirements for the Si4704/05/06/07/1x/2x/3x/4x/84/85
FM transmitter/AM/FM/SW/LW/WB receiver. The hardware control interface and software commands are detailed
along with several examples of the required steps to configure the device for various modes of operation.
2. Overview
This family of products is programmed using commands and responses. To perform an action, the system
controller writes a command byte and associated arguments, causing the device to execute the given command.
The device will, in turn, provide a response depending on the type of command that was sent. Section "4.
Commands and Responses" on page 6 and section "5. Commands and Properties" on page 7 describe the
procedures for using commands and responses and provide complete lists of commands, properties, and
responses.
The device has a slave control interface that allows the system controller to send commands to and receive
responses from the device using one of three serial protocols (or bus modes): 2-wire mode (I2C and SMBUS
compatible), 3-wire mode, or SPI mode.
Section "6. Control Interface" on page 206 describes the control interface in detail.
Section "7. Powerup" on page 214 describes options for the sequencing of VDD and VIO power supplies, selection
of the desired bus mode, provision of the reference clock, RCLK, and sending of the POWER_UP command.
Section "8. Powerdown" on page 221 describes sending the POWER_DOWN command and removing VDD and
VIO power supplies as necessary.
Section "9. Digital Audio Interface" on page 222 describes the digital audio format supported and how to operate
the device in digital mode.
Section "10. Timing" on page 225 describes the CTS (Clear to Send) timing indicating when the command has
been accepted and in most cases completed execution, and the STC (Seek/Tune Complete) timing indicating
when the Seek/Tune commands have completed execution.
Section "11. FM Transmitter" on page 231 describes the audio dynamic range control, limiter, pre-emphasis,
recommendations for maximizing audio volume for the FM transmitter.
Section "12. Programming Examples" on page 235 provides flowcharts and step-by-step procedures for
programming the device.


Similar Part No. - SI4700

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4700 SILABS-SI4700 Datasheet
154Kb / 2P
   Broadcast FM Radio Tuner for Portable Applications
SI4700 SILABS-SI4700 Datasheet
1Mb / 42P
   Device initialization sequence and busmode selection
SI4700 SILABS-SI4700 Datasheet
999Kb / 2P
   EVALUATION BOARD QUICK-START GUIDE
SI4700 SILABS-SI4700 Datasheet
1Mb / 69P
   Si47XX ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
SI4700 SILABS-SI4700 Datasheet
2Mb / 68P
   Si470X/1X/2X/3X/4X EVALUATION BOARD TEST PROCEDURE
More results

Similar Description - SI4700

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN346 SILABS-AN346 Datasheet
964Kb / 2P
   Si47XX EVALUATION BOARD QUICK-START GUIDE
logo
Motorola, Inc
MC68HC05C4 MOTOROLA-MC68HC05C4 Datasheet
3Mb / 64P
   PROGRAMMING REFRERENCE GUIDE
logo
Silicon Laboratories
AN645 SILABS-AN645 Datasheet
2Mb / 202P
   Si477X PROGRAMMING GUIDE
logo
List of Unclassifed Man...
SPL11A ETC-SPL11A Datasheet
1Mb / 42P
   SPL11A PROGRAMMING GUIDE
logo
ATMEL Corporation
ATWILC1000 ATMEL-ATWILC1000 Datasheet
2Mb / 45P
   ATWILC1000 Programming Guide
logo
Silicon Laboratories
AN610 SILABS-AN610 Datasheet
1Mb / 71P
   Si48XX ATDD PROGRAMMING GUIDE
AN349 SILABS-AN349 Datasheet
1Mb / 14P
   Si4708/09 PROGRAMMING GUIDE
logo
Motorola, Inc
M68HC11ERG MOTOROLA-M68HC11ERG Datasheet
1Mb / 60P
   M68HC11E Series Programming Reference Guide
logo
Cypress Semiconductor
CY3207ISSP CYPRESS-CY3207ISSP Datasheet
435Kb / 18P
   In-System Serial Programming (ISSP) Guide
logo
rfsolutions.ltd
BRM01 RFSOLUTIONS-BRM01_03 Datasheet
114Kb / 10P
   2.4GHZ BLUETOOTH TRANSCEIVER MODULE PROGRAMMING GUIDE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com