Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI4743 Datasheet(PDF) 6 Page - Silicon Laboratories

Part # SI4743
Description  Si474X ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4743 Datasheet(HTML) 6 Page - Silicon Laboratories

Back Button SI4743 Datasheet HTML 2Page - Silicon Laboratories SI4743 Datasheet HTML 3Page - Silicon Laboratories SI4743 Datasheet HTML 4Page - Silicon Laboratories SI4743 Datasheet HTML 5Page - Silicon Laboratories SI4743 Datasheet HTML 6Page - Silicon Laboratories SI4743 Datasheet HTML 7Page - Silicon Laboratories SI4743 Datasheet HTML 8Page - Silicon Laboratories SI4743 Datasheet HTML 9Page - Silicon Laboratories SI4743 Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
AN400
6
Rev. 0.5
2.3. Si474x 4x4 mm Bill of Materials
The required bill of materials for Figure 1 is shown in Table 2.
The optional bill of materials for Figure 1 is shown in Table 3.
Table 2. Required Bill of Materials
Designator
Description
Note
C1
VDD Supply bypass capacitor,
22 nF, 10%, Z5U/X7R
C2
Shunt cap from DFS to gnd to prevent deg-
radation of audio quality, 2 pF, COG,
±0.25 pF
For digital audio output (Si4741/43/45 only)
R11
DFS current limiting resistor, 25
to 2 k
For digital audio output (Si4741/43/45 only)
R15
DCLK current limiting resistor, 25
to 2 k
For digital audio output (Si4741/43/45 only)
R16
DOUT current limiting resistor, 604
For digital audio output (Si4741/43/45 only)
U1
Silicon Laboratories Si474x,
4 x 4 mm, 24-pin, QFN
Table 3. Optional Bill of Materials
Designator
Description
Note
C6, C19
VDD and VIO Supply bypass capacitors,
0.1 µF, 10%, X7R/X5R
For supply noise mitigation
C13
VIO Supply bypass capacitor,
22 nF, 10%, X7R/X5R
For supply noise mitigation
C17, C18
VIO and VDD Supply bypass capacitors,
100 µF, 10%, X7R/X5R
For supply noise mitigation
C8, C9
AC coupling capacitor,
0.39 µF, X7R/X5R
For analog audio output
R12, R14, R21,
R24, R26, R29,
R30
Current limiting resistor, 25
to 2 k
For digital system noise mitigation
R27, R28
Pull-up resistor, 22 k
For I2C bus mode communication
R17, R20
Pull-up resistor, 22 k
For control bus communication
R22, R23
Pull-up/Pull-down resistors, 4.02 k
For reducing energy in RCLK harmonics
R2
Pull-up resistor, 24.3 k
For reducing energy in DFS harmonics
R13
Pull-down resistor, 4.53 k
For reducing energy in DFS harmonics


Similar Part No. - SI4743

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4743 SILABS-SI4743 Datasheet
66Kb / 2P
   Automotive AM/FM Radio Receiver
SI4743 SILABS-SI4743 Datasheet
3Mb / 302P
   Si47XX PROGRAMMING GUIDE
SI4743 SILABS-SI4743 Datasheet
2Mb / 68P
   Si470X/1X/2X/3X/4X EVALUATION BOARD TEST PROCEDURE
Si4743 SILABS-Si4743 Datasheet
9Mb / 164P
   Thank you for purchasing the Silicon Laboratories
More results

Similar Description - SI4743

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN383 SILABS-AN383 Datasheet
1Mb / 69P
   Si47XX ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
AN350 SILABS-AN350 Datasheet
1Mb / 8P
   Si4708/09 ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
AN738 SILABS-AN738 Datasheet
1Mb / 37P
   Si4825/36-A ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
AN555 SILABS-AN555 Datasheet
1Mb / 38P
   Si483X-B/Si4820/24 ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
AN602 SILABS-AN602 Datasheet
1Mb / 38P
   Si4822/26/27/40/44 ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
logo
Wolfson Microelectronic...
WM7210-1702-MS5-M-REV1 WOLFSON-WM7210-1702-MS5-M-REV1 Datasheet
167Kb / 8P
   Schematic and Layout
logo
Fairchild Semiconductor
AN-5061 FAIRCHILD-AN-5061 Datasheet
129Kb / 4P
   Layout Guidelines
logo
Silicon Laboratories
AN644 SILABS-AN644 Datasheet
1Mb / 15P
   Si477X LAYOUT GUIDELINES
logo
Fairchild Semiconductor
AN-1577 FAIRCHILD-AN-1577 Datasheet
622Kb / 6P
   SG1577A Layout Guidelines
logo
Texas Instruments
TLV320AIC24 TI-TLV320AIC24 Datasheet
983Kb / 53P
[Old version datasheet]   Layout and Grounding Guidelines for TLV320AIC2x
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com