Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI4743 Datasheet(PDF) 8 Page - Silicon Laboratories

Part # SI4743
Description  Si474X ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4743 Datasheet(HTML) 8 Page - Silicon Laboratories

Back Button SI4743 Datasheet HTML 4Page - Silicon Laboratories SI4743 Datasheet HTML 5Page - Silicon Laboratories SI4743 Datasheet HTML 6Page - Silicon Laboratories SI4743 Datasheet HTML 7Page - Silicon Laboratories SI4743 Datasheet HTML 8Page - Silicon Laboratories SI4743 Datasheet HTML 9Page - Silicon Laboratories SI4743 Datasheet HTML 10Page - Silicon Laboratories SI4743 Datasheet HTML 11Page - Silicon Laboratories SI4743 Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AN400
8
Rev. 0.5
Figure 3. Layout Example 2
Place a ground plane under the Si474x as shown in Figure 4. For designs in which a continuous ground plane is
not possible, place a local ground plane directly under the Si474x. Do not route signal traces on the ground layer
under the Si474x. Flood the primary layer with ground, and place stitching VIAs to create a low-impedance
connection between planes. If the design is sufficiently flexible to have more than two layers, put the GND plane
between RF signals and digital signals. Another improvement would be to put the digital signals between two GND
planes.
Do not route digital or RF traces over breaks in the ground plane. Route all traces to minimize inductive and
capacitive coupling by keeping digital traces away from analog and RF traces, minimizing trace length, minimizing
parallel trace runs, and keeping current loops small. In particular, care should be taken to avoid routing digital
signals or reference clock traces near or parallel to VCO pins 22 and 23 or LOUT/ROUT pins 15 and 16. Route
digital traces on the opposite side of the chip. This means that, for a two-sided board, all RF signals should be
routed on layer 1, and all digital signals should be routed on layer 2.
Route digital traces including I2C and digital audio away and orthogonal to the RF traces to avoid coupling of digital
noise to RF traces. This is especially important for the AM band where digital noise frequencies can easily occur.
Route all GND (including RFGND) pins to the ground pad. The ground pad should be connected to the ground
plane using multiple vias to minimize ground potential differences.
Route power to the Si474x by trace, ensuring that each trace is rated to handle the required current. Some trace
impedance is preferable so that the decoupling currents are forced to flow through decoupling caps C1, C6, C13,
C17, C18, and C19 directly to the ground pins and not by alternate pathways.
Place the Si474x close to the antenna(s) to minimize antenna trace length and capacitance and inductive and
capacitive coupling. This recommendation must be followed for optimal device performance. Route the antenna
trace over an unobstructed ground plane to minimize antenna loop area and inductive coupling. Design, place, and
route other circuits such that radiation in the band of interest is minimized.
Figure 4. Two-Layer Stackup
p


Similar Part No. - SI4743

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4743 SILABS-SI4743 Datasheet
66Kb / 2P
   Automotive AM/FM Radio Receiver
SI4743 SILABS-SI4743 Datasheet
3Mb / 302P
   Si47XX PROGRAMMING GUIDE
SI4743 SILABS-SI4743 Datasheet
2Mb / 68P
   Si470X/1X/2X/3X/4X EVALUATION BOARD TEST PROCEDURE
Si4743 SILABS-Si4743 Datasheet
9Mb / 164P
   Thank you for purchasing the Silicon Laboratories
More results

Similar Description - SI4743

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN383 SILABS-AN383 Datasheet
1Mb / 69P
   Si47XX ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
AN350 SILABS-AN350 Datasheet
1Mb / 8P
   Si4708/09 ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
AN738 SILABS-AN738 Datasheet
1Mb / 37P
   Si4825/36-A ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
AN555 SILABS-AN555 Datasheet
1Mb / 38P
   Si483X-B/Si4820/24 ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
AN602 SILABS-AN602 Datasheet
1Mb / 38P
   Si4822/26/27/40/44 ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
logo
Wolfson Microelectronic...
WM7210-1702-MS5-M-REV1 WOLFSON-WM7210-1702-MS5-M-REV1 Datasheet
167Kb / 8P
   Schematic and Layout
logo
Fairchild Semiconductor
AN-5061 FAIRCHILD-AN-5061 Datasheet
129Kb / 4P
   Layout Guidelines
logo
Silicon Laboratories
AN644 SILABS-AN644 Datasheet
1Mb / 15P
   Si477X LAYOUT GUIDELINES
logo
Fairchild Semiconductor
AN-1577 FAIRCHILD-AN-1577 Datasheet
622Kb / 6P
   SG1577A Layout Guidelines
logo
Texas Instruments
TLV320AIC24 TI-TLV320AIC24 Datasheet
983Kb / 53P
[Old version datasheet]   Layout and Grounding Guidelines for TLV320AIC2x
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com