Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI4835 Datasheet(PDF) 9 Page - Silicon Laboratories

Part # SI4835
Description  Si4831/35/36/20/24/25-DEMO BOARD TEST PROCEDURE
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4835 Datasheet(HTML) 9 Page - Silicon Laboratories

Back Button SI4835 Datasheet HTML 5Page - Silicon Laboratories SI4835 Datasheet HTML 6Page - Silicon Laboratories SI4835 Datasheet HTML 7Page - Silicon Laboratories SI4835 Datasheet HTML 8Page - Silicon Laboratories SI4835 Datasheet HTML 9Page - Silicon Laboratories SI4835 Datasheet HTML 10Page - Silicon Laboratories SI4835 Datasheet HTML 11Page - Silicon Laboratories SI4835 Datasheet HTML 12Page - Silicon Laboratories SI4835 Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
AN569
Rev. 0.3
9
3.7. FM Stereo Separation
3.7.1. Description
The test quantifies leakage or crosstalk from one channel to another in stereo mode.
3.7.2. Conditions/Procedure
1. Connect test equipment as shown in Figure 1.
2. Configure the tuner in standard configuration.
3. Configure the audio analyzer:
a. Select Analyze.
b. Set Function = RMS Select.
i. Set Bandwidth = BP 3%.
ii. Set Units = dBV.
iii. Set Frequency Mode = FIX: 1 kHz.
4. Configure generator:
a. Set carrier frequency = 98 MHz.
b. Set RF level = 60 dBμV.
c. Select Stereo Modulation.
i. Set FM Deviation = 67.5 kHz.
ii. Set L = 1, R = 0.
iii. Set Source = LFGEN.
iv. Set LFGEN frequency = 1 kHz.
v. Set Pre-emphasis = 75 μs.
vi. Set Pilot = ON.
vii. Set Pilot Deviation = 6.75 kHz.
d. Enable modulation.
e. Enable carrier.
5. Left channel audio level (dBV) = VAUDIOL1.
6. Right channel audio level (dBV) = VAUDIOR1.
7. Record the Audio Stereo Separation1 (dB) = abs (VAUDIOL1 – VAUDIOR1).
8. Configure generator:
a. Set carrier frequency = 98 MHz.
b. Set RF level = 60 dBμV.
c. Select Stereo Modulation.
i. Set FM Deviation = 67.5 kHz.
ii. Set L = 0, R = 1.
iii. Set Source = LFGEN.
iv. Set LFGEN frequency = 1 kHz.
v. Set Pre-emphasis = 75 μs.
vi. Set Pilot = ON.
vii. Set Pilot Deviation = 6.75 kHz.
d. Enable modulation.
e. Enable carrier.
9. Left channel audio level (dBV) = VAUDIOL2.
10. Right channel audio level (dBV) = VAUDIOR2.


Similar Part No. - SI4835

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4835-B30 SILABS-SI4835-B30 Datasheet
1Mb / 38P
   Si483X-B/Si4820/24 ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
SI4835-B30 SILABS-SI4835-B30 Datasheet
1Mb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
logo
Skyworks Solutions Inc.
SI4835-B30 SKYWORKS-SI4835-B30 Datasheet
854Kb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
Revision 0.1 to Revision 0.7
SI4835-B30-GU SKYWORKS-SI4835-B30-GU Datasheet
854Kb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
Revision 0.1 to Revision 0.7
logo
Silicon Laboratories
SI4835-B31 SILABS-SI4835-B31 Datasheet
1Mb / 38P
   Si483X-B/Si4820/24 ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
More results

Similar Description - SI4835

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN603 SILABS-AN603 Datasheet
1Mb / 42P
   Si4822/26/27/40/44-DEMO BOARD TEST PROCEDURE
AN651 SILABS-AN651 Datasheet
1,014Kb / 60P
   EVALUATION BOARD TEST PROCEDURE
AN646 SILABS-AN646 Datasheet
1Mb / 46P
   Si477X EVALUATION BOARD TEST PROCEDURE
logo
ON Semiconductor
NCP1521BEVB ONSEMI-NCP1521BEVB Datasheet
148Kb / 1P
   Test Procedure for the NCP1521B Evaluation Board
5/31/2007
logo
Sanyo Semicon Device
LV8804FVGEVB SANYO-LV8804FVGEVB Datasheet
147Kb / 4P
   Test Procedure for the LV8804FVGEVB Evaluation Board
3/26/2012
logo
Silicon Laboratories
AN388 SILABS-AN388 Datasheet
2Mb / 68P
   Si470X/1X/2X/3X/4X EVALUATION BOARD TEST PROCEDURE
SI4820-DEMO SILABS-SI4820-DEMO Datasheet
1Mb / 10P
   Si4820/24 DEMO BOARD USER?셎 GUIDE
AN316 SILABS-AN316 Datasheet
1Mb / 12P
   AM/FM TUNER FIELD TEST PROCEDURE
logo
National Semiconductor ...
LM4883-SQ_BOM-001A NSC-LM4883-SQ_BOM-001A Datasheet
43Kb / 1P
   Demo Board
logo
Melexis Microelectronic...
EVB90401 MELEXIS-EVB90401 Datasheet
269Kb / 6P
   MLX90401 Demo Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com