Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI4745 Datasheet(PDF) 11 Page - Silicon Laboratories

Part # SI4745
Description  Si474X ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4745 Datasheet(HTML) 11 Page - Silicon Laboratories

Back Button SI4745 Datasheet HTML 7Page - Silicon Laboratories SI4745 Datasheet HTML 8Page - Silicon Laboratories SI4745 Datasheet HTML 9Page - Silicon Laboratories SI4745 Datasheet HTML 10Page - Silicon Laboratories SI4745 Datasheet HTML 11Page - Silicon Laboratories SI4745 Datasheet HTML 12Page - Silicon Laboratories SI4745 Datasheet HTML 13Page - Silicon Laboratories SI4745 Datasheet HTML 14Page - Silicon Laboratories SI4745 Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
AN400
Rev. 0.5
11
C2 (18 pF) is the ac coupling capacitor going to the FMI pin.
L2 (100 nH), L1 (120 nH), and L5 (150 nH) are the tuning inductors that provide dual peaking for FM and Weather
band. These inductors, together with the whip antenna capacitance (~22 pF at the center of FM band), 18 pF ac
coupling cap (C2), and 5 pF typical FMI pin input capacitance (C_FMI), resonate in the FM band as well as
Weather band. If either of the capacitance values changes, the inductor values have to be adjusted to achieve
peaking in both bands (desired peaking at 100 MHz and 162 MHz). The equivalent schematic model is shown
below. Si4740/41/44/45 do not support weather band. L5 can be replaced by a 0
 resistor, and the value of L2 can
be changed to 33 nH to support FM band only for Si4740/41/44/45.
U1 is a required ESD diode since the antenna is exposed. The diode should be chosen with no more than 1 pF
parasitic capacitance, such as the California Micro Device CM1213.
Figure 7. FM/WB Whip Antenna Schematic Model
3.3. FM/WB Whip Antenna Bill of Materials
Table 5. FM/WB Whip Antenna Bill of Materials
Designator
Description
WIP_ANTENNA Whip antenna
C2
Capacitor, 18 pF, 5%, COG
L1
Inductor, 0603, SM, 120 nH,
MURATA, LQW18ANR12J00D
L2
Inductor, 0603, SM, 100 nH,
MURATA, LQW18ANR10J00D
L5
Inductor, 0603, SM, 150 nH,
MURATA, LQW18ANR15J00D
U2
IC, SM, ESD DIODE, SOT23-3, California
Micro Devices, CM1213-01ST


Similar Part No. - SI4745

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4745 SILABS-SI4745 Datasheet
66Kb / 2P
   Automotive AM/FM Radio Receiver
SI4745 SILABS-SI4745 Datasheet
3Mb / 302P
   Si47XX PROGRAMMING GUIDE
Si4745 SILABS-Si4745 Datasheet
9Mb / 164P
   Thank you for purchasing the Silicon Laboratories
SI4745-C10-GM SILABS-SI4745-C10-GM Datasheet
66Kb / 2P
   Automotive AM/FM Radio Receiver
More results

Similar Description - SI4745

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN383 SILABS-AN383 Datasheet
1Mb / 69P
   Si47XX ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
AN350 SILABS-AN350 Datasheet
1Mb / 8P
   Si4708/09 ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
AN738 SILABS-AN738 Datasheet
1Mb / 37P
   Si4825/36-A ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
AN555 SILABS-AN555 Datasheet
1Mb / 38P
   Si483X-B/Si4820/24 ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
AN602 SILABS-AN602 Datasheet
1Mb / 38P
   Si4822/26/27/40/44 ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
logo
Wolfson Microelectronic...
WM7210-1702-MS5-M-REV1 WOLFSON-WM7210-1702-MS5-M-REV1 Datasheet
167Kb / 8P
   Schematic and Layout
logo
Fairchild Semiconductor
AN-5061 FAIRCHILD-AN-5061 Datasheet
129Kb / 4P
   Layout Guidelines
logo
Silicon Laboratories
AN644 SILABS-AN644 Datasheet
1Mb / 15P
   Si477X LAYOUT GUIDELINES
logo
Fairchild Semiconductor
AN-1577 FAIRCHILD-AN-1577 Datasheet
622Kb / 6P
   SG1577A Layout Guidelines
logo
Texas Instruments
TLV320AIC24 TI-TLV320AIC24 Datasheet
983Kb / 53P
[Old version datasheet]   Layout and Grounding Guidelines for TLV320AIC2x
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com