Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN851 Datasheet(PDF) 4 Page - Silicon Laboratories

Part # AN851
Description  Si468X SCHEMATICS AND LAYOUT GUIDE
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AN851 Datasheet(HTML) 4 Page - Silicon Laboratories

  AN851 Datasheet HTML 1Page - Silicon Laboratories AN851 Datasheet HTML 2Page - Silicon Laboratories AN851 Datasheet HTML 3Page - Silicon Laboratories AN851 Datasheet HTML 4Page - Silicon Laboratories AN851 Datasheet HTML 5Page - Silicon Laboratories AN851 Datasheet HTML 6Page - Silicon Laboratories AN851 Datasheet HTML 7Page - Silicon Laboratories AN851 Datasheet HTML 8Page - Silicon Laboratories AN851 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
AN851
4
Rev. 0.2
3.2.1. Component Selection and Replacement
The front end network components shall be placed as close as possible to the chip and as far away from noise
sources such as clocks and digital circuits. L1 shall be routed to ground plane with a short trace and a via
connection.
The recommendations regarding C1, C2, C3, C5, C6, C7, C8, C9 and C10 are made to reduce the size of the
current loop created by the bypass cap and routing, minimize impedance and return all currents to the ground.
C3 and C4 (2.2 nF and 1 uF) are required bypass capacitors for VA supply pin 12. Place C2, C3 and C4 as close
as possible to VA. C3 and C4 are chosen to mitigate noise in medium to VHF frequency range. Place a via
connecting C2, C3, C4 and VA pins to the power rail such that the caps are closer to the Si468x VA pin than the via.
Route C2, C3 and C4 only to the ABYP pin directly with a short (6-mil width) low inductance trace.
C9 and C22 (2.2 nF and 1 uF) are required bypass capacitors for VIO supply pin 34. C9 and C22 are chosen to
mitigate noise in medium to VHF frequency range. Place C6, C9, and C22 as close as possible to VIO pin 34 and
DBYP pin 36. Place a via connecting C6, C9, and C22 and VIO supply to the power rail such that the caps are
closer to the Si468x VIO pin than the via. Route C6, C9, and C22 only to DBYP pin directly with a short (6-mil
width) low inductance trace.
C10 and C23 (2.2nF and 1 uF) are required bypass capacitors for VMEM supply pin 35. C10 and C23 are chosen
to mitigate noise in medium to VHF frequency range. Place C7, C10, and C23 as close as possible to VMEM pin
35 and DBYP pin 36. Place a via connecting C7, C10, and C23 and VMEM supply pin to the power rail such that
the caps are closer to the Si468x VMEM pin than the via. Route C7, C10, and C23 only to DBYP pin directly with a
short (6-mil width) low inductance trace.
C11 and C24 (2.2nF and 1 uF) are required bypass capacitors for VCORE supply pin 37. C11 and C24 are chosen
to mitigate noise in medium to VHF frequency range. Place C8, C11 and C24 as close as possible to VCORE pin
37 and DBYP pin 36. Place a via connecting C8, C11 and C24 and VCORE pin 37 to the power rail such that the
caps are closer to the Si468x VCORE pin than the via. Route C8, C11 and C24 only to DBYP directly with a short
(6-mil width) low inductance trace.
C5 (1uF) is an optional bypass capacitor for DACREF pin 17 if customer uses analog audio output. Place C4 as
close as possible to DACREF pin. Customers do not need to populate this capacitor if they are using digital audio
output only.
C20 and C21 (1uF) are optional ac coupling capacitors for analog audio outputs. The value should be selected to
work well with the customer’s choice of audio amp.
X1 is an optional crystal required only when using the internal oscillator feature. Place the crystal X1 as close to
XTALI (pin 15) and XTALO (pin 16) as possible to minimize current loops.
3.3. Layout Guide
The following placement/layout guidelines are suggested for 4-layer PCB:
PCB layer assignment:
Layer 1 top side placement and routing for RF and analog traces
Layer 2 ground plane
Layer 3 routing for high frequency digital traces and ground plane
Layer 4 bottom side placement and routing for low frequency digital traces
Minimum 6-mil trace
Minimum 6-mil trace spacing
6-mil drill 9-mil plating for normal vias
Minimum 10-mil component spacing
Power routed by trace
0402 component size or larger


Similar Part No. - AN851

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN8538 PANASONIC-AN8538 Datasheet
50Kb / 5P
   Single PLL IC for cellular phone
AN8538SH PANASONIC-AN8538SH Datasheet
50Kb / 5P
   Single PLL IC for cellular phone
AN8539SH PANASONIC-AN8539SH Datasheet
54Kb / 6P
   300 MHz-band single PLL IC
logo
Silicon Laboratories
AN854 SILABS-AN854 Datasheet
986Kb / 3P
   VERSATILE BUFFERED REFERENCE IC
AN855 SILABS-AN855 Datasheet
922Kb / 3P
   ADJUSTING HYSTERESIS ON A DUAL COMPARATOR USING ONE RESISTOR
More results

Similar Description - AN851

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RN5T618 RICOH-RN5T618 Datasheet
522Kb / 9P
   PCB Layout Guide
logo
Texas Instruments
TRF79XXA TI1-TRF79XXA Datasheet
806Kb / 7P
[Old version datasheet]   HF-RFID Reader Layout Design Guide
logo
Wolfson Microelectronic...
WM7210-1702-MS5-M-REV1 WOLFSON-WM7210-1702-MS5-M-REV1 Datasheet
167Kb / 8P
   Schematic and Layout
logo
Tyco Electronics
C-1513157 MACOM-C-1513157 Datasheet
95Kb / 1P
   rev notes and layout
logo
TT Electronics.
M900 TTELEC-M900 Datasheet
407Kb / 3P
   Custom circuit schematics available
logo
EPCOS
B82432T1153K EPCOS-B82432T1153K Datasheet
476Kb / 8P
   Dimensional drawing and layout recommendation
B82432C1103K EPCOS-B82432C1103K Datasheet
476Kb / 8P
   Dimensional drawing and layout recommendation
logo
NXP Semiconductors
AN10912 PHILIPS-AN10912_15 Datasheet
322Kb / 34P
   SMPS EMC and layout guidlines
Rev. 1-18 February 2011
logo
TT Electronics.
WBC TTELEC-WBC Datasheet
787Kb / 3P
   Discrete or tapped schematics
logo
Projects Unlimited, Inc...
AI-2604-TT-R PUI-AI-2604-TT-R Datasheet
215Kb / 1P
   ADDED PIN LAYOUT AND IDENTIFICATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com