Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI2167-D60 Datasheet(PDF) 2 Page - Silicon Laboratories

Part # SI2167-D60
Description  DVB-T/C/S/S2/S2X Digital TV Demodulator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI2167-D60 Datasheet(HTML) 2 Page - Silicon Laboratories

  SI2167-D60 Datasheet HTML 1Page - Silicon Laboratories SI2167-D60 Datasheet HTML 2Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Digital Demodulator
Copyright © 2015 by Silicon Laboratories
11.5.15
Silicon Laboratories and Silicon Labs are trademarks of Silicon Laboratories Inc.
Other products or brandnames mentioned herein are trademarks or registered trademarks of their respective holders
Si2167-D60
DVB-T/C/S/S2/S2X Digital TV Demodulator
Selected Electrical Specifications
(TA = –10 to 75 °C)
Parameter
Test Condition
Min
Typ
Max
Unit
General
Input clock reference
4
30
MHz
Supported XTAL frequency
16
30
MHz
Total power consumption
DVB-T1
182
mW
DVB-C2
142
mW
DVB-S23
421
mW
DVB-S4
230
mW
Thermal resistance
2 layer PCB
35
°C/W
4 layer PCB
23
°C/W
Power Supplies
VDD_VCORE
1.14
1.20
1.30
V
VDD_VANA
3.00
3.30
3.60
V
VDD_VIO
3.00
3.30
3.60
V
Notes:
1. Test conditions: 8 MHz, 8K FFT, 64-QAM, parallel TS.
2. Test conditions: 6.9 Mbaud, 256-QAM, parallel TS.
3. Test conditions: 32 Mbaud, CR = 3/5, 8PSK, pilots On, parallel TS, C/N at picture failure.
4. Test conditions: 30 Mbaud, CR = 7/8, parallel TS, at QEF: BER = 2 x 10–4.
Pin Assignments
Selection Guide
Part Number
Description
Si2167-D60-GM
DVB-T/C/S/S2/S2X Digital TV Demodulator, 7x7 mm QFN-48
Si2167D
(GND_PAD)
QFN-48
7x7mm
34
35
36
21
22
23
24
3
4
5
33
20
6
32
7
28
29
30
31
27
8
9 10 11 12
15
16
17
18
19
40
39
38
37
41
46
45
44
43
42
S_ADC_IP
S_ADC_IN
S_ADC_QP
S_ADC_QN
SDA_MAST
SCL_MAST
NC
TC_ADC_P
TC_ADC_N
TS_DATA[1]
TS_DATA[5]
TS_DATA[4]
TS_DATA[3]
GND
VDD_VIO
TS_DATA[2]
TS_DATA[0]/TS_SER
TS_CLK
TS_SYNC
47
14
48
13
2
1
26 25
TS_DATA[6]
CLK_IN_OUT
GND
VDD_VCORE
VDD_VCORE


Similar Part No. - SI2167-D60

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI2167-B22 SILABS-SI2167-B22 Datasheet
165Kb / 2P
   Combo DVB-T/C/S/S2 Digital TV Demodulator
logo
Skyworks Solutions Inc.
SI2167-B22 SKYWORKS-SI2167-B22 Datasheet
151Kb / 2P
   Combo DVB-T/C/S/S2 Digital TV Demodulator
August 22, 2021
SI2167-B22-GM SKYWORKS-SI2167-B22-GM Datasheet
151Kb / 2P
   Combo DVB-T/C/S/S2 Digital TV Demodulator
August 22, 2021
More results

Similar Description - SI2167-D60

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI21672-D60 SKYWORKS-SI21672-D60 Datasheet
602Kb / 2P
   Dual DVB-S2/S2X/T/C/S Digital TV Demodulator
August 22, 2021
logo
Silicon Laboratories
SI2169-D60 SILABS-SI2169-D60 Datasheet
167Kb / 2P
   DVB-T2/T/C/S/S2/S2X Digital TV Demodulator
SI2160-C60 SILABS-SI2160-C60 Datasheet
150Kb / 2P
   DVB-C2/S2/S2X/T/C/S Digital TV Demodulator
logo
Skyworks Solutions Inc.
SI2160-C60 SKYWORKS-SI2160-C60 Datasheet
155Kb / 2P
   DVB-C2/S2/S2X/T/C/S Digital TV Demodulator
November 25, 2021
logo
Silicon Laboratories
SI21672-D60 SILABS-SI21672-D60 Datasheet
167Kb / 2P
   Dual DVB-S2/S2X/T/C/S Digital TV Demodulator
SI2166-D60 SILABS-SI2166-D60 Datasheet
64Kb / 2P
   DVB-S/S2/S2X Digital TV Demodulator
logo
Skyworks Solutions Inc.
SI21602-C60 SKYWORKS-SI21602-C60 Datasheet
621Kb / 2P
   Dual DVB-C2/S2/S2X/T/C/S Digital TV Demodulator
August 22, 2021
SI2164-C60 SKYWORKS-SI2164-C60 Datasheet
186Kb / 2P
   DVB-T2/C2/S2/S2X/T/C/S Digital TV Demodulator
November 25, 2021
SI21692-D60 SKYWORKS-SI21692-D60 Datasheet
616Kb / 2P
   Dual DVB-T2/S2/S2X/T/C/S Digital TV Demodulator
August 22, 2021
logo
Silicon Laboratories
SI21692-D60 SILABS-SI21692-D60 Datasheet
181Kb / 2P
   Dual DVB-T2/S2/S2X/T/C/S Digital TV Demodulator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com