Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI4705-D60 Datasheet(PDF) 10 Page - Silicon Laboratories

Part # SI4705-D60
Description  BROADCAST FM RADIO RECEIVER WITH RDS/RBDS
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4705-D60 Datasheet(HTML) 10 Page - Silicon Laboratories

Back Button SI4705-D60 Datasheet HTML 6Page - Silicon Laboratories SI4705-D60 Datasheet HTML 7Page - Silicon Laboratories SI4705-D60 Datasheet HTML 8Page - Silicon Laboratories SI4705-D60 Datasheet HTML 9Page - Silicon Laboratories SI4705-D60 Datasheet HTML 10Page - Silicon Laboratories SI4705-D60 Datasheet HTML 11Page - Silicon Laboratories SI4705-D60 Datasheet HTML 12Page - Silicon Laboratories SI4705-D60 Datasheet HTML 13Page - Silicon Laboratories SI4705-D60 Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
Si4704/05-D60
10
Rev. 1.2
Figure 4. 3-Wire Control Interface Write Timing Parameters
Figure 5. 3-Wire Control Interface Read Timing Parameters
Table 5. 3-Wire Control Interface Characteristics
(VA = 2.7 to 5.5 V, VD = 1.62 to 3.6 V, TA = –20 to 85 °C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
SCLK Frequency
fCLK
0—
2.5
MHz
SCLK High Time
tHIGH
25
ns
SCLK Low Time
tLOW
25
ns
SDIO Input, SEN to SCLK
Setup
tS
20
ns
SDIO Input to SCLK
Hold
tHSDIO
10
ns
SEN Input to SCLK
Hold
tHSEN
10
ns
SCLK
to SDIO Output Valid
tCDV
Read
2
25
ns
SCLK
to SDIO Output High Z
tCDZ
Read
2
25
ns
SCLK, SEN, SDIO, Rise/Fall time
tR, tF
10
ns
Note:
When selecting 3-wire mode, the user must ensure that a rising edge of SCLK does not occur within 300 ns before the
rising edge of RST.
SCLK
70%
30%
SEN
70%
30%
SDIO
A7
A0
70%
30%
tS
tS
tHSDIO
tHSEN
A6-A5,
R/W,
A4-A1
Address In
Data In
D15
D14-D1
D0
tHIGH
tLOW
tR
tF
½ Cycle Bus
Turnaround
SCLK
70%
30%
SEN
70%
30%
SDIO
70%
30%
tHSDIO
tCDV
tCDZ
Address In
Data Out
A7
A0
A6-A5,
R/W,
A4-A1
D15
D14-D1
D0
tS
tS
tHSEN


Similar Part No. - SI4705-D60

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI4705-D60 SKYWORKS-SI4705-D60 Datasheet
500Kb / 38P
   BROADCAST FM RADIO RECEIVER WITH RDS/RBDS
Revision 0.4 to Revision 1.0
logo
List of Unclassifed Man...
SI4705-D60-GM ETC2-SI4705-D60-GM Datasheet
199Kb / 2P
   Enhanced Broadcast FM Radio Receiver for Portable Applications
logo
Silicon Laboratories
Si4705-D60-GM SILABS-Si4705-D60-GM Datasheet
1Mb / 39P
   BROADCAST FM RADIO RECEIVER WITH RDS/RBDS
logo
Skyworks Solutions Inc.
SI4705-D60-GM SKYWORKS-SI4705-D60-GM Datasheet
500Kb / 38P
   BROADCAST FM RADIO RECEIVER WITH RDS/RBDS
Revision 0.4 to Revision 1.0
SI4705-D60-GU SKYWORKS-SI4705-D60-GU Datasheet
500Kb / 38P
   BROADCAST FM RADIO RECEIVER WITH RDS/RBDS
Revision 0.4 to Revision 1.0
More results

Similar Description - SI4705-D60

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4704-D60-GUR SILABS-SI4704-D60-GUR Datasheet
1Mb / 39P
   BROADCAST FM RADIO RECEIVER WITH RDS/RBDS
logo
Skyworks Solutions Inc.
SI4704-D60 SKYWORKS-SI4704-D60 Datasheet
500Kb / 38P
   BROADCAST FM RADIO RECEIVER WITH RDS/RBDS
Revision 0.4 to Revision 1.0
logo
Silicon Laboratories
SI4706-C31 SILABS-SI4706-C31 Datasheet
1Mb / 36P
   HIGH-PERFORMANCE FM RDS/RBDS RECEIVER
SI4736-C40 SILABS-SI4736-C40 Datasheet
1Mb / 42P
   BROADCAST AM/FM RADIO RECEIVER
SI4730-C40-GU SILABS-SI4730-C40-GU Datasheet
370Kb / 42P
   BROADCAST AM/FM RADIO RECEIVER
SI4730-D60 SILABS-SI4730-D60 Datasheet
990Kb / 3P
   Broadcast AM/FM Radio Receiver
SI4730 SILABS-SI4730 Datasheet
197Kb / 2P
   Broadcast AM/FM Radio Receiver
SI4736-C40-GUR SILABS-SI4736-C40-GUR Datasheet
1Mb / 42P
   BROADCAST AM/FM RADIO RECEIVER
SI4730-D50 SILABS-SI4730-D50 Datasheet
557Kb / 34P
   BROADCAST AM/FM RADIO RECEIVER
logo
Skyworks Solutions Inc.
SI4730-D50 SKYWORKS-SI4730-D50 Datasheet
413Kb / 33P
   BROADCAST AM/FM RADIO RECEIVER
Revision 0.2 to Revision 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com