Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPSU100-20 Datasheet(PDF) 2 Page - Total Power International

Part # TPSU100-20
Description  DUAL INPUT RANGE USER SELECTABLE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPSU100-20 Datasheet(HTML) 2 Page - Total Power International

  TPSU100-20 Datasheet HTML 1Page - Total Power International TPSU100-20 Datasheet HTML 2Page - Total Power International TPSU100-20 Datasheet HTML 3Page - Total Power International TPSU100-20 Datasheet HTML 4Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT:
TPSU45 537.0g (18.94 Oz.)
MAIN VO1
@#
MODEL NO.
Typ.
Volt.
TPSU45-10/(E)
9.0A
5.0V
TPSU45-11
4.0A
12.0V
TPSU45-11/(E)
3.7A
12.0V
TPSU45-12/(E)
3.0A
15.0V
TPSU45-13/(E)
2.0A
24.0V
(E) With gas-tube for safety purpose.
OUTPUT VOLTAGE / CURRENT RATINGS CHART
TPSU45 Series
SINGLE OUTPUT
DUAL OUTPUT
MAIN VO1
@#
AUX. VO2 ◇
MODEL NO.
Typ.
Volt.
Typ.
Volt.
TPSU45-20
4.0A
5.0V
2.0A
12.0V
TPSU45-21
2.0A
12.0V
1.5A
12.0V
TPSU45-22
4.0A
5.0V
1.2A
15.0V
TPSU45-23
1.5A
15.0V
1.5A
15.0V
TPSU45-24
4.0A
5.0V
1.0A
24.0V
TPSU45-25
1.0A
24.0V
1.0A
24.0V
TRIPLE OUTPUT
MAIN VO1
@#
AUX. VO2 ◇
AUX. VO3 ◇
MODEL NO.
Typ.
Volt.
Typ.
Volt.
Typ.
Volt.
TPSU45-30
3.0A
5.0V
2.0A
12.0V
0.5A
5.0V
TPSU45-31
3.0A
5.0V
2.0A
15.0V
0.5A
15.0V
TPSU45-32
3.0A
5.0V
2.0A
12.0V
0.5A
12.0V
TPSU45-33
3.0A
5.0V
1.0A
24.0V
0.5A
12.0V
Symbol: " " OVP built-in. "@" Adjustable. "#" Remote sensing. "▲" Magnetic Amplifier.
"●" Installed with Post Regulator. "◇" Floating ( or isolated) output.
INPUT & OUTPUT CONNECTORS PIN ASSIGNMENTS
AC INPUT
SINGLE/DUAL/TRIPLE OUTPUT
ASSORTED SIGNAL
ASSIGNMENT AC-L AC-N AC-G +VO1
-VO1
+VO2
-VO2
+VO3
-VO3
NC
LOG.
INH.
+S
-S
POWER
FAIL
TPSU45-1X
28
30
32
4,6
12,14
-
-
-
-
16,18,24,26
20
8
10
22
TPSU45-2X
28
30
32
4
6
8
10
-
-
12,14,16,18,24,26
20
-
-
22
TPSU45-3X
28
30
32
4,6,
8,10
12
14
16
18
24,26
20
-
-
22
Mating connector: DIN41612-H15 Female
TPSU45
Total Power International, Inc.
Total Power International, Inc. Toll Free: 877-646-0900(US) PH# 978-453-7272 www.total-power.com


Similar Part No. - TPSU100-20

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPSU100-20 TOTAL-POWER-TPSU100-20 Datasheet
437Kb / 4P
   DUAL SELECTABLE AC INPUT AC-DC 19" COMPATIBLE EUROCARD
TPSU100-20 TOTAL-POWER-TPSU100-20 Datasheet
437Kb / 4P
   DUAL SELECTABLE AC INPUT AC-DC 19" COMPATIBLE EUROCARD
TPSU100-20 TOTAL-POWER-TPSU100-20 Datasheet
437Kb / 4P
   DUAL SELECTABLE AC INPUT AC-DC 19" COMPATIBLE EUROCARD
More results

Similar Description - TPSU100-20

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
HSU45-10 RSG-HSU45-10 Datasheet
277Kb / 4P
   DUAL INPUT RANGE USER SELECTABLE
logo
ATMEL Corporation
AT93C56A ATMEL-AT93C56A_14 Datasheet
448Kb / 14P
   User-selectable Internal Organization
logo
Maxim Integrated Produc...
MAX77812EVKIT MAXIM-MAX77812EVKIT Datasheet
1Mb / 28P
   5 User-selectable Phase Configurations
Rev 7; 3/19
logo
Zilog, Inc.
Z16C0110PSC ZILOG-Z16C0110PSC Datasheet
1Mb / 14P
   Eight User-Selectable Addressing Modes
logo
MMD Components
MVQIL2 MMD-MVQIL2 Datasheet
256Kb / 5P
   User Selectable Up to Two Frequencies
MQQIC2 MMD-MQQIC2 Datasheet
245Kb / 5P
   User Selectable Up to Four Frequencies
MVQIV3 MMD-MVQIV3 Datasheet
256Kb / 5P
   User Selectable Up to Two Frequencies
logo
Maxim Integrated Produc...
MAX1272 MAXIM-MAX1272_V01 Datasheet
1Mb / 19P
   Fault-Protected, 12-Bit ADCs with Software-Selectable Input Range
2011
MAX1272 MAXIM-MAX1272 Datasheet
850Kb / 20P
   Fault-Protected, 12-Bit ADCs with Software-Selectable Input Range
19-2921; Rev 1; 12/03
logo
Dialog Semiconductor
SLG5NT1461V DIALOG-SLG5NT1461V Datasheet
131Kb / 11P
   User selectable ramp rate with external capacitor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com