Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WL9-3N2432 Datasheet(PDF) 2 Page - SICK AG

Part # WL9-3N2432
Description  Photoelectric retro-reflective sensor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

WL9-3N2432 Datasheet(HTML) 2 Page - SICK AG

  WL9-3N2432 Datasheet HTML 1Page - SICK AG WL9-3N2432 Datasheet HTML 2Page - SICK AG WL9-3N2432 Datasheet HTML 3Page - SICK AG WL9-3N2432 Datasheet HTML 4Page - SICK AG WL9-3N2432 Datasheet HTML 5Page - SICK AG WL9-3N2432 Datasheet HTML 6Page - SICK AG WL9-3N2432 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Photoelectric sensorsAAAAAAAAAAAAA© SICK AG. Subject to change without notice.AAAAAAAAAAAAA2/22/2016 2:46:02 AM
Photoelectric sensors
W9-3, Photoelectric retro-reflective sensor, autocollimation
1) 2) PL80A 3) Average service life of 100,000 h at TA = +25 °C
Type
> WL9-3N2432
Part No.
> 1049074
At a glance
High-performance retro-reflective sensor in ultra-rugged VISTAL™ housing
PinPoint LED for highly visible and precise light spot
Autocollimation optics
Variable mounting with M3 hole pattern
Wide range of connection options
Your benefits
Rugged VISTAL™ housing provides reliable installation and operation
Reliable object detection in all situations using best-in-class technology
Quick and easy alignment with reliable object detection due to the highly visible
PinPoint light spot
M3 slotted hole mounting for multiple mounting possibilities
One housing with a wide range of options makes machine integration easy
Variety of accessories for simple mounting
Illustration may differ
Features
Sensor/detection principle:
Photoelectric retro-reflective sensor, autocollimation
Dimensions (W x H x D):
12.2 mm x 52.2 mm x 23.6 mm
Housing design (light emission):
Rectangular
Mounting hole:
M3
Sensing range max.:
0 m ... 5 m 1)
Sensing range:
0 m ... 3 m 2)
Type of light:
Visible red light
Light source:
PinPoint LED 3)
Teach-in:
Single teach-in button
Adjustment:
Single teach-in button
Light spot size (distance):
Ø 45 mm (1.5 m)
Mechanics/electronics
Supply voltage:
10 V DC ... 30 V DC 1)
Ripple:
< 5 Vpp 2)
Power consumption:
≤ 30 mA 3)
Output type:
NPN 4)
Output function:
Complementary


Similar Part No. - WL9-3N2432

ManufacturerPart #DatasheetDescription
logo
SICK AG
WL9-3N2430 SICK-WL9-3N2430 Datasheet
880Kb / 7P
   Photoelectric retro-reflective sensor
More results

Similar Description - WL9-3N2432

ManufacturerPart #DatasheetDescription
logo
SICK AG
WL2SGC-2P3234 SICK-WL2SGC-2P3234 Datasheet
756Kb / 7P
   Photoelectric retro-reflective sensor
WLG4-3N1382 SICK-WLG4-3N1382 Datasheet
779Kb / 6P
   Photoelectric retro-reflective sensor
WLG4-3P1482 SICK-WLG4-3P1482 Datasheet
779Kb / 6P
   Photoelectric retro-reflective sensor
WLG4-3P2132 SICK-WLG4-3P2132 Datasheet
793Kb / 6P
   Photoelectric retro-reflective sensor
WLG4S-3P1132V SICK-WLG4S-3P1132V Datasheet
1Mb / 7P
   Photoelectric retro-reflective sensor
WLG4S-3P2232V SICK-WLG4S-3P2232V Datasheet
1Mb / 7P
   Photoelectric retro-reflective sensor
WLG4S-3P2232VS03 SICK-WLG4S-3P2232VS03 Datasheet
1Mb / 6P
   Photoelectric retro-reflective sensor
WL8-P2131 SICK-WL8-P2131 Datasheet
733Kb / 7P
   Photoelectric retro-reflective sensor
WL8-P2231 SICK-WL8-P2231 Datasheet
740Kb / 7P
   Photoelectric retro-reflective sensor
WL8-P2231S05 SICK-WL8-P2231S05 Datasheet
729Kb / 7P
   Photoelectric retro-reflective sensor
WL100-2P1409S31 SICK-WL100-2P1409S31 Datasheet
860Kb / 7P
   Photoelectric retro-reflective sensor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com