Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PP001107 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PP001107
Description  High Temperature Silicone Wire SIAF/GL
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PP001107 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PP001107 Datasheet HTML 1Page - List of Unclassifed Manufacturers PP001107 Datasheet HTML 2Page - List of Unclassifed Manufacturers PP001107 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Page <1>
V1.1
23/09/15
High Temperature
Silicone Wire SIAF/GL
Application:
Designed for use in environments where sustained heat resistance and continued function is required during a fire. They have
heat resistant properties up to 180°C and can also be employed at temperatures as low as -60°C. These wires are low smoke
zero halogen and are particularly suitable for power plants, a wide range of industrial applications in processing, packaging,
refrigeration, foundaries, air craft construction and ship building .
Construction:
Conductor:
SIAF/GL - Class 5 flexible tinnned copper conductor according to BS EN 60228 (previously BS 6360)
Insulation:
Silicone rubber
Outer Covering:
Fibre Glass Braid
Cable Standards
Made in accordance with the following:
Generally to BS EN 50525-2-41
Characteristics:
Voltage Rating (Uo/U)
0.75mm2 and above : 300/500V
Temperature Rating:
Fixed: -60°C to +180°C
Min. Bending Radius:
Fixed
: 4 x overall diamater
Sheath Colour:
Black, Blue, Red & White


Similar Part No. - PP001107

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PP001100 ETC2-PP001100 Datasheet
252Kb / 4P
   High Temperature SIAF
PP001101 ETC2-PP001101 Datasheet
252Kb / 4P
   High Temperature SIAF
PP001102 ETC2-PP001102 Datasheet
252Kb / 4P
   High Temperature SIAF
PP001103 ETC2-PP001103 Datasheet
252Kb / 4P
   High Temperature SIAF
More results

Similar Description - PP001107

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PP001084 ETC2-PP001084 Datasheet
252Kb / 4P
   High Temperature SIAF
logo
Omega Engineering, Inc.
HTRG-1CU OMEGA-HTRG-1CU Datasheet
211Kb / 1P
   Silicone Rubber Insulated High Temperature Heater Hook-Up Wire
logo
SHIELD s.r.l.
MS-GK SHIELD-MS-GK Datasheet
71Kb / 1P
   Silicone, high and low temperature
logo
List of Unclassifed Man...
WI-M-18-0 ETC2-WI-M-18-0 Datasheet
84Kb / 1P
   18AWG Silicone Wire Specifications
114A ETC2-114A Datasheet
56Kb / 2P
   Silicone Insulated Equipment Wire
BU-2929-M-72-0 ETC2-BU-2929-M-72-0 Datasheet
56Kb / 1P
   Testlead, 4mm Stackable Bananas on Silicone Wire
1351267 ETC2-1351267 Datasheet
95Kb / 2P
   EPDM high temperature lead wire
BU-2929-M-39-0 ETC2-BU-2929-M-39-0 Datasheet
56Kb / 1P
   Testlead, 4mm Stackable Bananas on Silicone Wire
BU-2929-M-20-0 ETC2-BU-2929-M-20-0 Datasheet
56Kb / 1P
   Testlead, 4mm Stackable Bananas on Silicone Wire
BU-2929-M-10-0 ETC2-BU-2929-M-10-0 Datasheet
56Kb / 1P
   Testlead, 4mm Stackable Bananas on Silicone Wire
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com