Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WL9-3P3162 Datasheet(PDF) 3 Page - SICK AG

Part # WL9-3P3162
Description  Photoelectric retro-reflective sensor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

WL9-3P3162 Datasheet(HTML) 3 Page - SICK AG

  WL9-3P3162 Datasheet HTML 1Page - SICK AG WL9-3P3162 Datasheet HTML 2Page - SICK AG WL9-3P3162 Datasheet HTML 3Page - SICK AG WL9-3P3162 Datasheet HTML 4Page - SICK AG WL9-3P3162 Datasheet HTML 5Page - SICK AG WL9-3P3162 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Photoelectric sensorsAAAAAAAAAAAAA© SICK AG. Subject to change without notice.AAAAAAAAAAAAA2/22/2016 2:52:00 AM
1) Limit values, operation in short-circuit protected network max. 8 A 2) May not exceed or fall short of VS tolerances 3) Without load 4) 5) Q = light-switching 6) As of
Tu 50 °C, a max. load current Ilmax. = 50 mA is permitted 7) Signal transit time with resistive load 8) With light/dark ratio 1:1 9) Do not bend below 0 °C 10) A = VS
connections reverse-polarity protected 11) B = inputs and output reverse-polarity protected 12) C = interference suppression
Output current Imax.:
≤ 100 mA 6)
Response time:
< 0.5 ms 7)
Switching frequency:
1,000 Hz 8)
Connection type:
Cable with connector M8, 3-pin, 120 mm 9)
Cable material:
PVC
Conductor cross-section:
0.14 mm²
Circuit protection:::
A, B, C 10) 11) 12)
Protection class:
III
Weight:
80 g
Polarisation filter:
ü
Optics material:
PMMA
Enclosure rating:
IP 66
IP 67
IP 69K
Special feature:
Focused optics
Ambient operating temperature:
-40 °C ... +60 °C
Ambient storage temperature:
-40 °C ... +75 °C
UL File No.:
NRKH.E181493
Housing material:
Plastic, VISTAL
Dimensional drawing


Similar Part No. - WL9-3P3162

ManufacturerPart #DatasheetDescription
logo
SICK AG
WL9-3P3130 SICK-WL9-3P3130 Datasheet
843Kb / 7P
   Photoelectric retro-reflective sensor
WL9-3P3132 SICK-WL9-3P3132 Datasheet
846Kb / 7P
   Photoelectric retro-reflective sensor
More results

Similar Description - WL9-3P3162

ManufacturerPart #DatasheetDescription
logo
SICK AG
WL2SGC-2P3234 SICK-WL2SGC-2P3234 Datasheet
756Kb / 7P
   Photoelectric retro-reflective sensor
WLG4-3N1382 SICK-WLG4-3N1382 Datasheet
779Kb / 6P
   Photoelectric retro-reflective sensor
WLG4-3P1482 SICK-WLG4-3P1482 Datasheet
779Kb / 6P
   Photoelectric retro-reflective sensor
WLG4-3P2132 SICK-WLG4-3P2132 Datasheet
793Kb / 6P
   Photoelectric retro-reflective sensor
WLG4S-3P1132V SICK-WLG4S-3P1132V Datasheet
1Mb / 7P
   Photoelectric retro-reflective sensor
WLG4S-3P2232V SICK-WLG4S-3P2232V Datasheet
1Mb / 7P
   Photoelectric retro-reflective sensor
WLG4S-3P2232VS03 SICK-WLG4S-3P2232VS03 Datasheet
1Mb / 6P
   Photoelectric retro-reflective sensor
WL8-P2131 SICK-WL8-P2131 Datasheet
733Kb / 7P
   Photoelectric retro-reflective sensor
WL8-P2231 SICK-WL8-P2231 Datasheet
740Kb / 7P
   Photoelectric retro-reflective sensor
WL8-P2231S05 SICK-WL8-P2231S05 Datasheet
729Kb / 7P
   Photoelectric retro-reflective sensor
WL100-2P1409S31 SICK-WL100-2P1409S31 Datasheet
860Kb / 7P
   Photoelectric retro-reflective sensor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com