Electronic Components Datasheet Search |
|
QSB7524S24 Datasheet(PDF) 2 Page - XP Power Limited |
|
QSB7524S24 Datasheet(HTML) 2 Page - XP Power Limited |
2 / 4 page QSB75/100 Models and Ratings Notes Notes 1. Ripple & noise is measured with a 10 µF tantalum capacitor and 1.0 µF ceramic capacitor across output. 2. Logic compatibility: Ref to -ve input. Module On = open circuit. Module Off = <0.8 VDC. 3. Add suffix ‘N’ to the model number to receive the unit with negative logic Remote On/Off. 4. Input current specified at 24 V for 9-36 VDC and 48 V for 18-75 VDC models. Mechanical Details Input Voltage Output Voltage Output Current Input Current(4) Efficiency Model Number(3) No Load Full Load 9-36 VDC (24 V nominal) 3.3 V 12.00 A 50 mA 2.04 A 81.0% QSB7524S3V3 5.0 V 12.00 A 50 mA 2.98 A 84.0% QSB7524S05 12.0 V 6.25 A 50 mA 3.64 A 86.0% QSB7524S12 15.0 V 5.00 A 50 mA 3.64 A 86.0% QSB7524S15 24.0 V 3.12 A 50 mA 3.63 A 86.0% QSB7524S24 18-75 VDC (48 V nominal) 3.3 V 12.00 A 30 mA 1.10 A 82.0% QSB7548S3V3 5.0 V 12.00 A 30 mA 1.47 A 85.0% QSB7548S05 12.0 V 6.25 A 30 mA 1.82 A 86.0% QSB7548S12 15.0 V 5.00 A 30 mA 1.80 A 87.0% QSB7548S15 24.0 V 3.12 A 30 mA 1.80 A 87.0% QSB7548S24 9-36 VDC (24 V nominal) 3.3 V 30.00 A 120 mA 4.80 A 86.0% QSB10024S3V3 5.0 V 20.00 A 120 mA 4.82 A 86.5% QSB10024S05 12.0 V 8.30 A 80 mA 4.80 A 86.5% QSB10024S12 15.0 V 6.70 A 80 mA 4.84 A 86.5% QSB10024S15 24.0 V 4.17 A 80 mA 4.79 A 87.0% QSB10024S24 18-75 VDC (48 V nominal) 3.3 V 30.00 A 60 mA 2.37 A 88.0% QSB10048S3V3 5.0 V 20.00 A 60 mA 2.37 A 88.0% QSB10048S05 12.0 V 8.30 A 30 mA 2.36 A 88.0% QSB10048S12 15.0 V 6.70 A 30 mA 2.38 A 88.0% QSB10048S15 24.0 V 4.17 A 30 mA 2.37 A 88.0% QSB10048S24 1.03 (26.2) 1.45 (36.8) 2.00 (50.80) 1 0.60 (15.24) 0.50 (12.70) 0.16 (4.1) min. ø 0.040 (1.02) Pins 1,2,3,5,6,7 ø 0.059 (1.50) Pins 4,8 3 2 4 6 7 8 5 2.28 (57.90) 1.14 (28.96) 0.73 (18.42) 0.60 (15.24) Mounting hole diameter: 0.126 (3.2) clearance hole 0.30 (7.62) 1.86 (47.20) BOTTOM VIEW PIN CONNECTIONS Pin Function 1 +Vin 2 Remote On/Off 3 -Vin 4 -Vout 5 -Sense 6 Trim 7 +Sense 8 +Vout 1. Dimensions are in inches (mm) 2. Tolerances: X.XX = ±0.02 (X.X = ±0.5) X.XXX = ±0.01 (X.XX = ±0.25) 3. Weight: 0.15 lbs (66 g) approx Air Flow Rate Typical Rca Natural Convection 20 ft. / min (0.1 ms) 10.1 °C/W 100 ft./min (0.5 ms) 8.0 °C/W 200 ft./min (1.0 ms) 5.4 °C/W 300 ft./min (1.5 ms) 4.4 °C/W 400 ft./min (2.0 ms) 3.4 °C/W Rca = Thermal resistance case to ambient Thermal Resistance Information Maximum Power Dissipation vs Ambient Temperature and Air Flow without heatsink 0 2 4 6 8 10 12 14 16 18 20 22 24 26 28 30 0 10 20 30 40 50 60 70 80 90 100 Ambient Temperature ,Ta (ºC) Natural Convection 20 ft./min. (0.1 m/s) 100 ft./min. (0.5 m/s) 200 ft./min. (1.0 m/s) 300 ft./min. (1.5 m/s) 400 ft./min. (2.0 m/s) Derating Curve |
Similar Part No. - QSB7524S24 |
|
Similar Description - QSB7524S24 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |