Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB2065FCT Datasheet(PDF) 1 Page - Frontier Electronics.

Part # SB2065FCT
Description  20A SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

SB2065FCT Datasheet(HTML) 1 Page - Frontier Electronics.

  SB2065FCT Datasheet HTML 1Page - Frontier Electronics. SB2065FCT Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SB2040(F)CT THRU SB2065(F)CT SPECIFICATION
Rev. A
Frontier Electronics Corp.
®
Page 1 of 2
667 E. Cochran St., Simi Valley, CA 93065
http://www.frontierusa.com
Phone: 1-805-522-9998, Fax: 1-805-522-9989
Fig 2. ITO-220AB FOR SB20xxFCT
20A SCHOTTKY BARRIER RECTIFIERS
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS (TA =25°C UNLESS OTHERWISE NOTED ) AND ELECTRICAL CHARACTERISTICS
RATING
SYMBOL
V
A
L
U
E
UNITS
MAXIMUM AVERAGE FORWARD RECTIFIED CURRENT, SEE FIG.1
n
IO
20 PER DEVICE (10 PER LEG)
A
PEAK FORWARD SURGE CURRENT, 8.3ms SINGLE HALF
SINE-WAVE SUPERIMPOSED ON RATED LOAD
IFSM
150
A
TYPICAL THERMAL RESISTANCE
R
θjC
2.2 (4.0
FOR ≥60V DEVICE)
°C/W
STORAGE TEMPERATURE RANGE
TSTG
- 65 TO +175
°C
OPERATING TEMPERATURE RANGE
TJ
- 55 TO +125
°C
MAXIMUM REVERSE CURRENT AT 25°C PER LEG (NOTE 1)
IR
0.5
mA
MAXIMUM REVERSE CURRENT AT 125°C PER LEG (NOTE 1)
IR
20
mA
ISOLATION VOLTAGE FROM TERMINAL TO HEATSINK T=1MIN
1500 (FOR SB20xxFCT ONLY)
VAC
PART NUMBER
MAX RECURRENT PK REVERSE
VOLTAGE/DC BLOCKING VRRM/VR (V)
MAX VRMS (V)
MAXIMUM FORWARD VOLTAGE VF @ IF=10A
@25°C
@125°C
SB2040(F)CT
40
28
0.55V
0.50V
SB2045(F)CT
45
31.5
0.55V
0.50V
SB2060(F)CT
60
42
0.65V
0.60V
SB2065(F)CT
65
45.5
0.65V
0.60V
NOTE︰ 1. PULSE TEST: 300μS PULSE WIDTH, 1% DUTY CYCLE.
2. CURRENT RATING IS BASED ON SINGLE PHASE, 1/2 WAVE, 60HZ, RESISTIVE OR INDUCTIVE LOAD. FOR CAPACITIVE LOAD,
DERATE CURRENT BY 20%.
PRODUCT FEATURES
1.
FLAMMABILITY CLASSIFICATION 94V-0
2.
EXTREMELY LOW VF
3.
LOW STORED CHARGE
4.
MAJORITY CARRIER CONDUCTION
5.
LOW POWER LOSS/HIGH EFFICIENCY
6.
CASE: TRANSFER MOLDED
TO-220AB FOR SB20xxCT
ITO-220AB FOR SB20xxFCT
7.
DIMENSIONS IN INCHES AND (MILLIMETERS)
8.
LEADS: SOLDERABILITY PER MIL-STD-202 METHOD 208
9.
WEIGHT: 2.15 GRAMS (TO-220AB)
1.55GRAMS (ITO-220AB)
10
RoHS COMPLIANT AND HALOGEN FREE
Fig 1. TO-220AB FOR SB20xxCT


Similar Part No. - SB2065FCT

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SB2065FCT LUGUANG-SB2065FCT Datasheet
2Mb / 2P
   20A High Power Schottky Barrier Rectifiers
More results

Similar Description - SB2065FCT

ManufacturerPart #DatasheetDescription
logo
MORE Semiconductor Comp...
MBR20100FCT MORESEMI-MBR20100FCT Datasheet
694Kb / 2P
   20A Schottky Barrier Rectifiers
MBR20150CT MORESEMI-MBR20150CT Datasheet
864Kb / 2P
   20A Schottky Barrier Rectifiers
MBR20150FCT MORESEMI-MBR20150FCT Datasheet
774Kb / 2P
   20A Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SM20200D SECOS-SM20200D_15 Datasheet
205Kb / 2P
   20A Schottky Barrier Rectifiers
SM20200D SECOS-SM20200D Datasheet
308Kb / 2P
   20A Schottky Barrier Rectifiers
logo
Frontier Electronics.
MBR2040CT FRONTIER-MBR2040CT Datasheet
528Kb / 2P
   20A SCHOTTKY BARRIER RECTIFIERS
logo
MORE Semiconductor Comp...
MBR2045FCT MORESEMI-MBR2045FCT Datasheet
710Kb / 2P
   20A Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SM20150D SECOS-SM20150D_15 Datasheet
242Kb / 2P
   20A Schottky Barrier Rectifiers
logo
Frontier Electronics.
F20S45-THRU-F20S50 FRONTIER-F20S45-THRU-F20S50 Datasheet
497Kb / 2P
   20A SCHOTTKY BARRIER RECTIFIERS
logo
MORE Semiconductor Comp...
MBR20100CT MORESEMI-MBR20100CT Datasheet
770Kb / 2P
   20A Schottky Barrier Rectifiers
MBR20200CT MORESEMI-MBR20200CT Datasheet
894Kb / 2P
   20A Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com