Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB240S24K Datasheet(PDF) 2 Page - SL Power Electronics

Part # LB240S24K
Description  240W Single Output LED Supply
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

LB240S24K Datasheet(HTML) 2 Page - SL Power Electronics

  LB240S24K Datasheet HTML 1Page - SL Power Electronics LB240S24K Datasheet HTML 2Page - SL Power Electronics LB240S24K Datasheet HTML 3Page - SL Power Electronics LB240S24K Datasheet HTML 4Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LB240S
240W Single Output LED Supply
www.slpower.com
LB240S56K REV 10.0
10-MAY-2015
Efficiency
VIN
24V
48V
56V
(Vac)
-------
-------
-------
115
88%
90%
90%
230
90%
92%
92%
Overvoltage
Protection
OVP latch, remove AC input to reset.
Output Power
240 Watts max. with 300 LFM
Switching
Frequency
PFC: Fixed, 65kHz
Main Converter: Variable 35-200kHz, 65-
70kHz at full load
Transient
Response
For 5% to 50% or 50% to 5% load
change: <20 mSec, return to 1% of
nominal, di/dt <0.2A/uS. Max voltage
deviation=3%
For 50% to 100% or 100% to 50% load
change: <1 mSec, return to 1% of
nominal, di/dt <0.2A/uS. Max voltage
deviation=3%
For 5% to 100% or 100% to 5% load
change: 25 mSec, return to 1% of
nominal, di/dt <0.2A/uS. Max voltage
deviation=4%
Isolation
Input-Output:
3,000Vac
Input-Ground:
1,800Vac
Output-Ground: 1,500Vac
Ripple and
Noise
0.5%rms, 1% pk-pk, see chart.
Operating
Temperature
-10°C to +70°C( See Below Chart)
Start Up at -40°C
Output Voltage
See Model Chart
Heat-Sink
Temperature
To maintain Safety approval & life
expectancy, heat-sink temperature should
not exceed 85°C
Voltage
Adjustability
Fixed Output
Storage
Temperature
-40°C to +85°C
Minimum Load
Not required
Altitude
Operating: -457 to 3000 m
Non-operating: -457 to 12,192m.
Total Regulation
+/- 3% combined line, load and initial
setting.
Relative Humidity
5% to 95%, non-condensing
Vibration
Operating: 0.003g²/Hz, 1.5grms overall,
3 axes, 1 hr/axis
Non-Operating: 0.026g²/Hz, 5.0grms
overall, 3 axes, 10 min/axis
Shock
Operating: Half-sine, 20gpk, 10ms, 3 axes,
6 shocks total
Non-Operating: Half-sine, 40 gpk, 10 ms,
3axes, 6 shocks total
Dimensions
W: 3.0” x L: 5.0” x H: 1.3”
“H” option: 3.0”x 6.0” x1.5”
Safety Standards
EN/CSA/UL/IEC 60950-1, 2nd Edition
Weight
370g
“H” option: TBD
Life
100,000 hours, 50C for 240W
40,000 hours, 70C for 130W
Audible Noise
20 dB A max per ISO7779
with 0% - 100% static load
25 dB A max per ISO7779
with 0% - 100% - 0% transient load
MTBF
438,540 hours.
Conditions:
Standard: Telcordia SR-332 issue 3
Ambient temp: 25c
Voltage: 110v
Level: 0/1
Environment: Ground, fixed, controlled
The specification above is based on 25°C ambient and where applicable at nominal input voltage of 100 to 240VAC.
Ambient
Cooling Method
Wattage (watts)
50˚C
Forced Air, 300 LFM
240
60˚C
Forced Air, 200 LFM
190
70˚C
Forced Air, 200 LFM
160
70˚C with Max. Temperature of primary heat-sink to be held under 85˚C
Conduction
130
50˚C
Convection
160
40°C with “H” option, Max. Temp of cold plate to be held under 60˚C
Conduction
200


Similar Part No. - LB240S24K

ManufacturerPart #DatasheetDescription
logo
Polyfet RF Devices
LB2401 POLYFET-LB2401 Datasheet
97Kb / 2P
   RF POWER LDMOS TRANSISTOR
logo
SIPAT Co,Ltd
LB240DS01 SIPAT-LB240DS01 Datasheet
147Kb / 3P
   240MHz SAW Filter 30MHz Bandwidth
LB240DS01 SIPAT-LB240DS01 Datasheet
152Kb / 3P
   240MHz SAW Filter
logo
Seoul Semiconductor
LB240Z SEOUL-LB240Z Datasheet
390Kb / 12P
   GREEN OVAL LAMP LED
More results

Similar Description - LB240S24K

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HVGC-240 MEANWELL-HVGC-240 Datasheet
129Kb / 6P
   240W Single Output LED Power Supply
HLG-240 MEANWELL-HLG-240 Datasheet
334Kb / 6P
   240W Single Output Switching Power Supply
logo
Astrodyne Corporation
S-240 ASTRODYNE-S-240 Datasheet
330Kb / 2P
   240W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
HLG-240 MEANWELL-HLG-240_11 Datasheet
342Kb / 6P
   240W Single Output Switching Power Supply
HLG-240H MEANWELL-HLG-240H_12 Datasheet
376Kb / 6P
   240W Single Output Switching Power Supply
S-240 MEANWELL-S-240 Datasheet
314Kb / 2P
   240W Single Output Switching Power Supply
HLG-240H MEANWELL-HLG-240H Datasheet
486Kb / 6P
   240W Single Output Switching Power Supply
HLG-240 MEANWELL-HLG-240_12 Datasheet
373Kb / 6P
   240W Single Output Switching Power Supply
HEP-240 MEANWELL-HEP-240 Datasheet
85Kb / 4P
   240W Single Output Switching Power Supply
HLG-240H MEANWELL-HLG-240H_11 Datasheet
343Kb / 6P
   240W Single Output Switching Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com