Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB130S56K Datasheet(PDF) 3 Page - SL Power Electronics

Part # LB130S56K
Description  130W Single Output LED Supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

LB130S56K Datasheet(HTML) 3 Page - SL Power Electronics

  LB130S56K Datasheet HTML 1Page - SL Power Electronics LB130S56K Datasheet HTML 2Page - SL Power Electronics LB130S56K Datasheet HTML 3Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
LB130S
130W Single Output LED Supply
www.slpower.com
LB130S56K REV 1.9 15-APRIL-14
EMI/EMC Compliance
Conducted Emissions
EN55015 Class B, FCC Part 15, Subpart B, Class B
Radiated Emissions
EN55022 Class A, FCC Part 15, Subpart B, Class A w/6db margin
Static Discharge Immunity
EN61000-4-2, 6kV Contact Discharge, 8kV air discharge
Radiated RF Immunity
EN61000-4-3, 3V/m.
EFT/Burst Immunity
EN61000-4-4, 2kV/5kHz
Line Surge Immunity
EN61000-4-5, 1kV differential, 2kV common-mode
Conducted RF Immunity
EN61000-4-6, 3Vrms
Power Frequency Magnetic Field Immunity
EN61000-4-8, 3A/m
Voltage Dip Immunity
EN61000-4-11, 100%, 10ms; 30%, 275ms; 60%, 100ms;
Performance
Criteria A, A, & A at 70% load.
Line Harmonic Emissions
EN61000-3-2, Class C from no load to 100% load
Flicker Test
EN61000-3-3, Complies (dmax<6%)
Mechanical Drawing
Notes: 1. All dimensions in inches (mm), tolerances
are mentioned for each measurement
2. Mounting holes should be grounded for
EMI purposes.
3. FG is safety ground connection.
4. The power supply requires mounting on
metal standoffs 0.20” (5mm) in height, min.
Connector Information
Input Connector
J100
Ground
(FG)
DC Output Connector
J300
PIN 1) AC LINE
PIN 2) EMPTY
PIN 3) AC NEUTRAL
0.25” FASTON TAB
Term. 1,2,3: RTN
Term. 4,5,6: +Vout
Mating Connector:
AMP Molex 640250-3
Pins: 640252-2
Mating Connector:
Molex 190020001
Mating Connector:
AMP 640250-6
Pins: 640252-2
Data Sheet © 2014 SL Power Electronics Corp. The information and specifications contained herein are believed to be correct at the time of publication. However, SL Power accepts no responsibility for
consequences arising from reproduction errors or inaccuracies. Specifications are subject to change without notice.


Similar Part No. - LB130S56K

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LB130Z SEOUL-LB130Z Datasheet
390Kb / 12P
   GREEN OVAL LAMP LED
More results

Similar Description - LB130S56K

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
LB240S SLPOWER-LB240S Datasheet
280Kb / 4P
   240W Single Output LED Supply
logo
DENSEI-LAMBDA
ZWQ80 LAMBDA-ZWQ80 Datasheet
140Kb / 2P
   Quad output 80W ~ 130W
logo
Mean Well Enterprises C...
ELG-150-C MEANWELL-ELG-150-C Datasheet
177Kb / 8P
   150W Single Output LED Power Supply
GSC25B MEANWELL-GSC25B Datasheet
107Kb / 4P
   25W Single Output LED Power Supply
LPC-100 MEANWELL-LPC-100 Datasheet
73Kb / 2P
   100W Single Output LED Power Supply
PLN-45-12 MEANWELL-PLN-45-12 Datasheet
190Kb / 2P
   45W Single Output LED Power Supply
PLC-45 MEANWELL-PLC-45 Datasheet
144Kb / 3P
   45W Single Output LED Power Supply
PLN-30 MEANWELL-PLN-30_11 Datasheet
200Kb / 3P
   30W Single Output LED Power Supply
PLP-30 MEANWELL-PLP-30_11 Datasheet
330Kb / 3P
   30W Single Output LED Power Supply
HLG-120H-C MEANWELL-HLG-120H-C Datasheet
406Kb / 6P
   150W Single Output LED Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com