Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI4730-D50 Datasheet(PDF) 1 Page - Silicon Laboratories

Part # SI4730-D50
Description  BROADCAST AM/FM RADIO RECEIVER
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4730-D50 Datasheet(HTML) 1 Page - Silicon Laboratories

  SI4730-D50 Datasheet HTML 1Page - Silicon Laboratories SI4730-D50 Datasheet HTML 2Page - Silicon Laboratories SI4730-D50 Datasheet HTML 3Page - Silicon Laboratories SI4730-D50 Datasheet HTML 4Page - Silicon Laboratories SI4730-D50 Datasheet HTML 5Page - Silicon Laboratories SI4730-D50 Datasheet HTML 6Page - Silicon Laboratories SI4730-D50 Datasheet HTML 7Page - Silicon Laboratories SI4730-D50 Datasheet HTML 8Page - Silicon Laboratories SI4730-D50 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
Rev. 1.0 2/11
Copyright © 2011 by Silicon Laboratories
Si4730/31-D50
Si4730/31-D50
B ROADCAST AM/FM R ADIO R ECEIVER
Features
*Note:
For consumer electronics applications, use Si4730/31-D60 for worldwide
CE and EN compliance.
Applications
Description
The Si4730/31-D50 is the fourth generation digtial CMOS AM/FM radio receiver
IC from Silicon Labs. The Si4730/31-D50 integrates the complete tuner function
from antenna input to audio output.
Functional Block Diagram
Worldwide FM band support
(64–108 MHz)
Worldwide AM band support
(520–1710 kHz)
Excellent real-world performance
Integrated VCO
Advanced AM/FM seek tuning
AM/FM digital tuning
Automatic frequency control (AFC)
Automatic gain control (AGC)
Digital FM stereo decoder
Programmable AVC max gain
Programmable de-emphasis
Seven selectable AM channel filters
Advanced audio processing
No manual alignment necessary
Programmable reference clock
Volume control
Adjustable soft mute control
RDS/RBDS processor (Si4731 only)
I2S digital audio out
2-wire and 3-wire control interface
Integrated LDO regulator
Wide range of ferrite loop sticks and
air loop antennas supported
QFN package
RoHS compliant
Not suitable for wall-plugged
consumer electronic applications*
Cellular handsets
MP3 players
Portable navigation
Mobile Internet Devices
USB FM radio
Tablets
eBooks
ADC
ADC
Si473x
DSP
DAC
DAC
FMI
FM
ANT
VD
1.62–3.6 V
CONTROL
INTERFACE
ROUT
LOUT
LDO
VA
GND
2.7– 5.5 V
RDS
(Si4731)
AM
ANT
RFGND
AMI
LNA
LNA
LOW-IF
DIGITAL
AUDIO
DOUT
DFS
GPO/DCLK
AGC
AGC
AFC
This product, its features, and/or its
architecture is covered by one or more of
the following patents, as well as other
patents, pending and issued, both
foreign
and
domestic:
7,127,217;
7,272,373;
7,272,375;
7,321,324;
7,355,476;
7,426,376;
7,471,940;
7,339,503; 7,339,504.
Ordering Information:
See page 26.
Pin Assignments
GND
PAD
1
2
3
17
18
19
20
11
12
13
14
6
7
8
9
4
5
16
10
15 DOUT
LOUT
ROUT
GND
RST
NC
AMI
VA
FMI
RFGND
Si4730/31


Similar Part No. - SI4730-D50

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI4730-D50 SKYWORKS-SI4730-D50 Datasheet
413Kb / 33P
   BROADCAST AM/FM RADIO RECEIVER
Revision 0.2 to Revision 1.0
SI4730-D50-GM SKYWORKS-SI4730-D50-GM Datasheet
413Kb / 33P
   BROADCAST AM/FM RADIO RECEIVER
Revision 0.2 to Revision 1.0
More results

Similar Description - SI4730-D50

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4730-D60 SILABS-SI4730-D60 Datasheet
990Kb / 3P
   Broadcast AM/FM Radio Receiver
SI4736-C40 SILABS-SI4736-C40 Datasheet
1Mb / 42P
   BROADCAST AM/FM RADIO RECEIVER
SI4730-C40-GU SILABS-SI4730-C40-GU Datasheet
370Kb / 42P
   BROADCAST AM/FM RADIO RECEIVER
SI4730 SILABS-SI4730 Datasheet
197Kb / 2P
   Broadcast AM/FM Radio Receiver
SI4736-C40-GUR SILABS-SI4736-C40-GUR Datasheet
1Mb / 42P
   BROADCAST AM/FM RADIO RECEIVER
logo
Skyworks Solutions Inc.
SI4730-D50 SKYWORKS-SI4730-D50 Datasheet
413Kb / 33P
   BROADCAST AM/FM RADIO RECEIVER
Revision 0.2 to Revision 1.0
logo
Silicon Laboratories
SI4730-C40-GM SILABS-SI4730-C40-GM Datasheet
370Kb / 42P
   BROADCAST AM/FM RADIO RECEIVER
SI4830 SILABS-SI4830 Datasheet
1Mb / 3P
   Broadcast Mechanical Tuning AM/FM Radio Receiver
SI4730-D60-GU SILABS-SI4730-D60-GU Datasheet
1Mb / 42P
   BROADCAST AM/FM/SW/LW RADIO RECEIVER
logo
Skyworks Solutions Inc.
SI4730-D60 SKYWORKS-SI4730-D60 Datasheet
503Kb / 40P
   BROADCAST AM/FM/SW/LW RADIO RECEIVER
Revision 1.0 to Revision 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com